Part Number Hot Search : 
MC341 1232085 VQ36140 ULN2068B TY26MX 082CN LT0199 082CN
Product Description
Full Text Search
 

To Download LTV-852 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
FEATURES
* High current transfer ratio ( CTR : MIN. 1000% at IF = 1mA, VCE = 2V ) * High input-output isolation voltage ( Viso = 5,000Vrms ) * High collector-emitter voltage ( VCEO = 300V ) * Dual-in-line package : LTV-852 : 1-channel type LTV-8D52 : 2-channel type * Wide lead spacing package : LTV-852M : 1-channel type LTV-8D52M : 2-channel type * Surface mounting package : LTV-852S : 1-channel type LTV-8D52S : 2-channel type * Tape and reel packaging : LTV-852S-TA1, LTV-8D52S-TA1, LTV-852S-TA, LTV-8D52-TA * UL approved ( No. E113898 ) * TUV approved ( No. R9653630 ) * CSA approved ( No. CA91533-1 ) * FIMKO approved ( No. 202944 ) * NEMKO approved ( No. P98101736 ) * DEMKO approved ( No. 307924 ) * SEMKO approved ( No. 9833166 / 01-20 ) * VDE approved ( No. 094722 )
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page :
1 of 11
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
OUTLINE DIMENSIONS
LTV-852 :
LTV-8D52 :
*1. Year date code. *2. 2-digit work week. *3. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand, X : China).
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page :
2 of 11
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
OUTLINE DIMENSIONS
LTV-852M :
LTV-8D52M :
*1. Year date code. *2. 2-digit work week. *3. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand, X : China).
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page :
3 of 11
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
OUTLINE DIMENSIONS
LTV-852S :
LTV-8D52S :
*1. Year date code. *2. 2-digit work week. *3. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand, X : China).
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page :
4 of 11
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
TAPING DIMENSIONS
LTV-852S-TA1 :
LTV-8D52S-TA1 :
Description Tape wide Pitch of sprocket holes Distance of compartment Distance of compartment to compartment
Symbol W P0 F P2 P1
Dimensions in mm ( inches ) 16 0.3 ( .63 ) 4 0.1 ( .15 ) 7.5 0.1 ( .295 ) 2 0.1 ( .079 ) 12 0.1 ( .472 )
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page :
5 of 11
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
TAPING DIMENSIONS
LTV-852S-TA :
LTV-8D52S-TA :
Description Tape wide Pitch of sprocket holes Distance of compartment Distance of compartment to compartment
Symbol W P0 F P2 P1
Dimensions in mm ( inches ) 16 0.3 ( .63 ) 4 0.1 ( .15 ) 7.5 0.1 ( .295 ) 2 0.1 ( .079 ) 12 0.1 ( .472 )
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page :
6 of 11
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
ABSOLUTE MAXIMUM RATING
( Ta = 25C )
PARAMETER Forward Current INPUT Reverse Voltage Power Dissipation Collector - Emitter Voltage Emitter - Collector Voltage OUTPUT Collector Current Collector Power Dissipation Total Power Dissipation *1 Isolation Voltage Operating Temperature Storage Temperature *2 Soldering Temperature IC PC Ptot Viso Topr Tstg Tsol 150 150 200 5,000 -30 ~ +100 -55 ~ +125 260 mA mW mW Vrms C C C SYMBOL IF VR P VCEO VECO RATING 50 6 70 300 0.1 UNIT mA V mW V V
*1. AC For 1 Minute, R.H. = 40 ~ 60% Isolation voltage shall be measured using the following method. (1) Short between anode and cathode on the primary side and between collector and emitter on the secondary side. (2) The isolation voltage tester with zero-cross circuit shall be used. (3) The waveform of applied voltage shall be a sine wave. *2. For 10 Seconds
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page :
7 of 11
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25C )
PARAMETER Forward Voltage INPUT Reverse Current Terminal Capacitance Collector Dark Current Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector Current *1 Current Transfer Ratio Collector-Emitter Saturation Voltage Isolation Resistance Floating Capacitance Cut-Off Frequency Response Time (Rise) Response Time (Fall) SYMBOL MIN. TYP. MAX. UNIT VF IR Ct ICEO BVCEO -- -- -- -- 300 1.2 -- 30 -- -- 1.4 10 250 200 -- V A pF nA V CONDITIONS IF=10mA VR=4V V=0, f=1KHz VCE=200V, IF=0 IC=0.1mA IF=0 IE=10A IF=0 IF=1mA VCE=2V IF=20mA IC=100mA DC500V 40 ~ 60% R.H. V=0, f=1MHz VCE=2V, IC=20mA RL=100, -3dB VCC=2V, IC=20mA RL=100
OUTPUT
BVECO IC CTR VCE(sat)
0.1 10
-- 40
-- 150
V mA % V pF kHz s s
1,000 4,000 15,000 -- -- 1.2
TRANSFER CHARACTERISTICS
Riso Cf fc tr tf
5x1010 1x1011 -- 1 -- -- 0.6 7 100 20
-- 1 -- 300 100
*1 CTR =
IC x 100% IF
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page :
8 of 11
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs. Ambient Temperature
60
Forward current I F (mA)
Fig.2 Collector Power Dissipation vs. Ambient Temperature
Collector power dissipation Pc (mW)
200
50 40 30 20 10 0 -30
150
100
50
0
25
50
75
100
o
125
0 -30
0
20
40
60
o
80
100
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Fig.3 Collector-emitter saturation Voltage vs. Forward current
5
Collector-emitter saturation voltage V (sat) (V)
Fig.4 Forward Current vs. Forward Voltage
100 100 C 80 C 10 60 C
o o o
4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0 1 2
Forward current (mA)
Ic=5mA 10mA 30mA 50mA 70mA 100mA
40 C 20 C
o
o
3
4
5
1
0.5 0.7 0.9 1.1
1.3 1.5 1.7 1.9
Forward current IF (mA)
Forward voltage (V)
Fig.5 Current Transfer Ratio vs. Forward Current
7000
Current transfer ratio CTR (%)
Fig.6 Collector Current vs. Collector-emitter Voltage
100
Collector current Ic (mA)
VCE=2V
6000 5000 4000 3000 2000 1000 0 0.1 1 Forward current (mA) 10
10mA 5mA 80 3mA 60 40 20 0
2.5mA 2mA 1.5mA 1mA PC (MAX.)
IF=0.5mA 0 1 2 3 4 5
Collector-emitter voltage V CE(V)
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page :
9 of 11
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.7 Relative Current Transfer Ratio vs. Ambient Temperature
1.0
Relative current transfer ratio (%)
Fig.8 Collector-emitter Saturation Voltage vs. Ambient Temperature
Collector-emitter saturation voltage VCE (sat) (V)
0.8 0.6 0.4 0.2 0
IF=1mA VCE=2V
1.20 1.10 1.00 0.90 0.80 0.70 0.60 0.50 0.40 0.30 0.20 20
I F=20mA Ic=100mA
20
40
60
80
O
100
40
60
80
O
100
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Fig.9 Collector Dark Current vs. Temperature
1000
Fig.10 Response Time vs. Load Resistance
1000 500
Collector dark current ICEO (nA)
VCE =200V
VCE=2V IC=20mA
tr tf td ts
Response time ( s)
200 100 50 20 10 5 2 1
100
10
20
40
60
80
O
100
0.1
1
10
Ambient temperature Ta ( C)
Load resistance RL (k )
Fig.11 Frequency Response
Test Circuit for Response Time
Vcc VCE=2V IC=20mA Input RD RL Input Output Output td tr ts tf
0
Voltage gain Av (dB)
10% 90%
-5 -10 -15 -20 -25 0.1 1 10 100 500
RL=1k
100
10
Test Circuit for Frequency Response
Vcc RD RL Output
Frequency f (kHz)
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page : 10 of 11
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of LITE-ON Only
RECOMMENDED FOOT PRINT PATTERNS (MOUNT PAD)
Unit : mm 4 PIN 8 PIN
Part No. : LTV-852 / 8D52 ( M, S, S-TA, S-TA1 )
BNS-OD-C131/A4
Page : 11 of 11


▲Up To Search▲   

 
Price & Availability of LTV-852

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X