Part Number Hot Search : 
T2222 2SC2920 D7201 ET375 XGXXX GF32C3 KSH44H11 MAX6041
Product Description
Full Text Search
 

To Download KK74HCT245A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
KK74HCT245A
Octal 3-State Noninverting Bus Transceiver
High-Performance Silicon-Gate CMOS
The KK74HCT245A is identical in pinout to the LS/ALS245.This device may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. The KK74HCT245A is a 3-state noninverting transceiver that is used for 2-way asynchronous communication between data buses. The device has an active-low Output Enable pin, which is used to place the I/O ports into high-impedance states. The Direction control determines whether data flows from A to B or from B to A. * TTL/NMOS Compatible Input Levels * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 4.5 to 5.5 V * Low Input Current: 1.0 A
ORDERING INFORMATION KK74HCT245AN Plastic KK74HCT245ADW SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
FUNCTION TABLE
PIN 20=VCC PIN 10 = GND Control Inputs Output Enable L Direction L Operation Data Transmitted from Bus B to Bus A Data Transmitted from Bus A to Bus B Buses Isolated (High Impedance State)
L
H
H
X
X = don't care
1
KK74HCT245A
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 35 75 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) Min 4.5 0 -55 0 Max 5.5 VCC +125 500 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
KK74HCT245A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 2.0 2.0 0.8 0.8 4.4 5.4 3.98 0.1 0.1 0.26 0.1 0.5 85 C 2.0 2.0 0.8 0.8 4.4 5.4 3.84 0.1 0.1 0.33 1.0 5.0 125 C 2.0 2.0 0.8 0.8 4.4 5.4 3.7 0.1 0.1 0.4 1.0 10 A A V Unit
VIH VIL VOH
Minimum HighLevel Input Voltage Maximum Low Level Input Voltage Minimum HighLevel Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 6.0 mA
4.5 5.5 4.5 5.5 4.5 5.5 4.5 4.5 5.5 4.5 5.5 5.5
V V V
VOL
Maximum LowLevel Output Voltage
VIN= VIL or VIH IOUT 20 A VIN= VIL or VIH IOUT 6.0 mA
IIN IOZ
Maximum Input Leakage Current Maximum ThreeState Leakage Current
VIN=VCC or GND, Pin 1 or 19 Output in High-Impedance State VIN= VIL or VIH VOUT=VCC or GND, I/O Pins VIN=VCC or GND IOUT=0A VIN=2.4 V, Any One Input VIN=VCC or GND, Other Inputs IOUT=0A
ICC
Maximum Quiescent Supply Current (per Package) Additional Quiescent Supply Current
5.5
4.0
40
160
A
ICC
-55C
25C to 125C 2.4
mA
5.5
2.9
3
KK74HCT245A
AC ELECTRICAL CHARACTERISTICS (VCC =5.0 V 10%, CL=50pF,Input tr=tf=6.0 ns)
Guaranteed Limit Symbol Parameter 25 C to -55C 22 32 30 12 10 15 85C 125C Unit
tPLH, tPHL tPLZ, tPHZ tPZL, tPZH tTLH, tTHL CIN COUT
Maximum Propagation Delay, A to B or B to A (Figures 1 and 3) Maximum Propagation Delay , Direction or Output Enable to A or B (Figures 2 and 4) Maximum Propagation Delay , Direction or Output Enable to A or B (Figures 2 and 4) Maximum Output Transition Time, Any Output (Figures 1 and 3) Maximum Input Capacitance (Pin 1 or Pin 19) Maximum Three-State I/O Capacitance (I/O in High-Impedance State) Power Dissipation Capacitance (Per Enable Output)
28 40 38 15 10 15
33 48 45 18 10 15
ns ns ns ns pF pF
Typical @25C,VCC=5.0 V 97 pF
CPD
Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4
KK74HCT245A
Figure 3. Test Circuit
Figure 4. Test Circuit
EXPANDED LOGIC DIAGRAM
5
KK74HCT245A
N SUFFIX PLASTIC DIP (MS - 001AD)
A
Dimension, mm
20 11 B 1 10
Symbol A B C
MIN 24.89 6.1
MAX 26.92 7.11 5.33
F
L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES:
1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 013AC)
A 20 11
Dimension, mm Symbol MIN 12.6 7.4 2.35 0.33 0.4 1.27 9.53 0 0.1 0.23 10 0.25 8 0.3 0.32 10.65 0.75 MAX 13 7.6 2.65 0.51 1.27
H
B
P
A B
1
G
10 C R x 45
C D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
G H J K M P R
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
6


▲Up To Search▲   

 
Price & Availability of KK74HCT245A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X