Part Number Hot Search : 
FAN1589 TAG025 UERP10D AM2520 00190 TSM9938H B1011ERW LTC2261
Product Description
Full Text Search
 

To Download ISL8104EVAL1Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL8104
Data Sheet March 7, 2008 FN9257.2
8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation (PWM) Controller With Integrated Gate Drivers
The ISL8104 is a 8V to 14V synchronous PWM controller with integrated MOSFET drivers. The controller features the ability to safely start-up into prebiased output loads and provides protection against overcurrent fault events. Overcurrent protection is implemented using top-side MOSFET rDS(ON) sensing, eliminating the need for a current sensing resistor. The ISL8104 employs voltage-mode control with dual-edge modulation to achieve fast transient response. The operating frequency is adjustable from 50kHz to 1.5MHz with full (0% to 100%) PWM duty cycle capability. The error amplifier features a 15MHz (typ) gain-bandwidth product and 6V/s slew rate enabling high converter bandwidth. The output voltage of the converter can be regulated to as low as 0.597V with a tolerance of 1.0% over the commercial temperature range (0C to +70C), and 1.5% over industrial temperature range (-40C to +85C). Provided in the QFN package, a SS pin and REFIN pin enable supply sequencing and voltage tracking functionality.
Features
* +8V 5% to +14V 10% Bias Voltage Range - 1.5V to 15.4V Input Voltage Range * 0.597V Internal Reference Voltage - 1.0% Over the Commercial Temperature Range - 1.5% Over the Industrial Temperature Range * Voltage-Mode PWM Control with Dual-Edge Modulation * 14V High Speed N-Channel MOSFET Gate Drivers - 2.0A Source/3A Sink at 14V Bottom-Side Gate Drive - 1.25A Source/2A Sink at 14V Top-Side Gate Drive * Fast Transient Response - 15MHz (typ) Gain-Bandwidth Error Amplifier with 6V/s slew rate - Full 0% to 100% Duty Cycle Support * Programmable Operating Frequency from 50kHz to 1.5MHz * Lossless Programmable Overcurrent Protection - Top-Side MOSFET's rDS(ON) Sensing - ~120ns Blanking Time * Sourcing and Sinking Current Capability * Support for Start-Up into Prebiased Loads * Soft-Start Done and an External Reference Pin for Tracking Applications are Available in the QFN Package * Pb-free available (RoHS compliant)
Pinouts
ISL8104 (16 LD QFN) TOP VIEW
SSDONE TSOC FSET VCC
Applications
* Test and Measurement Instruments * Distributed DC/DC Power Architecture
12 PVCC 11 BGATE 10 PGND 9 BOOT 14 13
16 SS COMP FB EN 1 2 3 4 5 REFIN
15
* Industrial Applications * Telecom/Datacom Applications
Ordering Information
PART NUMBER PART TEMP. (Note) MARKING RANGE (C) ISL8104CBZ* ISL8104IBZ* ISL8104CRZ* ISL8104IRZ* 8104CBZ 8104IBZ 81 04CRZ 81 04IRZ 0 to +70 -40 to +85 0 to +70 -40 to +85 PACKAGE (Pb-free) 14 Ld SOIC 14 Ld SOIC PKG. DWG. # M14.15 M14.15
6 GND
7 LX
8 TGATE
16 Ld 4x4 QFN L16.4x4 16 Ld 4x4 QFN L16.4x4
ISL8104 (14 LD SOIC) TOP VIEW
FSET 1 TSOC 2 SS 3 COMP 4 FB 5 EN 6 GND 7 14 VCC 13 PVCC 12 BGATE 11 PGND 10 BOOT 9 TGATE 8 LX
ISL8104EVAL1Z Evaluation Board ISL8104EVAL2Z Evaluation Board *Add "-T" suffix for tape and reel. Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2006, 2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
Block Diagram
EN SS VCC
INTERNAL REGULATOR
TSOC 200A
POWER-ON 30A RESET (POR) BOOT SOURCE OCP
2
SSDONE (QFN ONLY) FSET 6A REFERENCE VREF = 0.597 V REFIN (QFN ONLY) GND
FN9257.2 March 7, 2008
SOFT-START AND FAULT LOGIC
TGATE
ISL8104
OSCILLATOR PWM
GATE CONTROL LOGIC
LX
PVCC EA BGATE
PGND
FB
COMP
ISL8104 Typical Application with Single Power Supply
+8V TO +14V VIN RFILTER CF2 CF1 VCC PVCC BOOT RTSOC TSOC SSDONE (QFN ONLY) REFIN (QFN ONLY) TGATE LX CTSOC Q1 LOUT VOUT CBOOT DBOOT CBIN CHFIN LIN
EN
BGATE
Q2
CHFOUT
CBOUT
ISL8104
RFSET FSET
PGND
COMP R2 C1 R1 C3 R3
C2 SS CSS FB GND
R0
Typical Application with Separated Power Supplies
+8V TO +14V VCC +1.5V TO +15.4V VIN RFILTER CF1 CF2 VCC PVCC BOOT RTSOC TSOC SSDONE (QFN ONLY) REFIN (QFN ONLY) TGATE LX CTSOC Q1 LOUT VOUT CBOOT DBOOT CHFIN CBIN
EN
BGATE
Q2
CHFOUT
CBOUT
ISL8104
RFSET FSET
PGND
COMP R2 C1 R1 C3 R3
C2 SS CSS FB GND
R0
3
FN9257.2 March 7, 2008
ISL8104
Absolute Maximum Ratings
Supply Voltage, VPVCC, VVCC . . . . . . . . . . . . . GND - 0.3V to +16V Enable Voltage, VEN . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +16V Soft-start Done Voltage, VSSDONE . . . . . . . . . . GND - 0.3V to +16V TSOC Voltage, VTSOC. . . . . . . . . . . . . . . . . . . . GND - 0.3V to +16V BOOT Voltage, VBOOT . . . . . . . . . . . . . . . . . . . GND - 0.3V to +36V LX Voltage, VLX . . . . . . . . . . . . . . . . VBOOT - 16V to VBOOT + 0.3V All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 5.0V ESD Rating ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Thermal Information
Thermal Resistance (Typical) JA (C/W) JC (C/W) SOIC Package (Note 1) . . . . . . . . . . . . 95 N/A QFN Package (Notes 2, 3). . . . . . . . . . 47 8.5 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150C Maximum Storage Temperature Range . . . . . . . . . .-65C to +150C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Supply Voltage, VVCC . . . . . . . . . . . . . . . . .+8V 5% to +14V 10% Supply Voltage, VPVCC . . . . . . . . . . . . . . . .+8V 5% to +14V 10% Boot to Phase Voltage, VBOOT - VLX . . . . . . . . . . . . . . . . . CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 2. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 3. For JC, the "case temp" location is the center of the exposed metal pad on the package underside. 4. Limits should be considered typical and are not production tested.
Electrical Specifications
PARAMETER VCC SUPPLY CURRENT Shutdown Supply VCC Shutdown Supply VPVCC POWER-ON RESET VCC/VPVCC Rising Threshold VCC/VPVCC Hysteresis TSOC Rising Threshold TSOC Hysteresis Enable - Rising Threshold Enable - Hysteresis REFERENCE Reference Voltage
Recommended Operating Conditions, unless otherwise noted, specifications in bold are valid for process, temperature, and line operating conditions. SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
IVCC IPVCC
SS/EN = 0V SS/EN = 0V
3.5 0.30
6.1 0.5
8.5 0.75
mA mA
6.45 170 0.70 180 1.4 175
7.10 250 0.73 200 1.5 250
7.55 500 0.75 220 1.60 325
V mV V mV V mV
TJ = 0C to +70C TJ = -40C to +85C
0.591 0.588 -1.0 -1.5 -4 2.10 -3
0.597 0.597 -6 -
0.603 0.606 1.0 1.5 -8 3.50 3
V V % % A V mV
System Accuracy
TJ = 0C to +70C TJ = -40C to +85C
REFIN Current Source (QFN Only) REFIN Threshold (QFN Only) REFIN Offset (QFN Only)
4
FN9257.2 March 7, 2008
ISL8104
Electrical Specifications
PARAMETER OSCILLATOR Trim Test Frequency Total Variation (Note 4) Ramp Amplitude Ramp Bottom (Note 4) ERROR AMPLIFIER DC Gain (Note 4) Gain-Bandwidth Product (Note 4) Slew Rate (Note 4) COMP Source Current (Note 4) COMP Sink Current (Note 4) GATE DRIVERS Top-side Drive Source Current (Note 4) Top-side Drive Source Impedance Top-side Drive Sink Current (Note 4) Top-side Drive Sink Impedance Bottom-side Drive Source Current (Note 4) Bottom-side Drive Source Impedance Bottom-side Drive Sink Current (Note 4) Bottom-side Drive Sink Impedance PROTECTION TSOC Current ITSOC TJ = 0C to +70C TJ = -40C to +85C TSOC Measurement Offset (Note 4) SOFT-START Soft-start Current SSDONE Low Output Voltage (QFN ONLY) ISS ISSDONE = 2mA 22 30 38 0.30 A V OCPOFFSET TSOC = 1.5V to 15.4V 180 176 200 200 10 220 224 A A mV IT_SOURCE VBOOT - VLX = 14V, 3nF Load 1.25 2.0 2 1.3 2 1.3 3 0.94 A A A A GBWP SR ICOMPSRC ICOMPSNK RL = 10k, CL= 100pF RL = 10k, CL= 100pF RL = 10k, CL= 100pF 88 15 6 2 2 dB MHz V/s mA mA VOSC RFSET = OPEN VVCC = 12 8k < RFSET to GND < 200k RFSET = OPEN 175 1.7 200 15 1.9 1 220 2.15 kHz % VP-P V Recommended Operating Conditions, unless otherwise noted, specifications in bold are valid for process, temperature, and line operating conditions. (Continued) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
RT_SOURCE 90mA Source Current IT_SINK RT_SINK IB_SOURCE VBOOT - VLX = 14V, 3nF Load 90mA Source Current VPVCC = 14V, 3nF Load
RB_SOURCE 90mA Source Current IB_SINK RB_SINK VPVCC = 14V, 3nF Load 90mA Source Current
Functional Pin Description (QFN/SOIC)
SS (Pin 1/3)
Connect a capacitor from this pin to ground. This capacitor, along with an internal 30A current source, sets the soft-start interval of the converter.
EN (Pin 4/6)
This pin is a TTL compatible input. Pull this pin below 0.8V to disable the converter. In shutdown the soft-start pin is discharged and the TGATE and BGATE pins are held low.
REFIN (QFN ONLY Pin 5)
Upon enable if REFIN is less than 2.2V, the external reference pin is used as the control reference instead of the internal 0.597V reference. An internal 6A pull-up to 5V is provided for disabling this functionality.
COMP (Pin 2/4) and FB (Pin 3/5)
COMP and FB are the available external pins of the error amplifier. The FB pin is the inverting input of the error amplifier and the COMP pin is the error amplifier output. These pins are used to compensate the voltage-control feedback loop of the converter.
GND (Pin 6/7)
Signal ground for the IC. All voltage levels are measured with respect to this pin.
5
FN9257.2 March 7, 2008
ISL8104
LX (Pin 7/8)
This pin connects to the source of the top-side MOSFET and the drain of the bottom-side MOSFET. This pin represents the return path for the top-side gate driver. During normal switching, this pin is used for top-side current sensing.
RFSET PULLUP TO VCC
1000 RESISTANCE (k)
TGATE (Pin 8/9)
Connect TGATE to the top-side MOSFET gate. This pin provides the gate drive for the top-side MOSFET.
100 RFSET PULL-DOWN TO GND 10
BOOT (Pin 9/10)
This pin provides bias to the top-side MOSFET driver. A bootstrap circuit may be used to create a BOOT voltage suitable to drive a standard N-Channel MOSFET.
10k
100k SWITCHING FREQUENCY (Hz)
1M
PGND (Pin 10/11)
This is the power ground connection. Tie the bottom-side MOSFET source and board ground to this pin.
80 70 60 IPVCC+VCC (mA) 50 40 30 20 10
FIGURE 1. RFSET RESISTANCE vs FREQUENCY
BGATE (Pin 11/12)
Connect BGATE to the bottom-side MOSFET gate. This pin provides the gate drive for the bottom-side MOSFET.
CGATE = 3300pF CGATE = 1000pF
PVCC (Pin 12/13)
Provide an 8V to 14V bias supply for the bottom-side gate drive to this pin. This pin should be bypassed with a capacitor to PGND.
VCC (Pin 13/14)
Provide an 8V to 14V bias supply for the chip to this pin. The pin should be bypassed with a capacitor to GND.
CGATE = 10pF
0 100k 200k 300k 400k 500k 600k 700k 800k 900k 1M SWITCHING FREQUENCY (Hz)
FSET (Pin 14/1)
This pin provides oscillator switching frequency adjustment. By placing a resistor (RFSET) from this pin to GND, the switching frequency is set from between 200kHz and 1.5MHz according to Equation 1:
6500 R FSET [ k ] ------------------------------------------------------ - 1.3 k F [ kHz ] - 200 [ kHz ] s
FIGURE 2. BIAS SUPPLY CURRENT vs FREQUENCY
SSDONE (QFN ONLY Pin 16)
Provides an open drain signal at the end of soft-start.
(RFSET to GND)
(EQ. 1)
Functional Description
Initialization
The ISL8104 automatically initializes upon receipt of power. Special sequencing of the input supplies is not necessary. The Power-On Reset (POR) function continually monitors the bias voltage at the VCC pin and the driver input on the PVCC pin. When the voltages at VCC and PVCC exceed their rising POR thresholds, a 30A current source driving the SS pin is enabled. Upon the SS pin exceeding 1V, the ISL8104 begins ramping the non-inverting input of the error amplifier from GND to the System Reference. During initialization the MOSFET drivers pull TGATE to LX and BGATE to PGND.
Alternately ISL8104's switching frequency can be lowered from 200kHz to 50kHz by connecting the FSET pin with a resistor to VCC according Equation 2:
55000 R FSET [ k ] ------------------------------------------------------ + 70 k 200 [ kHz ] - F [ kHz ] s
(RFSET to VCC)
(EQ. 2)
TSOC (Pin 15/2)
The current limit is programmed by connecting this pin with a resistor and capacitor to the drain of the top-side MOSEFT. A 200A current source develops a voltage across the resistor which is then compared with the voltage developed across the top-side MOSFET. A blanking period of 120ns is provided for noise immunity.
Soft-Start
During soft-start, an internal 30A current source charges the external capacitor (CSS) on the SS pin up to ~4V. If the ISL8104 is utilizing the internal reference, then as the SS pin's voltage ramps from 1V to 3V, the soft-start function scales the
6
FN9257.2 March 7, 2008
ISL8104
reference input (positive terminal of error amp) from GND to VREF (0.597V nominal). If the ISL8104 is utilizing an externally supplied reference, when the voltage on the SS pin reaches 1V, the internal reference input (into the error amp) ramps from GND to the externally supplied reference at the same rate as the voltage on the SS pin. Figure 3 shows a typical soft-start interval. The rise time of the output voltage is, therefore, dependent upon the value of the soft-start capacitor, CSS. If the internal reference is used, then the soft-start capacitance value can be calculated through Equation 3:
30A t SS C SS = ---------------------------2V (EQ. 3)
Oscillator
The oscillator is a triangular waveform, providing for leading and falling edge modulation. The peak-to-peak of the ramp amplitude is set at 1.9V and varies as a function of frequency. At 50kHz the peak to peak amplitude is approximately 1.8V while at 1.5MHz it is approximately 2.2V. In the event the regulator operates at 100% duty cycle for 64 clock cycles an automatic boot cap refresh circuit will activate turning on BGATE for approximately 1/2 of a clock cycle.
Overcurrent Protection
VSSDONE
If an external reference is used then the soft-start capacitance can be calculated through Equation 4:
30A t SS C SS = ---------------------------V REFEXT
VEN VSS
(EQ. 4)
IOCP
VOUT ILOAD VSS
tHICCUP
FIGURE 4. TYPICAL OVERCURRENT PROTECTION
tSS
FIGURE 3. TYPICAL SOFT-START INTERVAL
Prebiased Load Start-up
Drivers are held in tri-state (TGATE pulled to LX, BGATE pulled to PGND) at the beginning of a soft-start cycle until two PWM pulses are detected. The bottom-side MOSFET is turned on first to provide for charging of the bootstrap capacitor. This method of driver activation provides support for start-up into prebiased loads by not activating the drivers until the control loop has entered its linear region, thereby substantially reducing output transients that would otherwise occur had the drivers been activated at the beginning of the soft-start cycle.
The OCP function is enabled with the drivers at start-up. OCP is implemented via a resistor (RTSOC) and a capacitor (CTSOC) connecting the TSOC pin and the drain of the top-side MOSEFT. An internal 200mA current source develops a voltage across RTSOC, which is then compared with the voltage developed across the top-side MOSFET at turn on as measured at the LX pin. When the voltage drop across the MOSFET exceeds the voltage drop across the resistor, a sourcing OCP event occurs. CTSOC is placed in parallel with RTSOC to smooth the voltage across RTSOC in the presence of switching noise on the input bus. A 120ns blanking period is used to reduce the current sampling error due to leading-edge switching noise. An additional simultaneous 120ns low pass filter is used to further reduce measurement error due to noise. OCP faults cause the regulator to disable (top- and bottom-side drives disabled, SSDONE pulled low, soft-start capacitor discharged) itself for a fixed period of time, after which a normal soft-start sequence is initiated. If the voltage on the SS pin is already at 4V and an OCP is detected, a 30A current sink is immediately applied to the SS pin. If an OCP is detected during soft-start, the 30A current sink will not be applied until the voltage on the SS pin has reached 4V. This current sink discharges the CSS capacitor in a linear fashion. Once the voltage on the SS pin has reached approximately 0V, the normal soft-start sequence is initiated. If the fault is still present on the subsequent restart, the ISL8104
FN9257.2 March 7, 2008
SSDONE
Soft-start done is only available in the 16 Ld QFN packaging option of the ISL8104. When the soft-start pin reaches 4V, an open drain signal is provided to support sequencing requirements. SSDONE is deasserted by disabling of the part, including pulling SS low, and by POR and OCP events.
7
ISL8104
will repeat this process in a hiccup mode. Figure 4 shows a typical reaction to a repeated overcurrent condition that places the regulator in a hiccup mode. If the regulator is repeatedly tripping overcurrent, the hiccup period can be approximated by Equation 5:
2 4V C SS t HICCUP = ------------------------------30A (EQ. 5)
temperature range. System Accuracy includes Error Amplifier offset, and Reference Error. The use of REFIN may add up to 3mV of offset error into the system (as the Error Amplifier offset is trimmed out via the internal System reference).
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very important. Switching current from one power device to another can generate voltage transients across the impedances of the interconnecting bond wires and circuit traces. These interconnecting impedances should be minimized by using wide, short printed circuit traces. The critical components should be located as close together as possible using ground plane construction or single point grounding.
VCC +14V CBP_PVCC PVCC CBP_VCC
The OCP trip point varies mainly due to MOSFET rDS(ON) variations and layout noise concerns. To avoid overcurrent tripping in the normal operating load range, find the ROCSET resistor from the following equations with: 1. The maximum rDS(ON) at the highest junction temperature 2. The minimum ITSOC from the specification table Determine the overcurrent trip point greater than the maximum output continuous current at maximum inductor ripple current. SIMPLE OCP EQUATION
I OC_SOURCE * r DS ( ON ) R TSOC = --------------------------------------------------------------200A
DETAILED OCP EQUATION
I I + ---- * r OC_SOURCE 2 DS ( ON ) --------------------------------------------------------------------------------R TSOC = I TSOC * N T N T = NUMBER OF TOP-SIDE MOSFETs V IN - V OUT V OUT I = ------------------------------- * --------------f SW * L OUT V IN f SW = Regulator Switching Frequency (EQ. 6)
ISL8104
VIN CIN Q1
TGATE BOOT CIN LX
LOUT
VOUT LOAD
FN9257.2 March 7, 2008
COUT BGATE Q2
High Speed MOSFET Gate Driver
The integrated driver has the same drive capability and feature as the Intersil's 12V gate driver, ISL6612. The PWM tri-state feature helps prevent a negative transient on the output voltage when the output is being shut down. This eliminates the Schottky diode that is used in some systems for protecting the loads from reversed-output-voltage damage. See the ISL6612 data sheet FN9153 for specification parameters that are not defined in the current ISL8104 "Electrical Specifications" table on page 4.
SS GND PGND CSS
KEY TRACE SIZED FOR 3A PEAK CURRENT SHORT TRACE, MINIMUM IMPEDANCE ISLAND ON POWER PLANE LAYER ISLAND ON CIRCUIT AND/OR POWER PLANE LAYER VIA CONNECTION TO GROUND PLANE
Reference Input
The REFIN pin allows the user to bypass the internal 0.597V reference with an external reference. If REFIN is NOT above ~2.2V, the external reference pin is used as the control reference instead of the internal 0.597V reference. When not using the external reference option, the REFIN pin should be left floating. An internal 6A pull-up keeps this REFIN pin above 2.2V in this situation.
FIGURE 5. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
Internal Reference and System Accuracy
The Internal Reference is set to 0.597V. The total DC system accuracy of the system is to be within 1.5% over the industrial
A multi-layer printed circuit board is recommended. Figure 5 shows the critical components of the converter. Note that capacitors CIN and COUT could each represent numerous physical capacitors. Dedicate one solid layer (usually a middle layer of the PC board) for a ground plane and make all critical component ground connections with vias to this layer. Dedicate another solid layer as a power plane and break this plane into smaller islands of common voltage levels. Keep the metal runs from the LX terminals to the output inductor short.
8
ISL8104
The power plane should support the input power and output power nodes. Use copper filled polygons on the top and bottom circuit layers for the LX nodes. Use the remaining printed circuit layers for small signal wiring. Locate the ISL8104 within 2 to 3 inches of the MOSFETs, Q1 and Q2 (1 inch or less for 500kHz or higher operation). The circuit traces for the MOSFETs' gate and source connections from the ISL8104 must be sized to handle up to 3A peak current. Minimize any leakage current paths on the SS pin and locate the capacitor, Css close to the SS pin as the internal current source is only 30A. Provide local VCC decoupling between VCC and GND pins. Locate the capacitor, CBOOT as close as practical to the BOOT pin and the phase node. Figure 7 highlights the voltage-mode control loop for a synchronous-rectified buck converter. The output voltage is regulated to the reference voltage level. The error amplifier output is compared with the oscillator triangle wave to provide a pulse-width modulated wave with an amplitude of VIN at the LX node. The PWM wave is smoothed by the output filter. The output filter capacitor bank's equivalent series resistance is represented by the series resistor ESR. The modulator transfer function is the small-signal transfer function of VOUT /VCOMP. This function is dominated by a DC gain and shaped by the output filter, with a double pole break frequency at FLC and a zero at FCE . For the purpose of this analysis, L and DCR represent the output inductance and its DCR, while C and ESR represents the total output capacitance and its equivalent series resistance.
1 F LC = --------------------------2 L C 1 F CE = -------------------------------2 C ESR (EQ. 7)
Compensating the Converter
This section highlights the design consideration for a voltage mode controller requiring external compensation. To address a broad range of applications, a type-3 feedback network is recommended (see Figure 6).
C2 R2 C1
COMP FB
C3 R3 R1 VOUT
ISL8104
The compensation network consists of the error amplifier (internal to the ISL8104) and the external R1 to R3, C1 to C3 components. The goal of the compensation network is to provide a closed loop transfer function with high 0dB crossing frequency (F0; typically 0.1 to 0.3 of fSW) and adequate phase margin (better than 45). Phase margin is the difference between the closed loop phase at F0dB and 180. The equations that follow relate the compensation network's poles, zeros and gain to the components (R1 , R2 , R3 , C1 , C2 , and C3) in Figures 6 and 7. Use the following guidelines for locating the poles and zeros of the compensation network: 1. Select a value for R1 (1k to 10k, typically). Calculate value for R2 for desired converter bandwidth (F0). If setting the output voltage to be equal to the reference set voltage as shown in Figure 7, the design procedure can be followed as presented in Equation 8.
V OSC R 1 F 0 R 2 = --------------------------------------------D MAX V IN F LC (EQ. 8)
FIGURE 6. COMPENSATION CONFIGURATION FOR THE ISL8104 CIRCUIT
C2 R3 C3
COMP
R2 E/A +
C1 FB
R1
As the ISL8104 supports 100% duty cycle, DMAX equals 1. The ISL8104 uses a fixed ramp amplitude (VOSC) of 1.9V, Equation 8 simplifies to Equation 9:
1.9 R 1 F 0 R 2 = -----------------------------V IN F LC (EQ. 9)
VREF GND
OSCILLATOR VIN PWM CIRCUIT VOSC TGATE HALF-BRIDGE DRIVE LX BGATE L
VOUT
2. Calculate C1 such that FZ1 is placed at a fraction of the FLC, at 0.1 to 0.75 of FLC (to adjust, change the 0.5 factor in Equation 10 to the desired number). The higher the quality factor of the output filter and/or the higher the ratio FCE/FLC, the lower the FZ1 frequency (to maximize phase boost at FLC).
1 C 1 = ---------------------------------------------2 R 2 0.5 F LC (EQ. 10)
DCR C ESR
3. Calculate C2 such that FP1 is placed at FCE.
C1 C 2 = ------------------------------------------------------2 R 2 C 1 F CE - 1 (EQ. 11)
ISL8104
EXTERNAL CIRCUIT
FIGURE 7. VOLTAGE-MODE BUCK CONVERTER COMPENSATION DESIGN
4. Calculate R3 such that FZ2 is placed at FLC. Calculate C3 such that FP2 is placed below fSW (typically, 0.3 to 1.0
FN9257.2 March 7, 2008
9
ISL8104
times fSW). fSW represents the switching frequency of the regulator. Change the numerical factor (0.7) below to reflect desired placement of this pole. Placement of FP2 lower in frequency helps reduce the gain of the compensation network at high frequency, in turn reducing the HF ripple component at the COMP pin and minimizing resultant duty cycle jitter.
R1 R 3 = ------------------f SW ---------- - 1 F LC 1 C 3 = ---------------------------------------------2 R 3 0.7 f SW
phase margin. The mathematical model presented makes a number of approximations and is generally not accurate at frequencies approaching or exceeding half the switching frequency. When designing compensation networks, select target crossover frequencies in the range of 10% to 30% of the switching frequency, fSW.
FZ1 FZ2 FP1 MODULATOR GAIN COMPENSATION GAIN CLOSED LOOP GAIN OPEN LOOP E/A GAIN FP2 GAIN R2 20 log ------- R1 0
(EQ. 12)
It is recommended that a mathematical model be used to plot the loop response. Check the loop gain against the error amplifier's open-loop gain. Verify phase margin results and adjust as necessary. Equation 13 describes the frequency response of the modulator (GMOD), feedback compensation (GFB) and closed-loop response (GCL):
D MAX V IN 1 + s ( f ) ESR C G MOD ( f ) = ------------------------------ ---------------------------------------------------------------------------------------------------------2 V OSC 1 + s ( f ) ( ESR + DCR ) C + s ( f ) L C 1 + s ( f ) R2 C1 G FB ( f ) = --------------------------------------------------- s ( f ) R1 ( C1 + C2 ) 1 + s ( f ) ( R1 + R3 ) C3 ----------------------------------------------------------------------------------------------------------------------- C1 C2 ( 1 + s ( f ) R 3 C 3 ) 1 + s ( f ) R 2 -------------------- C 1 + C 2 G CL ( f ) = G MOD ( f ) G FB ( f ) where, s ( f ) = 2 f j (EQ. 13)
D MAX V IN 20 log ---------------------------------V OSC GFB GCL
LOG
GMOD LOG FLC FCE F0 FREQUENCY
FIGURE 8. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
Component Selection Guidelines
Output Capacitor Selection
An output capacitor is required to filter the output and supply the load transient current. The filtering requirements are a function of the switching frequency and the ripple current. The load transient requirements are a function of the slew rate (di/dt) and the magnitude of the transient load current. These requirements are generally met with a mix of capacitors and careful layout. For applications that have transient load rates above 1A/ns, high frequency capacitors initially supply the transient and slow the current load rate seen by the bulk capacitors. The bulk filter capacitor values are generally determined by the ESR (effective series resistance) and voltage rating requirements rather than actual capacitance requirements. High frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. Be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. Consult with the manufacturer of the load on specific decoupling requirements. Use only specialized low-ESR capacitors intended for switching-regulator applications for the bulk capacitors. The bulk capacitor's ESR will determine the output ripple voltage and the initial voltage drop after a high slew-rate transient. An aluminum electrolytic capacitor's ESR value is related to the case size with lower ESR available in larger case sizes. However, the equivalent series inductance (ESL) of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate
COMPENSATION BREAK FREQUENCY EQUATIONS
1 F Z1 = -----------------------------2 R 2 C 1 1 F Z2 = ------------------------------------------------2 ( R 1 + R 3 ) C 3 1 F P1 = -------------------------------------------C1 C2 2 R 2 -------------------C1 + C2 1 F P2 = -----------------------------2 R 3 C 3
(EQ. 14)
Figure 8 shows an asymptotic plot of the DC/DC converter's gain vs frequency. The actual Modulator Gain has a high gain peak dependent on the quality factor (Q) of the output filter, which is not shown. Using the previously mentioned guidelines should yield a compensation gain similar to the curve plotted. The open loop error amplifier gain bounds the compensation gain. Check the compensation gain at FP2 against the capabilities of the error amplifier. The closed loop gain, GCL, is constructed on the log-log graph of Figure 8 by adding the modulator gain, GMOD (in dB), to the feedback compensation gain, GFB (in dB). This is equivalent to multiplying the modulator transfer function and the compensation transfer function and then plotting the resulting gain. A stable control loop has a gain crossing with close to a -20dB/decade slope and a phase margin greater than 45. Include worst case component variations when determining
10
FN9257.2 March 7, 2008
ISL8104
transient loading. Unfortunately, ESL is not a specified parameter. Work with your capacitor supplier and measure the capacitor's impedance with frequency to select a suitable component. In most cases, multiple electrolytic capacitors of small case size perform better than a single large case capacitor. The important parameters for the bulk input capacitor are the voltage rating and the RMS current rating. For reliable operation, select a bulk capacitor with voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage, a voltage rating of 1.5 times greater is a conservative guideline. The RMS current rating requirement for the input capacitor of a buck regulator is approximately 1/2 the DC load current. For a through hole design, several electrolytic capacitors (Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX or equivalent) may be needed. For surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge current rating. These capacitors must be capable of handling the surgecurrent at power-up. The TPS series available from AVX, and the 593D series from Sprague are both surge current tested.
Output Inductor Selection
The output inductor is selected to meet the output voltage ripple requirements and minimize the converter's response time to the load transient. The inductor value determines the converter's ripple current and the ripple voltage is a function of the ripple current. The ripple voltage and current are approximated by Equation 15:
V IN - V OUT V OUT I = ------------------------------- * --------------Fs x L V IN
VOUT= I x ESR
(EQ. 15)
Increasing the value of inductance reduces the ripple current and voltage. However, the large inductance values reduce the converter's response time to a load transient. One of the parameters limiting the converter's response to a load transient is the time required to change the inductor current. Given a sufficiently fast control loop design, the ISL8104 will provide either 0% or 100% duty cycle in response to a load transient. The response time is the time required to slew the inductor current from an initial current value to the transient current level. During this interval the difference between the inductor current and the transient current level must be supplied by the output capacitor. Minimizing the response time can minimize the output capacitance required. The response time to a transient load is different for the application of load and the removal of load. Equation 16 gives the approximate response time interval for application and removal of a transient load:
L O x I TRAN t RISE = ------------------------------V IN - V OUT L O x I TRAN t FALL = -----------------------------V OUT (EQ. 16)
MOSFET Selection/Considerations
The ISL8104 requires at least 2 N-Channel power MOSFETs. These should be selected based upon rDS(ON), gate supply requirements, and thermal management requirements. In high-current applications, the MOSFET power dissipation, package selection and heatsink are the dominant design factors. The power dissipation includes two loss components; conduction loss and switching loss. At a 300kHz switching frequency, the conduction losses are the largest component of power dissipation for both the top-side and the bottom-side MOSFETs. These losses are distributed between the two MOSFETs according to duty factor (see the following equations). Only the top-side MOSFET exhibits switching losses, since the schottky rectifier clamps the switching node before the synchronous rectifier turns on. Ptop-side = IO2 x rDS(ON) x D + 1 Io x VIN x tSW x fSW 2 Pbottom-side = IO2 x rDS(ON) x (1 - D) where: D is the duty cycle = VO / VIN, tSW is the switching interval, and fSW is the switching frequency.
where: ITRAN is the transient load current step, tRISE is the response time to the application of load, and tFALL is the response time to the removal of load. With a +5V input source, the worst case response time can be either at the application or removal of load and dependent upon the output voltage setting. Be sure to check both of these equations at the minimum and maximum output levels for the worst case response time.
(EQ. 17)
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage overshoot across the MOSFETs. Use small ceramic capacitors for high frequency decoupling and bulk capacitors to supply the current needed each time Q1 turns on. Place the small ceramic capacitors physically close to the MOSFETs and between the drain of Q1 and the source of Q2.
Equation 17 assumes linear voltage-current transitions and does not adequately model power loss due to the reverse-recovery of the bottom-side MOSFETs body diode. The gate-charge losses are dissipated by the ISL8104 and don't heat the MOSFETs. However, large gate-charge increases the switching interval, tSW which increases the top-side MOSFET switching losses. Ensure that both MOSFETs are within their maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal-resistance specifications. A separate heatsink may be necessary depending upon MOSFET power, package type, ambient temperature and air flow.
11
FN9257.2 March 7, 2008
ISL8104
Standard-gate MOSFETs are normally recommended for use with the ISL8104. However, logic-level gate MOSFETs can be used under special circumstances. The input voltage, top-side gate drive level, and the MOSFETs absolute gateto-source voltage rating determine whether logic-level MOSFETs are appropriate. Figure 9 shows the top-side gate drive (BOOT pin) supplied by a bootstrap circuit from +14V. The boot capacitor, CBOOT develops a floating supply voltage referenced to the LX pin. This supply is refreshed each cycle to a voltage of +14V less the boot diode drop (VD) when the bottom-side MOSFET, Q2 turns on. A MOSFET can only be used for Q1 if the MOSFETs absolute gate-to-source voltage rating exceeds the maximum voltage applied to +14V. For Q2, a logic-level MOSFET can be used if its absolute gate-to-source voltage rating also exceeds the maximum voltage applied to +14V. Figure 10 shows the top-side gate drive supplied by a direct connection to +14V. This option should only be used in converter systems where the main input voltage is +5VDC or less. The peak top-side gate-to-source voltage is approximately +14V less the input supply. For +5V main power and +14VDC for the bias, the gate-to-source voltage of Q1 is 9V. A logic-level MOSFET is a good choice for Q1 and a logic-level MOSFET can be used for Q2 if its absolute gate-to-source voltage rating exceeds the maximum voltage applied to PVCC. This method reduces the number of required external components, but does not provide for immunity to phase node ringing during turn on and may result in lower system efficiency.
+14V DBOOT + VD BOOT CBOOT TGATE LX PVCC + +14V Q2 D2 NOTE: VG-S PVCC Q1 +1.2V TO +14V
ISL8104
NOTE: VG-S VCC - VD
BGATE PGND GND
FIGURE 9. TOP-SIDE GATE DRIVE - BOOTSTRAP OPTION
+14V +5V OR LESS
ISL8104
BOOT TGATE Q1 NOTE: VG-S VCC - 5V +14V Q2 D2 NOTE: VG-S PVCC
Schottky Selection
Rectifier D2 is a clamp that catches the negative inductor swing during the dead time between turning off the bottomside MOSFET and turning on the top-side MOSFET. The diode must be a Schottky type to prevent the lossy parasitic MOSFET body diode from conducting. It is acceptable to omit the diode and let the body diode of the bottom-side MOSFET clamp the negative inductor swing, but efficiency could slightly decrease as a result. The diode's rated reverse breakdown voltage must be greater than the maximum input voltage.
+
PVCC
BGATE PGND GND
FIGURE 10. TOP-SIDE GATE DRIVE - DIRECT VCC DRIVE OPTION
12
FN9257.2 March 7, 2008
ISL8104 Small Outline Plastic Packages (SOIC)
N INDEX AREA H E -B1 2 3 SEATING PLANE -AD -CA h x 45o 0.25(0.010) M BM
M14.15 (JEDEC MS-012-AB ISSUE C)
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A
L
MILLIMETERS MIN 1.35 0.10 0.33 0.19 8.55 3.80 5.80 0.25 0.40 14 0o MAX 1.75 0.25 0.51 0.25 8.75 4.00 6.20 0.50 1.27 8o NOTES 9 3 4 5 6 7 Rev. 0 12/93
MIN 0.0532 0.0040 0.013 0.0075 0.3367 0.1497 0.2284 0.0099 0.016 14 0o
MAX 0.0688 0.0098 0.020 0.0098 0.3444 0.1574 0.2440 0.0196 0.050 8o
A1 B C D E e
C
A1 0.10(0.004)
e
B 0.25(0.010) M C AM BS
0.050 BSC
1.27 BSC
H h L N
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
13
FN9257.2 March 7, 2008
ISL8104 Quad Flat No-Lead Plastic Package (QFN) Micro Lead Frame Plastic Package (MLFP)
L16.4x4
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220-VGGC ISSUE C) MILLIMETERS SYMBOL A A1 A2 A3 b D D1 D2 E E1 E2 e k L L1 N Nd Ne P 0.25 0.50 1.95 1.95 0.23 MIN 0.80 NOMINAL 0.90 0.20 REF 0.28 4.00 BSC 3.75 BSC 2.10 4.00 BSC 3.75 BSC 2.10 0.65 BSC 0.60 16 4 4 0.60 12 0.75 0.15 2.25 2.25 0.35 MAX 1.00 0.05 1.00 NOTES 9 9 5, 8 9 7, 8 9 7, 8 8 10 2 3 3 9 9 Rev. 5 5/04 NOTES: 1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on each D and E. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Features and dimensions A2, A3, D1, E1, P & are present when Anvil singulation method is used and not present for saw singulation. 10. Depending on the method of lead termination at the edge of the package, a maximum 0.15mm pull back (L1) maybe present. L minus L1 to be equal to or greater than 0.3mm.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 14
FN9257.2 March 7, 2008


▲Up To Search▲   

 
Price & Availability of ISL8104EVAL1Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X