Part Number Hot Search : 
N4732 364084 BSERIES 2ATTD IRF750 TDA1581 05ADCSM CPH6104
Product Description
Full Text Search
 

To Download HCTL-2032-SCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCTL-2032, HCTL-2032-SC, HCTL-2032-SCT, HCTL-2022
Quadrature Decoder/ Counter Interface ICs
Data Sheet
Description
The HCTL-20XX-XX is CMOS ICs that perform the quadrature decoder, counter, and bus interface function. The HCTL-20XX-XX is designed to improve system performance in digital closed loop motion control systems and digital data input systems. It does this by shifting time intensive quadrature decoder functions to a cost effective hardware solution. The HCTL-20XX-XX consists of a quadrature decoder logic, a binary up/down state counter, and an 8-bit bus interface. The use of Schmitt-triggered CMOS inputs and input noise filters allows reliable operation in noisy environments. The HCTL-20XX-XX contains 32-bit counter and provides LSTLL compatible tri-state output buffers. Operation is specified for a temperature range from -40 to +100C at clock frequencies up to 33MHz. The HCTL-2032 and HCTL-2032-SC have dual-axis capability and index channel support. Both devices can be programmed as 4x/2x/1x count mode. The HCTL-2032 and HCTL2032-SC also provides quadrature decoder output signals and cascade signals for use with many standard computer ICs. The HCTL-2022 has most of the HCTL-2032 features, but it can only supports single axis and fixed at 4x count mode. The HCTL-2022 doesn't provide decoder output and cascade signals.
Features
* * * * * * * * * * * * * * * * * * Interfaces Encoder to Microprocessor 33 MHz Clock Operation Programmable Count Modes (1x, 2x or 4x) Single or Dual Axis Support Index Channel Support High Noise Immunity: Schmitt Trigger Inputs and Digital Noise Filter 32-Bit Binary Up/Down Counter Latched Outputs 8-Bit Tristate Interface 8, 16, 24, or 32-Bit Operating Modes Quadrature Decoder Output Signals, Up/Down and Count Cascade Output Signals, Up/Down and Count Substantially Reduced System Software 5V Operation (VDD - VSS) TTL/CMOS Compatible I/O Operating Temperature: -40C to 100C 32-Pin PDIP, 32-Pin SOIC, 20-Pin PDIP
Applications
* Interface Quadrature Incremental Encoders to Microprocessors * Interface Digital Potentiometers to Digital Data Input Buses
ESD WARNING: Standard CMOS handling precautions should be observed with the HCTL-2032 family ICs.
Devices Part Number HCTL-03 HCTL-03-SC HCTL-0 Description 3-bit counter, dual axis, decoder and cascade outputs, index channel support, programmable count modes, and 33 Mhz clock operation. All features of HCTL-03. Most of the HCTL-03 features. The device supports single axis, and no decoder output and cascade signals. The programmable count mode is set to 4x internally. PINOUT B
X/Y D1 D2 D3 CNTDECY CNTDECX SEL2 CNTCASX CNTCASY TEST D4 D5 D6 CHIY VSS CHIX VDD EN1 EN2 D0 CLK SEL1 OE U/DX U/DY D7 RSTY RSTX CHBY CHBX CHAX CHAY X/Y D1 D2 D3 CNTDECY
Package Drawing A B C
PINOUT A
VDD EN1 EN2 D0 CLK OE U/DX U/DY D7 RSTY RSTX CHBY CHBX CHAX CHAY SEL1
PINOUT C
VDD D0 SEL1 OE U/D D7 RST CHB CHA CLK D1 D2 D3 SEL2 TEST D4 D5 D6 VSS INDEX
HCTL-2032-SC
HCTL-2032
CNTDECX SEL2 CNTCASX CNTCASY TEST D4 D5 D6 CHIY VSS CHIX
Package Dimensions (dimensions in inches) 1) HCTL - 2032
HCTL-2022
2) HCTL - 2032 - SC
3) HCTL - 2022
3
4) HCTL-2032 -SCT (Tape and Reel Version of HCTL-2032-SC)
Notes: 1. 10 Sprocket hole pitch cumulative tolerance 0.2 2. Camber in compliance with EIA 481 3. Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole 4. All dimensions in mm
4
Operating Characteristics
Table 1. Absolute Maximum Ratings
(All voltages below are referenced to VSS) Parameter DC Supply Voltage Input Voltage Storage Temperature Operating Temperature [1] Symbol VDD VIN TS TA Limits -0.3 to +6.0 -0.3 to (VDD +0.3) -55 to +150 -40 to +100 Units V V C C
Table 2. Recommended Operating Conditions
Parameter DC Supply Voltage Ambient Temperature [1] Symbol VDD TA Limits 4.5 to 5.5 -40 to +100 Units V C
Table 3. DC Characteristics VDD = 5V 5%; TA = -40 to 100C
Symbol VIL [2] VIH [2] V T+ V TVH IIN VOH [2] VOL [2] IOZ IDD CIN [3] COUT [3] Parameter Low-Level Input Voltage High-Level Input Voltage Schmitt-Trigger Positive-Going Threshold Schmitt-Trigger Negative-Going Threshold Schmitt-Trigger Hysteresis Input Current High-Level Output Voltage Low-Level Output Voltage High-Z Output Leakage Current Quiescent Supply Current Input Capacitance Output Capacitance VIN=VSS or VDD IOH = -3.75 mA IOL = +3.75mA VO=VSS or VDD VIN=Vss or VDD Any Input Any Output -10 1.0 1.0 -10 2.4 3.5 3.5 1.5 2.0 1 4.5 0.2 1 1 5 5 0.4 +10 10 +10 4.0 Condition Min Typ Max 1.5 Unit V V V V V A V V A A pF pF
Notes 1. Free Air 2. In general, for any VDD between the allowable limits (+4.5V to +5.5V), VIL = 0.3VDD and VIH = 0.7VDD; typical values are VOH = VDD - 0.5V and VOL = VSS + 0.2V 3. Including package capacitance
Functional Pin Description
Table 4. Functional Pin Descriptions
Pin HCTL 2032/ 2032-SC 1 18 5 15 16 14 13 17 19 12 11 7 HCTL 2022 1 12 3 10 NC 9 NC 11 NC 8 NC 5
Symbol VDD VSS CLK CHAX CHAY CHBX CHBY CHIX CHIY RSTNX RSTNY OEN
Description Power Supply Ground CLK is a Schmitt-trigger input for the external clock signal. CHAX, CHAY, CHBX, and CHBY are Schmitt-trigger inputs that accept the outputs from a quadrature-encoded source, such as incremental optical shaft encoder. Two channels, A and B, nominally 90 degrees out of phase, are required. CHAX and CHBX are the 1st axis and CHAY and CHBY are the 2nd axis. CHIX and CHIY are Schmitt-trigger inputs that accept the outputs of Index channel from an incremental optical shaft encoder. This active low Schmitt-trigger input clears the internal position counter and the position latch. It also resets the inhibit logic. RSTX/ and RSTY/ are asynchronous with respect to any other input signals. RSTX/ is to reset the 1st axis counter and RSTY/ is to reset the 2nd axis counter. This CMOS active low input enables the tri-state output buffers. The OE/, SEL1, and SEL2 inputs are sampled by the internal inhibit logic on the falling edge of the clock to control the loading of the internal position data latch. These CMOS inputs directly controls which data byte from the position latch is enabled into the 8-bit tri-state output buffer. As in OE/ above, SEL1 and SEL2 also control the internal inhibit logic.
SEL1 SEL2
6 26
4 17
SEL1 0 1 0 1
EN1 EN2 2 3 NC NC
SEL2 1 1 0 0
MSB D4
BYTE SELECTED 2ND 3RD D3 D2
LSB
D1
These CMOS control pins are set to high or low to activate the selected count mode before the decoding begins.
Count Modes 2x Illegal Mode On On
EN1 0 1 0 1
EN2 0 0 1 1
4x On
1x
X/Y CNTDECX CNTDECY U/Dx U/Dy
32 27 28 8 9
NC NC NC 6 NC
Select the 1st or 2nd axis data to be read. Low bit enables the 1st axis data, while high bit enables the 2nd axis data. A pulse is presented on this LSTTL-compatible output when the quadrature decoder (4x/2x/1x) has detected a state transition. CNTDECX is for 1st axis and CNTDECY is for 2nd axis. This LSTTL-compatible output allows the user to determine whether the IC is counting up or down and is intended to be used with the CNTDEC and CNTCAS outputs. The proper signal U (high level) or D/ (low level) will be present before the rising edge of the CNTDEC and CNTCAS outputs.
CNTCASX CNTCASY TEST D0 D1 D2 D3 D4
25 24 23 4 31 30 29 22
NC NC 16 2 20 19 18 15
A pulse is presented on this LSTTL-compatible output when the HCTL-2032 / 2032SC internal counter overflows or underflows. The rising edge on this waveform may be used to trigger an external counter. This pin is used for internal testing. Tied it to ground or leave it floating for normal operation. These LSTTL-compatible tri-state outputs form an 8-bit output ports through which the contents of the 32-bit position latch may be read in 4 sequential bytes. The MSB is read first followed by the rest of the bytes with the LSB is read last.
D D D
0 0
4 3
Switching Characteristics Table 5. Switching Characteristics
Max/Min specifications at VDD = 5V 5%; TA = -40 to 100C, CL = 40 pf Symbol 3 4 9 0 3 4 9 0 3 4 9 30 3 tCLK tCHH tCD tODE tODZ tSDV tXNYDV tCLH tSS tOS tXNYS tSH tOH tXNYH tRST tDCD tDSD tDOD tDXNYD tUDDX tUDDY tCHXD tCHYD tCLXD tCLYD tUDXH tUDYH tUDCXS tUDCYS tUDCXH tUDCYH Description Clock Period Pulse width, clock high Delay time, rising edge of clock to valid, updated count information on D0- Delay time, OEN fall to valid data Delay time, OEN rise to Hi-Z state on D0- Delay time, SEL0~SEL valid to stable, selected data byte (delay to High Byte = delay to Low Byte) Delay time, XNY valid to stable, selected data byte. Pulse width, clock low Setup time, SEL~SEL before clock fall Setup time, OEN before clock fall Setup time, XNY before clock fall Hold time, SEL~SEL after clock fall Hold time, OEN after clock fall Hold time, XNY after clock fall Pulse width, RSTNX~RSTNY low Hold time, last position count stable on D0- after clock rise Hold time, last data byte stable after next SEL state change Hold time, data byte stable after OEN rise Hold time, data byte stable after XNY change Delay time, U/DNX valid after clock rise Delay time, U/DNY valid after clock rise Delay time, CNTDECX or CNTCASX high after clock rise Delay time, CNTDECY or CNTCASY high after clock rise Delay time, CNTDECX or CNTCASX low after clock fall Delay time, CNTDECY or CNTCASY low after clock fall Hold time, U/DNX stable after clock rise Hold time, U/DNY stable after clock rise Setup time, U/DNX valid before CNTDECX or CNTCASX rise Setup time, U/DNY valid before CNTDECY or CNTCASY rise Hold time, U/DNX stable after CNTDECX or CNTCASX rise Hold time, U/DNY stable after CNTDECY or CNTCASY: rise 0 0 0 0 4 4 4 4 4 4 Note Note Note Note 9 9 3 3 3 3 9 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns /f 3 9 9 9 Min. Max. 33 Units MHz ns ns ns ns ns
Notes 1. tclk - max delay (item 20/21) + min delay (item 22/23) 2. tclk - max delay (item 22/23) + min delay (item 20/21)
tCLK tCHH CLK tCD D0-D7 1. Reset Waveform Figure OLD DATA tDCD DATA NOT STABLE NEW DATA tDCD tCLH
tCLK tCHH CLK tCD D0-D7 OLD DATA tDCD DATA NOT STABLE NEW DATA tDCD tCLH
Figure 2. Waveforms for Positive Clock Edge Related Delays
tDOD
OE tODE D0 -D7 HIGH - Z NOT STABLE STABLE DATA tODZ NOT STABLE HIGH - Z
Figure 3. Tri-State Output Timing
CLK
tOS tOH
OE
SEL2 tSS SEL1
tSH
tSDV INTERNAL INHIBIT
tSDV
tSDV
tSDV
tDSD
tDSD
tDSD
tDSD
D0 -D7
HIGH -Z
HIGH - Z OR UNSTABLE DATA
MSB STABLE
3rd BYTE STABLE
2nd BYTE STABLE
LSB STABLE
Figure 4. Bus Control Timing
9
CLK
t UDDX / t UDDY t UDXH / t UDYH
U/DX U/DY CNTDECX CNTCASX CNTDECY CNTCASY
t CHXD / t CHYD t CLXD / t CLYD
t UDXS / t UDYS
t UDXH / t UDYH
Figure 5. Decoder, Casade Output Timing
CLK
t XNYS XNY t DXNYD
D0-D7
D0-D7 (1st-Axis)
D0-D7 (2nd-Axis)
t XNYDV
Figure 6. Output Data from 1st-axis and 2nd-axis
CLK CHA
CHB D0-D7
H'FFFFFFFD H'FFFFFFFE H'FFFFFFFF H'00000000 H'00000001 H'00000002 H'00000003
CNTDEC
CNTCAS
Figure 7. Quadrature decoder for 1st-axis/ 2nd-axis (4x count mode)
0
CLK CHA
CHB D0-D7
H'FFFFFFFF H'00000000 H'00000001 H'00000002
CNTDEC
CNTCAS
Figure 8. Quadrature decoder for 1st-axis/ 2nd-axis (2x count mode)
CLK CHA
CHB D0-D7
H'FFFFFFFF H'00000000 H'00000001
CNTDEC
CNTCAS
Figure 9. Quadrature decoder for 1st-axis/ 2nd-axis (1x count mode)
Operation
A block diagram of the HCTL-20XX-XX family is shown in Figure 10. The operation of each major function is described in the following sections.
Decode / Cascade Outputs (Y) U/DY CNTDECY CNTCASY
Decode / Cascade Outputs (X) U/DX CNTDECX CNTCASX
CLK
Digital Filter
4x/2x/1x Decode Logic
32 Bits Binary Counter QX0 - QX31 QY0 - QY31 32 32
32 Bits Latch DX0 - DX31 DY0 - DY31 DX0 - DX7 DX8 - DX15 DX16 - DX23 DX24 - DX31 DY0 - DY7 DY8 - DY15 DY16 - DY23 DY24 - DY31 CLRX CLRY 8 8 8 8 8 8 8 8
Octal 4 bit Mux/Buffer D0 - D7 DX0 - DX7 DX8 - DX15 DX16 - DX23 DX24 - DX31 DY0 - DY7 DY8 - DY15 DY16 - DY23 DY24 - DY31 SEL1 SEL2 8
CHAX CHBX
CHAX filtered CHBX filtered CNTX UP/DN X CHAY filtered CNTY UP/DN Y CNTX UP/DN X CNTY UP/DN Y CLRX CHIX filtered CLRY EN1 EN2 RX RY
CHAY
CHBY CHIX CHIY
CHBY filtered
CHIY filtered
INHX
INHY
OE
XNY
RSTX RSTY
Inhibit Block CLRX
EN1 EN2 SEL1 SEL2 OE XNY
CLRY SEL1 SEL2 OE
Figure 10. Simplified Logic Diagram
Digital Noise Filter
The digital noise filter section is responsible for rejecting noise on the incoming quadrature signals. The input section uses two techniques to implement improved noise rejection. Schmitt-trigger inputs and a three-clock-cycle delay filter combine to reject low level noise and large, short duration noise spikes that typically occur in motor system applications. Both common mode and differential mode noise are rejected. The user benefits from these techniques by improved integrity of the data in the counter. False counts triggered by noise are avoided. Figure 11 shows the simplified schematic of the input section. The signals are first passed through a Schmitt-trigger buffer to address the problem of input signals with slow rise times and low-level noise (approximately < 1V). The cleaned up signals are then passed to a four-bit delay filter. The signals on each channel are sampled on rising clock edges. A time history of the signals is stored in the four-bit shift register. Any change on the input is tested for a stable level being present for three consecutive rising clock edges. Therefore, the filtered output waveforms can change only after an input level has the same value for three consecutive rising clock edges. Refer to Figure 12, which shows the timing diagram. The result of this circuitry is that short noise spikes between rising clock edges are ignored and pulses shorter than two clock periods are rejected.
J CK K CHA D Q D Q D Q D Q
Q
CHA filtered
CK
J CK K CHB D Q D Q D Q D Q
Q
CHB filtered
CK
J CK K CHI D Q D Q D Q D Q
Q
CHI filtered
CK
Figure 11. Simplified Digital Noise Filter Logic
3
3 tCLK CLK
CHA
tE
tE
tES
tES
tES
tES
CHB Noise Spike CHI CHA filtered CHB filtered CHI filtered
tE
tE
Figure 12. Signal Propagation through Digital Noise Filter
Quadrature Decoder
The quadrature decoder decodes the incoming filtered signals into count information. This circuitry multiplies the resolution of the input signals by a factor of one, two or four (1X, 2X, 4X decoding) depending on the resolution mode. When using an encoder for motion sensing, the user benefits from the selectable resolution by being able to provide better system control. The quadrature decoder samples the outputs of the CHA and CHB filters. Based on the past binary state of the two signals and the present state, it outputs a count signal and a direction signal to the integral position counter. Figure 13 shows the quadrature states of Channel A and Channel B signals. The?4x decoder mode will output a count signal for every state transition (count up and count down). Figure 14 shows the valid state transitions for 2x and 1x decoder modes. The 2x/1x decoder will output a count signal at respective state transition, depending on the counting direction. Channel A leading channel B results in counting up. Channel B leading channel A results in counting down. Illegal state transitions, caused by faulty encoders or noise severe enough to pass through the filter, will produce an erroneous count.
clk state chA chB
Tes Te Telp 1 2 3 4
1
Valid State Transitions
count up
4
2
3
count down
4
CHA 0 0
CHB 0 0
STATE 3 4
4X Decoder (Count Up & Count Down) Pulse Pulse Pulse Pulse
Figure 13. 4x Decoder Mode
CHA 0 0
CHB 0 0
STATE 3 4
2x Count Up Pulse Pulse -
2x Count Down Pulse Pulse
1x Count Up Pulse -
1x Count Down Pulse -
Figure 14. 2x and 1x Decoder Modes
Design Considerations
The designer should be aware that the operation of the digital filter places a timing constraint on the relationship between incoming quadrature signals and the external clock. Figure 12 shows the timing waveform with an incremental encoder input. Since an input has to be stable for three rising clock edges, the encoder pulse width (tE - low or high) has to be greater than three clock periods (3tCLK). This guarantees that the asynchronous input will be stable during three consecutive rising clock edges. A realistic design also has to take into account finite rise time of the waveforms, asymmetry of the waveforms, and noise. In the presence of large amounts of noise, tE should be much greater than 3tCLK to allow for the interruption of the consecutive level sampling by the threebit delay filter. It should be noted that a change on the inputs that is qualified by the filter will internally propagate in a maximum of seven clock periods. The quadrature decoder circuitry imposes a second timing constraint between the external clock and the input signals. There must be at least one clock period between consecutive quadrature states. As shown in Figure 13, a quadrature state is defined by consecutive edges on both channels. Therefore, tES (encoder state period) > tCLK. The designer must account for deviations from the nominal 90 degree phasing of input signals to guarantee that tES > tCLK.
Position Counter
This section consists of a 32-bit (HCTL-20XX-XX) binary up/down counter which counts on rising clock edges as explained in the Quadrature Decoder Section. All 32 bits of data are passed to the position data latch. The system can use this count data in several ways: A. System total range is 32 bits, so the count represents "absolute" position. B. The system is cyclic with 32 bits of count per cycle. RST/ is used to reset the counter every cycle and the system uses the data to interpolate within the cycle. C. System count is >8, 16, 24, or 32 bits, so the count data is used as a relative or incremental position input for a system software computation of absolute position. In this case counter rollover occurs. In order to prevent loss of position information, the processor must read the outputs of the IC before the count increments one-half of the maximum count capability. Two'scomplement arithmetic is normally used to compute position from these periodic position updates. D. The system count is >32 bits so the HCTL-2032 / 2032SC can be cascaded with other standard counter ICs to give absolute position.
Position Data Latch
The position data latch is a 32-bit latch which captures the position counter output data on each rising clock edge, except when its inputs are disabled by the inhibit logic section during four-byte read operations. The output data is passed to the bus interface section. When active, a signal from the inhibit logic section prevents new data from being captured by the latch, keeping the data stable while successive reads are made through the bus section. The latch is automatically re-enabled at the end of these reads. The latch is cleared to 0 asynchronously by the RST signal.
Quadrature Decoder Output (HCTL-2032 / 2032-SC only)
The quadrature decoder output section consists of count and up/down outputs derived from the 4x/2x/1x decoder mode of the HCTL-2032 / 2032-SC. When the decoder has detected a count, a pulse, one-half clock cycle long, will be output on the CNTDCDR pin. This output will occur during the clock cycle in which the internal counter is updated. The U/D pin will be set to the proper voltage level one clock cycle before the rising edge of the CNTDCDR pulse, and held one clock cycle after the rising edge of the CNTDCDR pulse. These outputs are not affected by the inhibit logic.
Inhibit Logic
The Inhibit Logic Section samples the OE, SEL1 and SEL2 signals on the falling edge of the clock and, in response to certain conditions (see Figure 15), inhibits the position data latch. The RST signal asynchronously clears the inhibit logic, enabling the latch.
Cascade Output (HCTL-2032 / 2032-SC only)
The cascade output also consists of count and up/down outputs. When the HCTL-2032 / 2032-SC internal counter overflows or underflows, a pulse, one-half clock cycle long, will be output on the CNTCAS pin. This output will occur during the clock cycle in which the internal counter is updated. The U/D pin will be set to the proper voltage level one clock cycle before the rising edge of the CNTCAS pulse, and held one clock cycle after the rising edge of the CNTCAS pulse. These outputs are not affected by the inhibit logic.
Bus Interface
The bus interface section consists of a 32 to 8 line multiplexer and an 8-bit, three-state output buffer. The multiplexer allows independent access to the low and high bytes of the position data latch. The SEL1, SEL2 and OE signals determine which byte is output and whether or not the output bus is in the high-Z state. In the HCTL20XX-XX, the data latch is 32 bit wide. Step 3 4 SEL1 L H L H X SEL2 H H L L X OE L L L L H CLK
Inhibit Signal 0
Action Set inhibit; Read MSB Read nd Byte Read 3rd Byte Read LSB Completes inhibit logic reset
Figure 15. Four Bytes Read Sequence
Cascade Considerations (HCTL-2032 / 2032-SC only)
The HCTL-2032 / 2032-SC `s cascading system allows for position reads of more than four bytes. These reads can be accomplished by latching all the bytes and then reading the bytes sequentially over the 8-bit bus. It is assumed here that, externally, a counter followed by a latch is used to count any count that exceeds 32 bits. This configuration is compatible with the HCTL-2032 / 2032-SC internal counter/latch combination. Consider the sequence of events for a read cycle that starts as the HCTL-2032 / 2032-SC `s internal counter rolls over. On the rising clock edge, count data is updated in the internal counter, rolling it over. A count-cascade pulse (CNTCAS) will be generated with some delay after the rising clock edge (tCHD). There will be additional propagation delays through the external counters and registers. Meanwhile, with SEL and OE low to start the read, the internal latches are inhibited at the falling edge and do not update again till the inhibit is reset. If the CNTCAS pulse now toggles the external counter and this count gets latched a major count error will occur. The count error is because the external latches get updated when the internal latch is inhibited. Valid data can be ensured by latching the external counter data when the high byte read is started (SEL and OE low). This latched external byte corresponds to the count in the inhibited internal latch. The cascade pulse that occurs during the clock cycle when the read begins gets counted by the external counter and is not lost. For example, suppose the HCTL-2032 / 2032-SC count is at FFFFFFFFh and an external counter is at F0h, with the count going up. A count occurring in the HCTL-2032 / 2032-SC will cause the counter to roll over and a cascade pulse will be generated. A read starting on this clock cycle will show FFFFFFFFh from the HCTL-2032 / 2032-SC. The external latch should read F0h, but if the host latches the count after the cascade signal propagates through, the external latch will read F1h.
CLK
CHA FLT
CHB FLT
U/Dbar
CNT DCDR
CNT cas
COUNT
FFFFFFFDh
FFFFFFFEh
FFFFFFFh
00000000h
FFFFFFFEh
FFFFFFFh
Figure 16. Decode and Casade Output Diagram (4x)
Interfacing the HCTL-2032 to an Atmel AVR 90S8535
The circuit shown in Figure 17 shows the connections between an HCTL-2032 and an Atmel AVR controller. Data lines D0-D7 are connected to the Atmel AVR bus port. The 8 MHz oscillators clock the Atmel AVR, whereas the external 33 MHz oscillators clock the HCTL-2032. Figure 18 illustrates the program that interfaces with an Atmel AVR 90S8535.
+5v R= 2.7kOHM
R
R
R
5 4 3 2 1
CHB VCC CHA CHI GND
CHBX CHAX CHIX
+5v
R= 2.7kOHM
R
R
R
5 4 3 2 1
CHB VCC CHA CHI GND
CHBY CHAY CHIY HCTL2032
D0 D1 D2 D3 D4 D5 D6 D7 SEL1 SEL2 EN1 EN2 OE RSTX RSTY X/Y
PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PB1 PB3 PB4 PB5 PB0 PB2 PC7 PB6
AT90S8535
Figure 17. An HCTL-2032-to-Atmel AVR Interface
Set Portb.4 Reset Portb.5 Reset Portb.6 Result_new = 0 Result_old_x = 0 Result_old_y = 0 Do Set Portb.0 Waitms 25 Reset Portb.1 Set Portb.3 Reset Portb.0 Gosub Get_hi Set Portb.1 Set Portb.3 Gosub Get_2nd Reset Portb.1 Reset Portb.3 Gosub Get_3rd Set Portb.1 Reset Portb.3 Gosub Get_lo Set Portb.0 Waitms 25 Mult = 1 Temp = Result_lo * Mult Result = Temp Mult = Mult * 256 Temp = Result_3rd * Mult Result = Result + Temp Mult = Mult * 256 Temp = Result_2nd * Mult Result = Result + Temp Mult = Mult * 256 Temp = Result_hi * Mult Result = Result + Temp ` Result = 32-bits Count Data ` Loop
`EN1=1 `EN2=0 `Select X-axis
`Disable OE
`SEL1=0 (MSB) `SEL2=1 (MSB) `Enable OE `Get MSB `SEL1=1 (2nd Byte) `SEL2=1 (2nd Byte) `Get 2nd Byte `SEL1=0 (3rd Byte) `SEL2=0 (3rd Byte) `Get 3rd Byte `SEL1=1 (LSB) `SEL2=0 (LSB) `Get LSB `Disable OE
`Assign LSB
`Assign 3rd Byte
`Assign 2nd Byte
`Assign MSB
Figure 18. Typical Program for Reading HCTL-2032 with Atmel AVR
9
Get_hi: Hi_old = Pina Hi_new = Pina If Hi_new = Hi_old Then Result_hi = Hi_new Return Else Goto Get_2nd End If Get_2nd: 2nd_old = Pina 2nd_new = Pina If 2nd_new = 2nd_old Then Result_2nd = 2nd_new Return Else Goto Get_2nd End If Get_3rd: 3rd_old = Pina 3rd_new = Pina If 3rd_new = 3rd_old Then Result_3rd = 3rd_new Return Else Goto Get_3rd End If Get_lo: Lo_old = Pina Lo_new = Pina If Lo_new = Lo_old Then Result_lo = Lo_new Return Else Goto Get_lo End If
`Get current data `Get 2nd Data `Get stable data
`Get current data `Get 2nd Data `Get stable data
`Get current data `Get 2nd Data `Get stable data
`Get current data `Get 2nd Data `Get stable data
Figure 18 Cont. Typical Program for Reading HCTL-2032 with Atmel AVR
0
Actions
1. At first, Port B4, B5, and B6 are setup for 4X encoding and X/Y axis selection. 2. The HCTL-2032 detects that OE/ are low on the next falling edge of the CLK and asserts the internal inhibit signal. Data can be read without regard for the phase of the CLK. 3. SEL1 and SEL2 are setup to select the appropriate bytes. The "Get_hi" subroutine is called and the data is read into the AVR. 4. Step 3 is repeated by changing the SEL1 and SEL2 combinations and specific subroutine is called to read in the appropriate data. 5. The HCTL-2032 detects OE/ high on the next falling edge of the CLK. The program set OE/ high by writing the correct value to the respective Port. This causes the data lines to be tristated. On the next rising CLK edge new data is transferred from the counter to the position data latch. 6. For displaying purposes, the data is arranged in 32bit data by shifting the MSB to the left through multiplication.
Ordering Information
HCTL - 20 XX - XX
32 32 32 22
Blank SC SCT Blank
32-PDIP Package 32-SOIC Package 32-SOIC Package in Tape and Reel (1000 Pcs / Reel) 20-PDIP Package
For product information and a complete list of distributors, please go to our web site: www.avagotech.com Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries. Data subject to change. Copyright (c) 00 Avago Technologies Limited. All rights reserved. Obsoletes 99-000EN AV0-009EN - January , 00


▲Up To Search▲   

 
Price & Availability of HCTL-2032-SCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X