Part Number Hot Search : 
7152AM11 LVC14 AN4460 SK301 SPCA533 ALVCH16 SRC12 TIP50
Product Description
Full Text Search
 

To Download HC-49U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES Crystals / Quarze HC-49/U
- HIGH RELIABILITY FOR LOW COST - EXTENDED TEMPERATURE RANGE TO -40/+125C - EXCELLENT CLOCK SIGNAL GENERATUR FOR CPU'S - QUALIFIED FOR QUOTMOTIVE APPLICATIONS
TYPE NUMBER OF LEADS SMD-VERSION PACKAGE HEIGHT FREQUENCY MODE OF VIBRATION RESONANCE RESISTANCE FREQUENCY TOLERANCE AT 25C TEMPERATURE RANGE +-3 PPM +-5 PPM +-10 PPM TEMPERATURE STABILITY +-15 PPM +-20 PPM +-30 PPM +-50 PPM +-100 PPM LOAD CAPACITANCE SHUNT CAPACITANCE DRIVE LEVEL AGING INSULATION RESISTANCE STORAGE TEMPERATURE DELIVERY FORM FOR LEADED VERSION INSULATOR FOR LEADED VERSION CUTTED LEADS STANDARD OPTION DELIVERY FORM FOR SMD-VERSION STANDARD OPTION 100 W typical STANDARD OPTION 1.8432 ~ 40.000 MHz 20.0 ~ 40.0 MHz AT-FUNDAMENTAL BT-FUNDAMENTAL 800 ~ 20 MAX. 30 MAX. STANDARD OPTION HC-49/U 2 LEADS 3 LEADS
PETERMANN TECHNIK Time & Frequency Components
AVAILABLE WITH BENT LEADS AND METAL JACKET 13.46 MM 10.7 MM 23.0 ~ 100.0 MHz 3rd OVERTONE 80 MAX. 60.0 ~ 150.0 MHz 5th OVERTONE 80 MAX. 120.0 ~ 200.0 MHz 7th OVERTONE 100 MAX.
+-10 PPM ~ +-50 PPM 0/+50C ~ -40/+125C 0+50C 0+50C / -10/+60C / 0/+70C -20/+70C 0+50C / -10/+60C / 0/+70C / -20/+70C 0+50C / -10/+60C / 0/+70C / -20/+70C / -40/+85C 0+50C / -10/+60C / 0/+70C / -20/+70C / -40/+85C 0+50C / -10/+60C / 0/+70C / -20/+70C / -40/+85C 0+50C / -10/+60C / 0/+70C / -20/+70C / -40/+85C / -40/+125C 0+50C / -10/+60C / 0/+70C / -20/+70C / -40/+85C / -40/+125C 8 ~ 50 PF OR SERIES 7 PF MAX. (0.01 mW ~ 2 mW possible) +-3 ~ +-5 PPM PER YEAR >500 M DC/100V +-10% -55/+125C BULKS TAPE AND REEL (1.000 PCS PER REEL) TAPE AND REEL WITHOUT INSULATOR WITH INSULATOR AVAILABLE ON REQUEST
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
PART NUMBERING SYSTEM
EXAMPLE HC-49/U 27.000 MHz 30/50/-40+125/20pF/T/I
HC-49/U FOR TYPE WITH 2 LEADS TYPE HC-49/3U FOR TYPE WITH 3 LEADS HC-49/U-SMD FOR SMD-VERSION PACKAGE HEIGHT FREQUENCY FREQUENCY TOL. AT 25C TEMPERATURE STABILITY TEMPERATURE RANGE LOAD CAPACITANCE DELIVERY FORM INSULATOR BLANK FOR 13.46 MM 10.7 FOR 10.7 MM REQUIRED VALUE REQUIRED VALUE REQUIRED VALUE REQUIRED VALUE REQUIRED VALUE BLANK FOR BULKS T FOR TAPE AND REEL BLANK = WITHOUT INSULATOR I = WITH INSULATOR
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97 http://www.petermann-technik.de | info@petermann-technik.de
PETERMANN TECHNIK Time & Frequency Components
OUTLINE DRAWING OF HC-49/U OUTLINE DRAWING OF HC-49/3U OUTLINE DRAWING OF HC-49/U-SMD
11.05max
10.5max
13.46max
10.5max
13.46max
0.8+0.1 10.0
1.2+0.1 -
0.2
3.0
H
H
17.5+0.3 -
13.2+0.3 1.7
00.43 4.88 H1 = 12.7 H{ H2 = 20
00.43 4.88 2.44
4.65
H{
4.65
H1 = 12.7 H2 = 20
0.20
11.05max
Unit:mm
11.05max
Unit:mm
2.8+0.2 5.3
4.9
0.7 Unit:mm
REEL SPECIFICATION (LEADED VERSION)
Description Outside Diameter of Part Thickness of Part
P2 P h1
Symbol AxA1 T d P P0 P1 P2 F h W W0 W1 W2 H H1 D0 t h1
<
Dimensions 13.5x11.1 5.0max 00.43
+0.05 -0.02
Lead Wire Diameter Interval Spacing of Part Pitch fo Leading Hole
12.7+1.0 12.7+1.0 3.85+0.7 6.35+1.0 +0.5 5.0 -0.2 0+1.0 18.2+0.2 +0.8 13.0 -0.2 8.5+0.3 2.0max 18.2+0.2 33.6max 04.0+0.2 0.7+0.1 0+1.0 Unit:mm
A
H1
A1 T P1 F
Tolerance of Leading Hole Lead Pitch Inclination Tape Width Adhesive Tape Width
W t
H
W2
d
W0
W1
Tolerance of Leading Hole(Vertical) Tolerance of Cover Tape Bottom Surface Position of Part
P0
0 D0
Top Surface Position of Part Hole Diameter Tape Thickness Inclination
REEL SPECIFICATION FOR SMD VERSION
0.4+/-0.05 PS 200+/-0.1 TYP
0 1.50+/-0.05
B0 8.00
F W
7.00 P K0 SYMBOL PARAMETER TOLERANCE W 24.00 + 0.3 P B0 16.00 19.00 + 0.1 + 0.1 K0 6.00 + 0.3 PS 4.00 + 0.1 0 1.50+/-0.1 W 11.50 + 0.1 Unit:mm
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97 http://www.petermann-technik.de | info@petermann-technik.de
16.3+0.3 -


▲Up To Search▲   

 
Price & Availability of HC-49U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X