Part Number Hot Search : 
HK8SX3B LT660 AHK214Y2 MAX6101 2N3029 BPW34 AT89LV51 FSE0140
Product Description
Full Text Search
 

To Download EF-0926-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EF-0926-20
The 926 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss. It is useful in power control sections where the ground coil will help eliminate system ground loop noise. The package features the 16 amp IEC connector which facilitates the use of a detachable cord set. The "thru" bulkhead mounting provides the ultimate in RF noise suppression. Other configurations are also available.
Operating Voltage = 115 / 250 V~ Operating Current = 20 A / 115 V~, 16 A / 250 V~ Operating Frequency = 50 / 60 Hz Temperature Range = -20 To 50 Deg. C Diel. Withstnd (L -Case) = 1500 V~ For 1 Min. Diel. Withstnd (L -L) = 1500 Vdc For 1 Min. Leakage Current = 1.5Ma At 250 V~, 60 Hz Discharge Volts After 1 Sec = 34 V Max. Ordering Information With Ring Terminals: EF-0926-20 Without Ring Terminals: EF-0926-20S
USA EUR
JMK Inc 15 Caldwell Dr. Amherst, NH 03031 JMK Inc Glasgow G13 1DN Scotland UK
PH: 603 886-4100 FX: 603 886-4115 email: info@jmkfilters.com PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884


▲Up To Search▲   

 
Price & Availability of EF-0926-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X