Part Number Hot Search : 
A3001 EPA3578 B1212 1800S HA16174 60CDQ030 B240010 EPA3578
Product Description
Full Text Search
 

To Download CY7C1314BV18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY7C1312BV18 CY7C1314BV18
18-Mbit QDR(R) II SRAM Two-Word Burst Architecture
18-Mbit QDR(R) II SRAM Two-Word Burst Architecture
Features
Functional Description
The CY7C1312BV18, and CY7C1314BV18 are 1.8 V Synchronous Pipelined SRAMs, equipped with QDR(R) II architecture. QDR II architecture consists of two separate ports: the read port and the write port to access the memory array. The read port has data outputs to support read operations and the write port has data inputs to support write operations. QDR II architecture has separate data inputs and data outputs to completely eliminate the need to "turn around" the data bus required with common I/O devices. Access to each port is accomplished through a common address bus. The read address is latched on the rising edge of the K clock and the write address is latched on the rising edge of the K clock. Accesses to the QDR II read and write ports are completely independent of one another. To maximize data throughput, both read and write ports are provided with DDR interfaces. Each address location is associated with two 18-bit words (CY7C1312BV18), or 36-bit words (CY7C1314BV18) that burst sequentially into or out of the device. Because data can be transferred into and out of the device on every rising edge of both input clocks (K and K and C and C), memory bandwidth is maximized while simplifying system design by eliminating bus "turn arounds". Depth expansion is accomplished with port selects, which enables each port to operate independently. All synchronous inputs pass through input registers controlled by the K or K input clocks. All data outputs pass through output registers controlled by the C or C (or K or K in a single clock domain) input clocks. Writes are conducted with on-chip synchronous self timed write circuitry.
Separate independent read and write data ports Supports concurrent transactions 250 MHz clock for high bandwidth Two-word burst on all accesses Double data rate (DDR) interfaces on both read and write ports (data transferred at 500 MHz) at 250 MHz Two input clocks (K and K) for precise DDR timing SRAM uses rising edges only Two input clocks for output data (C and C) to minimize clock skew and flight time mismatches Echo clocks (CQ and CQ) simplify data capture in high-speed systems Single multiplexed address input bus latches address inputs for both read and write ports Separate port selects for depth expansion Synchronous internally self timed writes Available in x18, and x36 configurations Full data coherency, providing most current data Core VDD = 1.8 V (0.1 V); I/O VDDQ = 1.4 V to VDD Available in 165-ball FBGA package (13 x 15 x 1.4 mm) Offered in both Pb-free and non Pb-free packages Variable drive HSTL output buffers JTAG 1149.1 compatible test access port Delay lock loop (DLL) for accurate data placement


Configurations
CY7C1312BV18 - 1 M x 18 CY7C1314BV18 - 512 K x 36
Selection Guide
Description Maximum operating frequency Maximum operating current x18 x36 250 MHz 250 800 900 200 MHz 200 675 750 167 MHz 167 600 650 Unit MHz mA
Cypress Semiconductor Corporation Document #: 38-05619 Rev. *J
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised February 2, 2011
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Logic Block Diagram (CY7C1312BV18)
D[17:0] 18
Read Add. Decode
Write Add. Decode
A(18:0)
19
Write Reg
Address Register
Write Reg
Address Register
19
A(18:0)
512 K x 18 Array
512 K x 18 Array
K K CLK Gen.
Control Logic
RPS C C CQ
DOFF
Read Data Reg. 36
VREF WPS BWS[1:0]
18 Control Logic 18
Reg. Reg.
Reg. 18 18 18
CQ Q[17:0]
Logic Block Diagram (CY7C1314BV18)
D[35:0] 36
Read Add. Decode
Write Add. Decode
A(17:0)
18
Write Reg
Address Register
Write Reg
Address Register
18
A(17:0)
256 K x 36 Array
256 K x 36 Array
K K CLK Gen.
Control Logic
RPS C C CQ
DOFF
Read Data Reg. 72
VREF WPS BWS[3:0]
36 Control Logic 36
Reg. Reg.
Reg. 36 36 36
CQ Q[35:0]
Document #: 38-05619 Rev. *J
Page 2 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Contents
Pin Configuration ............................................................. 4 165-ball FBGA (13 x 15 x 1.4 mm) Pinout .................. 4 Pin Definitions .................................................................. 5 Functional Overview ........................................................ 7 Read Operations ......................................................... 7 Write Operations ......................................................... 7 Byte Write Operations ................................................. 7 Single Clock Mode ...................................................... 7 Concurrent Transactions ............................................. 7 Depth Expansion ......................................................... 7 Programmable Impedance .......................................... 8 Echo Clocks ................................................................ 8 DLL .............................................................................. 8 Application Example ........................................................ 8 Truth Table ........................................................................ 9 Write Cycle Descriptions ................................................. 9 Write Cycle Descriptions ............................................... 10 IEEE 1149.1 Serial Boundary Scan (JTAG) .................. 11 Disabling the JTAG Feature ...................................... 11 Test Access Port--Test Clock ................................... 11 Test Mode Select (TMS) ........................................... 11 Test Data-In (TDI) ..................................................... 11 Test Data-Out (TDO) ................................................. 11 Performing a TAP Reset ........................................... 11 TAP Registers ........................................................... 11 TAP Instruction Set ................................................... 11 TAP Controller State Diagram ....................................... 13 TAP Controller Block Diagram ...................................... 14 TAP Electrical Characteristics ...................................... 14 TAP AC Switching Characteristics ............................... 15 TAP Timing and Test Conditions .................................. 15 Identification Register Definitions ................................ 16 Scan Register Sizes ....................................................... 16 Instruction Codes ........................................................... 16 Boundary Scan Order .................................................... 17 Power-up Sequence in QDR II SRAM ........................... 18 Power-up Sequence .................................................. 18 DLL Constraints ......................................................... 18 Maximum Ratings ........................................................... 19 Operating Range ............................................................. 19 Neutron Soft Error Immunity ......................................... 19 Electrical Characteristics ............................................... 19 DC Electrical Characteristics ..................................... 19 AC Electrical Characteristics ..................................... 20 Capacitance .................................................................... 21 Thermal Resistance ........................................................ 21 Switching Characteristics .............................................. 22 Switching Waveforms .................................................... 23 Ordering Information ...................................................... 24 Ordering Code Definitions ......................................... 24 Package Diagram ............................................................ 25 Acronyms ........................................................................ 26 Document Conventions ................................................. 26 Units of Measure ....................................................... 26 Document History Page ................................................. 27 Sales, Solutions, and Legal Information ...................... 29 Worldwide Sales and Design Support ....................... 29 Products .................................................................... 29 PSoC Solutions ......................................................... 29
Document #: 38-05619 Rev. *J
Page 3 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Pin Configuration
The pin configuration for CY7C1312BV18, and CY7C1314BV18 follow. [1]
165-ball FBGA (13 x 15 x 1.4 mm) Pinout
Table 1. CY7C1312BV18 (1 M x 18) 1 A B C D E F G H J K L M N P R CQ NC NC NC NC NC NC DOFF NC NC NC NC NC NC TDO 2 3 4 WPS A VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS A A 5 BWS1 NC A VSS VSS VDD VDD VDD VDD VDD VSS VSS A A A 6 K K A VSS VSS VSS VSS VSS VSS VSS VSS VSS A C C 7 NC/288 M BWS0 A VSS VSS VDD VDD VDD VDD VDD VSS VSS A A A 8 RPS A VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS A A 9 A NC NC NC NC NC NC VDDQ NC NC NC NC NC NC A 10 NC/72 M NC Q7 NC D6 NC NC VREF Q4 D3 NC Q1 NC D0 TMS 11 CQ Q8 D8 D7 Q6 Q5 D5 ZQ D4 Q3 Q2 D2 D1 Q0 TDI NC/144 M NC/36 M Q9 NC D11 NC Q12 D13 VREF NC NC Q15 NC D17 NC TCK D9 D10 Q10 Q11 D12 Q13 VDDQ D14 Q14 D15 D16 Q16 Q17 A
Table 2. CY7C1314BV18 (512 K x 36) 1 A B C D E F G H J K L M N P R CQ Q27 D27 D28 Q29 Q30 D30 DOFF D31 Q32 Q33 D33 D34 Q35 TDO 2 Q18 Q28 D20 D29 Q21 D22 VREF Q31 D32 Q24 Q34 D26 D35 TCK 3 D18 D19 Q19 Q20 D21 Q22 VDDQ D23 Q23 D24 D25 Q25 Q26 A 4 WPS A VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS A A 5 BWS2 BWS3 A VSS VSS VDD VDD VDD VDD VDD VSS VSS A A A 6 K K A VSS VSS VSS VSS VSS VSS VSS VSS VSS A C C 7 BWS1 BWS0 A VSS VSS VDD VDD VDD VDD VDD VSS VSS A A A 8 RPS A VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS A A 9 D17 D16 Q16 Q15 D14 Q13 VDDQ D12 Q12 D11 D10 Q10 Q9 A 10 Q17 Q7 D15 D6 Q14 D13 VREF Q4 D3 Q11 Q1 D9 D0 TMS 11 CQ Q8 D8 D7 Q6 Q5 D5 ZQ D4 Q3 Q2 D2 D1 Q0 TDI NC/288 M NC/72 M NC/36 M NC/144 M
Note 1. NC/36 M, NC/72 M, NC/144 M, and NC/288 M are not connected to the die and can be tied to any voltage level.
Document #: 38-05619 Rev. *J
Page 4 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Pin Definitions
Pin Name D[x:0] I/O InputSynchronous InputSynchronous InputSynchronous Pin Description Data Input Signals. Sampled on the rising edge of K and K clocks during valid write operations. CY7C1312BV18 - D[17:0] CY7C1314BV18 - D[35:0] Write Port Select Active LOW. Sampled on the rising edge of the K clock. When asserted active, a write operation is initiated. Deasserting deselects the write port. Deselecting the write port ignores D[x:0]. Byte Write Select 0, 1, 2 and 3 Active LOW. Sampled on the rising edge of the K and K clocks during write operations. Used to select which byte is written into the device during the current portion of the write operations. Bytes not written remain unaltered. CY7C1312BV18 BWS0 controls D[8:0], BWS1 controls D[17:9]. CY7C1314BV18BWS0 controls D[8:0], BWS1 controls D[17:9],BWS2 controls D[26:18] and BWS3 controls D[35:27]. All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select ignores the corresponding byte of data and it is not written into the device. Address Inputs. Sampled on the rising edge of the K (Read address) and K (Write address) clocks during active read and write operations. These address inputs are multiplexed for both read and write operations. Internally, the device is organized as 1 M x 18 (2 arrays each of 512 K x 18) for CY7C1312BV18 and 512 K x 36 (2 arrays each of 256 K x 36) for CY7C1314BV18. Therefore, only 19 address inputs are needed to access the entire memory array of CY7C1312BV18 and 18 address inputs for CY7C1314BV18. These inputs are ignored when the appropriate port is deselected. Data Output Signals. These pins drive out the requested data during a read operation. Valid data is driven out on the rising edge of both the C and C clocks during read operations, or K and K when in single clock mode. When the read port is deselected, Q[x:0] are automatically tri-stated. CY7C1312BV18 Q[17:0] CY7C1314BV18 Q[35:0] Read Port Select Active LOW. Sampled on the rising edge of positive input clock (K). When active, a read operation is initiated. Deasserting deselects the read port. When deselected, the pending access is allowed to complete and the output drivers are automatically tri-stated following the next rising edge of the C clock. Each read access consists of a burst of two sequential transfers. Positive Input Clock for Output Data. C is used in conjunction with C to clock out the read data from the device. C and C can be used together to deskew the flight times of various devices on the board back to the controller. See Application Example on page 8 for further details. Negative Input Clock for Output Data. C is used in conjunction with C to clock out the read data from the device. C and C can be used together to deskew the flight times of various devices on the board back to the controller. See Application Example on page 8 for further details. Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising edge of K. Negative Input Clock Input. K is used to capture synchronous inputs being presented to the device and to drive out data through Q[x:0] when in single clock mode. CQ Referenced with Respect to C. This is a free - running clock and is synchronized to the Input clock for output data (C) of the QDR II. In the single clock mode, CQ is generated with respect to K. The timings for the echo clocks is shown in the Switching Characteristics on page 22. CQ Referenced with Respect to C. This is a free - running clock and is synchronized to the Input clock for output data (C) of the QDR II. In the single clock mode, CQ is generated with respect to K. The timings for the echo clocks is shown in the Switching Characteristics on page 22. Output Impedance Matching Input. This input is used to tune the device outputs to the system data bus impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 x RQ, where RQ is a resistor connected between ZQ and ground. Alternatively, this pin can be connected directly to VDDQ, which enables the minimum impedance mode. This pin cannot be connected directly to GND or left unconnected.
WPS BWS0, BWS1, BWS2, BWS3
A
InputSynchronous
Q[x:0]
OutputsSynchronous
RPS
InputSynchronous
C
Input Clock
C
Input Clock
K
Input Clock
K CQ
Input Clock Echo Clock
CQ
Echo Clock
ZQ
Input
Document #: 38-05619 Rev. *J
Page 5 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Pin Definitions
Pin Name DOFF TDO TCK TDI TMS NC NC/36M NC/72M Input Output Input Input Input N/A N/A N/A I/O
(continued) Pin Description DLL Turn Off Active LOW. Connecting this pin to ground turns off the DLL inside the device. The timing in the DLL turned off operation differs from those listed in this data sheet. TDO for JTAG. TCK Pin for JTAG. TDI Pin for JTAG. TMS Pin for JTAG. Not Connected to the Die. Can be tied to any voltage level. Not Connected to the Die. Can be tied to any voltage level. Not Connected to the Die. Can be tied to any voltage level. Not Connected to the Die. Can be tied to any voltage level. Not Connected to the Die. Can be tied to any voltage level. Reference Voltage Input. Static input used to set the reference level for HSTL inputs, Outputs, and AC measurement points.
NC/144M N/A NC/288M N/A VREF VDD VSS VDDQ InputReference
Power Supply Power Supply Inputs to the Core of the Device. Ground Ground for the Device.
Power Supply Power Supply Inputs for the Outputs of the Device.
Document #: 38-05619 Rev. *J
Page 6 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Functional Overview
The CY7C1312BV18, and CY7C1314BV18 are synchronous pipelined Burst SRAMs equipped with a read port and a write port. The read port is dedicated to read operations and the write port is dedicated to write operations. Data flows into the SRAM through the write port and flows out through the read port. These devices multiplex the address inputs to minimize the number of address pins required. By having separate read and write ports, the QDR II completely eliminates the need to turn around the data bus and avoids any possible data contention, thereby simplifying system design. Each access consists of two 18-bit data transfers in the case of CY7C1312BV18, and two 36-bit data transfers in the case of CY7C1314BV18 in one clock cycle. Accesses for both ports are initiated on the rising edge of the positive input clock (K). All synchronous input timing is referenced from the rising edge of the input clocks (K and K) and all output timing is referenced to the rising edge of the output clocks (C and C, or K and K when in single clock mode). All synchronous data inputs (D[x:0]) pass through input registers controlled by the input clocks (K and K). All synchronous data outputs (Q[x:0]) pass through output registers controlled by the rising edge of the output clocks (C and C, or K and K when in single clock mode). All synchronous control (RPS, WPS, BWS[x:0]) inputs pass through input registers controlled by the rising edge of the input clocks (K and K). CY7C1312BV18 is described in the following sections. The same basic descriptions apply to CY7C1314BV18. lower 18-bit write data register, provided BWS[1:0] are both asserted active. On the subsequent rising edge of the negative input clock (K), the address is latched and the information presented to D[17:0] is stored into the write data register, provided BWS[1:0] are both asserted active. The 36-bits of data are then written into the memory array at the specified location. When deselected, the write port ignores all inputs after completion of pending write operations.
Byte Write Operations
Byte write operations are supported by the CY7C1312BV18. A write operation is initiated as described in the Write Operations section. The bytes that are written are determined by BWS0 and BWS1, which are sampled with each 18-bit data word. Asserting the appropriate Byte Write Select input during the data portion of a write latches the data being presented and writes it into the device. Deasserting the Byte Write Select input during the data portion of a write allows the data stored in the device for that byte to remain unaltered. This feature can be used to simplify read, modify, or write operations to a byte write operation.
Single Clock Mode
The CY7C1312BV18 can be used with a single clock that controls both the input and output registers. In this mode, the device recognizes only a single pair of input clocks (K and K) that control both the input and output registers. This operation is identical to the operation if the device had zero skew between the K/K and C/C clocks. All timing parameters remain the same in this mode. To use this mode of operation, the user must tie C and C HIGH at power on. This function is a strap option and not alterable during device operation.
Read Operations
The CY7C1312BV18 is organized internally as two arrays of 512K x 18. Accesses are completed in a burst of two sequential 18-bit data words. Read operations are initiated by asserting RPS active at the rising edge of the positive input clock (K). The address is latched on the rising edge of the K clock. The address presented to the address inputs is stored in the read address register. Following the next K clock rise the corresponding lowest order 18-bit word of data is driven onto the Q[17:0] using C as the output timing reference. On the subsequent rising edge of C, the next 18-bit data word is driven onto the Q[17:0]. The requested data is valid 0.45 ns from the rising edge of the output clock (C and C or K and K when in single clock mode). Synchronous internal circuitry automatically tri-states the outputs following the next rising edge of the output clocks (C/C). This allows for a seamless transition between devices without the insertion of wait states in a depth expanded memory.
Concurrent Transactions
The read and write ports on the CY7C1312BV18 operate independently of one another. As each port latches the address inputs on different clock edges, the user can read or write to any location, regardless of the transaction on the other port. The user can start reads and writes in the same clock cycle. If the ports access the same location at the same time, the SRAM delivers the most recent information associated with the specified address location. This includes forwarding data from a write cycle that was initiated on the previous K clock rise.
Depth Expansion
The CY7C1312BV18 has a port select input for each port. This enables for easy depth expansion. Both port selects are sampled on the rising edge of the positive input clock only (K). Each port select input can deselect the specified port. Deselecting a port does not affect the other port. All pending transactions (read and write) are completed prior to the device being deselected.
Write Operations
Write operations are initiated by asserting WPS active at the rising edge of the positive input clock (K). On the same K clock rise, the data presented to D[17:0] is latched and stored into the
Document #: 38-05619 Rev. *J
Page 7 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin on the SRAM and VSS to allow the SRAM to adjust its output driver impedance. The value of RQ must be 5x the value of the intended line impedance driven by the SRAM. The allowable range of RQ to guarantee impedance matching with a tolerance of 15% is between 175 and 350 , with VDDQ = 1.5 V. The output impedance is adjusted every 1024 cycles upon power-up to account for drifts in supply voltage and temperature. synchronized to the output clock (C/C) of the QDR II. In single clock mode, CQ is generated with respect to K and CQ is generated with respect to K. The timing for the echo clocks is shown in the Switching Characteristics on page 22.
DLL
These chips use a DLL that is designed to function between 120 MHz and the specified maximum clock frequency. During power-up, when the DOFF is tied HIGH, the DLL is locked after 1024 cycles of stable clock. The DLL can also be reset by slowing or stopping the input clock K and K for a minimum of 30 ns. However, it is not necessary to reset the DLL to lock to the desired frequency. The DLL automatically locks 1024 clock cycles after a stable clock is presented. The DLL may be disabled by applying ground to the DOFF pin. For information refer to the application note, DLL Considerations in QDRII/DDRII/QDRII+/DDRII+ - AN5062.
Echo Clocks
Echo clocks are provided on the QDR II to simplify data capture on high-speed systems. Two echo clocks are generated by the QDR II. CQ is referenced with respect to C and CQ is referenced with respect to C. These are free-running clocks and are
Application Example
Figure 1 shows two QDR II used in an application. Figure 1. Application Example
SRAM #1
Vt R D A R P S # W P S # B W S #
ZQ CQ/CQ# Q C C# K K#
R = 250ohms D A R P S # W P S #
SRAM #2
B W S #
ZQ R = 250ohms CQ/CQ# Q C C# K K#
DATA IN DATA OUT Address RPS# BUS WPS# MASTER BWS# (CPU CLKIN/CLKIN# or Source K ASIC) Source K# Delayed K Delayed K# R R = 50ohms Vt = Vddq/2
R
Vt Vt
Document #: 38-05619 Rev. *J
Page 8 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Truth Table
The truth table for CY7C1312BV18, and CY7C1314BV18 follows. [2, 3, 4, 5, 6, 7] Operation Write cycle: Load address on the rising edge of K; input write data on K and K rising edges. Read Cycle: Load address on the rising edge of K; wait one and a half cycle; read data on C and C rising edges. NOP: No operation Standby: Clock stopped K L-H RPS WPS X L DQ D(A + 0) at K(t) DQ D(A + 1) at K(t)
L-H
L
X
Q(A + 0) at C(t + 1) Q(A + 1) at C(t + 2)
L-H Stopped
H X
H X
D=X Q = High Z Previous state
D=X Q = High Z Previous state
Write Cycle Descriptions
The write cycle description table for CY7C1312BV18 follows. [2, 8] BWS0 L L L L H H H H BWS1 L L H H L L H H K L-H - L-H - L-H - L-H - K - Comments During the data portion of a write sequence Both bytes (D[17:0]) are written into the device.
L-H During the data portion of a write sequence Both bytes (D[17:0]) are written into the device. - During the data portion of a write sequence Only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
L-H During the data portion of a write sequence Only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered. - During the data portion of a write sequence Only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
L-H During the data portion of a write sequence Only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered. - No data is written into the devices during this portion of a write operation. L-H No data is written into the devices during this portion of a write operation.
Notes 2. X = "Do not Care," H = Logic HIGH, L = Logic LOW, represents rising edge. 3. Device powers up deselected with the outputs in a tri-state condition. 4. "A" represents address location latched by the devices when transaction was initiated. A + 0, A + 1 represents the internal address sequence in the burst. 5. "t" represents the cycle at which a Read/Write operation is started. t + 1, and t + 2 are the first, and second clock cycles respectively succeeding the "t" clock cycle. 6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode. 7. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically. 8. Is based on a write cycle that was initiated in accordance with the Write Cycle Descriptions table. BWS0, BWS1, BWS2, and BWS3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved.
Document #: 38-05619 Rev. *J
Page 9 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Write Cycle Descriptions
The write cycle description table for CY7C1314BV18 follows. [9, 10] BWS0 L L L L H H H H H H H H BWS1 L L H H L L H H H H H H BWS2 L L H H H H L L H H H H BWS3 L L H H H H H H L L H H K L-H - L-H - L-H - L-H - L-H - L-H - K - Comments During the data portion of a write sequence, all four bytes (D[35:0]) are written into the device.
L-H During the data portion of a write sequence, all four bytes (D[35:0]) are written into the device. - During the data portion of a write sequence, only the lower byte (D[8:0]) is written into the device. D[35:9] remains unaltered.
L-H During the data portion of a write sequence, only the lower byte (D[8:0]) is written into the device. D[35:9] remains unaltered. - During the data portion of a write sequence, only the byte (D[17:9]) is written into the device. D[8:0] and D[35:18] remains unaltered.
L-H During the data portion of a write sequence, only the byte (D[17:9]) is written into the device. D[8:0] and D[35:18] remains unaltered. - During the data portion of a write sequence, only the byte (D[26:18]) is written into the device. D[17:0] and D[35:27] remains unaltered.
L-H During the data portion of a write sequence, only the byte (D[26:18]) is written into the device. D[17:0] and D[35:27] remains unaltered. - During the data portion of a write sequence, only the byte (D[35:27]) is written into the device. D[26:0] remains unaltered.
L-H During the data portion of a write sequence, only the byte (D[35:27]) is written into the device. D[26:0] remains unaltered. - No data is written into the device during this portion of a write operation. L-H No data is written into the device during this portion of a write operation.
Notes 9. X = "Do not Care," H = Logic HIGH, L = Logic LOW, represents rising edge. 10. Is based on a write cycle that was initiated in accordance with the Write Cycle Descriptions table. BWS0, BWS1, BWS2, and BWS3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved.
Document #: 38-05619 Rev. *J
Page 10 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
IEEE 1149.1 Serial Boundary Scan (JTAG)
These SRAMs incorporate a serial boundary scan Test Access Port (TAP) in the FBGA package. This part is fully compliant with IEEE Standard #1149.1-1900. The TAP operates using JEDEC standard 1.8 V I/O logic levels. Instruction Register Three-bit instructions can be serially loaded into the instruction register. This register is loaded when it is placed between the TDI and TDO pins, as shown in on page 14. Upon power-up, the instruction register is loaded with the IDCODE instruction. It is also loaded with the IDCODE instruction if the controller is placed in a reset state, as described in the previous section. When the TAP controller is in the Capture-IR state, the two least significant bits are loaded with a binary "01" pattern to allow for fault isolation of the board level serial test path. Bypass Register To save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. The bypass register is a single-bit register that can be placed between TDI and TDO pins. This enables shifting of data through the SRAM with minimal delay. The bypass register is set LOW (VSS) when the BYPASS instruction is executed. Boundary Scan Register The boundary scan register is connected to all of the input and output pins on the SRAM. Several No Connect (NC) pins are also included in the scan register to reserve pins for higher density devices. The boundary scan register is loaded with the contents of the RAM input and output ring when the TAP controller is in the Capture-DR state and is then placed between the TDI and TDO pins when the controller is moved to the Shift-DR state. The EXTEST, SAMPLE/PRELOAD, and SAMPLE Z instructions can be used to capture the contents of the input and output ring. The Boundary Scan Order on page 17 shows the order in which the bits are connected. Each bit corresponds to one of the bumps on the SRAM package. The MSB of the register is connected to TDI, and the LSB is connected to TDO. Identification (ID) Register The ID register is loaded with a vendor-specific, 32-bit code during the Capture-DR state when the IDCODE command is loaded in the instruction register. The IDCODE is hardwired into the SRAM and can be shifted out when the TAP controller is in the Shift-DR state. The ID register has a vendor code and other information described in Identification Register Definitions on page 16.
Disabling the JTAG Feature
It is possible to operate the SRAM without using the JTAG feature. To disable the TAP controller, TCK must be tied LOW (VSS) to prevent clocking of the device. TDI and TMS are internally pulled up and may be unconnected. They may alternatively be connected to VDD through a pull-up resistor. TDO must be left unconnected. Upon power-up, the device comes up in a reset state, which does not interfere with the operation of the device.
Test Access Port--Test Clock
The test clock is used only with the TAP controller. All inputs are captured on the rising edge of TCK. All outputs are driven from the falling edge of TCK.
Test Mode Select (TMS)
The TMS input is used to give commands to the TAP controller and is sampled on the rising edge of TCK. This pin may be left unconnected if the TAP is not used. The pin is pulled up internally, resulting in a logic HIGH level.
Test Data-In (TDI)
The TDI pin is used to serially input information into the registers and can be connected to the input of any of the registers. The register between TDI and TDO is chosen by the instruction that is loaded into the TAP instruction register. For information on loading the instruction register, see the TAP Controller State Diagram on page 13. TDI is internally pulled up and can be unconnected if the TAP is unused in an application. TDI is connected to the most significant bit (MSB) on any register.
Test Data-Out (TDO)
The TDO output pin is used to serially clock data out from the registers. The output is active, depending upon the current state of the TAP state machine (see Instruction Codes on page 16). The output changes on the falling edge of TCK. TDO is connected to the least significant bit (LSB) of any register.
Performing a TAP Reset
A Reset is performed by forcing TMS HIGH (VDD) for five rising edges of TCK. This Reset does not affect the operation of the SRAM and can be performed while the SRAM is operating. At power-up, the TAP is reset internally to ensure that TDO comes up in a high Z state.
TAP Instruction Set
Eight different instructions are possible with the three-bit instruction register. All combinations are listed in Instruction Codes on page 16. Three of these instructions are listed as RESERVED and must not be used. The other five instructions are described in this section in detail. Instructions are loaded into the TAP controller during the Shift-IR state when the instruction register is placed between TDI and TDO. During this state, instructions are shifted through the instruction register through the TDI and TDO pins. To execute the instruction after it is shifted in, the TAP controller must be moved into the Update-IR state.
TAP Registers
Registers are connected between the TDI and TDO pins to scan the data in and out of the SRAM test circuitry. Only one register can be selected at a time through the instruction registers. Data is serially loaded into the TDI pin on the rising edge of TCK. Data is output on the TDO pin on the falling edge of TCK.
Document #: 38-05619 Rev. *J
Page 11 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
IDCODE The IDCODE instruction loads a vendor-specific, 32-bit code into the instruction register. It also places the instruction register between the TDI and TDO pins and shifts the IDCODE out of the device when the TAP controller enters the Shift-DR state. The IDCODE instruction is loaded into the instruction register at power-up or whenever the TAP controller is supplied a Test-Logic-Reset state. SAMPLE Z The SAMPLE Z instruction connects the boundary scan register between the TDI and TDO pins when the TAP controller is in a Shift-DR state. The SAMPLE Z command puts the output bus into a high Z state until the next command is supplied during the Update IR state. SAMPLE/PRELOAD SAMPLE/PRELOAD is a 1149.1 mandatory instruction. When the SAMPLE/PRELOAD instructions are loaded into the instruction register and the TAP controller is in the Capture-DR state, a snapshot of data on the input and output pins is captured in the boundary scan register. The user must be aware that the TAP controller clock can only operate at a frequency up to 20 MHz, while the SRAM clock operates more than an order of magnitude faster. Because there is a large difference in the clock frequencies, it is possible that during the Capture-DR state, an input or output undergoes a transition. The TAP may then try to capture a signal while in transition (metastable state). This does not harm the device, but there is no guarantee as to the value that is captured. Repeatable results may not be possible. To guarantee that the boundary scan register captures the correct value of a signal, the SRAM signal must be stabilized long enough to meet the TAP controller's capture setup plus hold times (tCS and tCH). The SRAM clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a SAMPLE/PRELOAD instruction. If this is an issue, it is still possible to capture all other signals and simply ignore the value of the CK and CK captured in the boundary scan register. After the data is captured, it is possible to shift out the data by putting the TAP into the Shift-DR state. This places the boundary scan register between the TDI and TDO pins. PRELOAD places an initial data pattern at the latched parallel outputs of the boundary scan register cells before the selection of another boundary scan test operation. The shifting of data for the SAMPLE and PRELOAD phases can occur concurrently when required, that is, while the data captured is shifted out, the preloaded data can be shifted in. BYPASS When the BYPASS instruction is loaded in the instruction register and the TAP is placed in a Shift-DR state, the bypass register is placed between the TDI and TDO pins. The advantage of the BYPASS instruction is that it shortens the boundary scan path when multiple devices are connected together on a board. EXTEST The EXTEST instruction drives the preloaded data out through the system output pins. This instruction also connects the boundary scan register for serial access between the TDI and TDO in the Shift-DR controller state. EXTEST OUTPUT BUS TRI-STATE IEEE Standard 1149.1 mandates that the TAP controller be able to put the output bus into a tri-state mode. The boundary scan register has a special bit located at bit #47. When this scan cell, called the "extest output bus tri-state," is latched into the preload register during the Update-DR state in the TAP controller, it directly controls the state of the output (Q-bus) pins, when the EXTEST is entered as the current instruction. When HIGH, it enables the output buffers to drive the output bus. When LOW, this bit places the output bus into a high Z condition. This bit can be set by entering the SAMPLE/PRELOAD or EXTEST command, and then shifting the desired bit into that cell, during the Shift-DR state. During Update-DR, the value loaded into that shift-register cell latches into the preload register. When the EXTEST instruction is entered, this bit directly controls the output Q-bus pins. Note that this bit is pre-set LOW to enable the output when the device is powered-up, and also when the TAP controller is in the Test-Logic-Reset state. Reserved These instructions are not implemented but are reserved for future use. Do not use these instructions.
Document #: 38-05619 Rev. *J
Page 12 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
TAP Controller State Diagram
The state diagram for the TAP controller follows. [11]
1
TEST-LOGIC RESET 0 1 SELECT IR-SCAN 0 1 CAPTURE-DR 0 SHIFT-DR 1 EXIT1-DR 0 PAUSE-DR 1 0 EXIT2-DR 1 UPDATE-DR 1 0 1 0 0 1 0 CAPTURE-IR 0 SHIFT-IR 1 EXIT1-IR 0 PAUSE-IR 1 EXIT2-IR 1 UPDATE-IR 0 0 1 0
0
TEST-LOGIC/ IDLE
1
SELECT DR-SCAN 0 1
1
Note 11. The 0/1 next to each state represents the value at TMS at the rising edge of TCK.
Document #: 38-05619 Rev. *J
Page 13 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
TAP Controller Block Diagram
0 Bypass Register 2 TDI Selection Circuitry 31 Instruction Register 30 29 . . 2 1 0 1 0 Selection Circuitry TDO
Identification Register 106 . . . . 2 1 0
Boundary Scan Register
TCK TMS TAP Controller
TAP Electrical Characteristics
Over the Operating Range [12, 13, 14] Parameter VOH1 VOH2 VOL1 VOL2 VIH VIL IX Description Output HIGH voltage Output HIGH voltage Output LOW voltage Output LOW voltage Input HIGH voltage Input LOW voltage Input and output load current GND VI VDD Test Conditions IOH =2.0 mA IOH =100 A IOL = 2.0 mA IOL = 100 A Min 1.4 1.6 - - Max - - 0.4 0.2 Unit V V V V V V A
0.65 VDD VDD + 0.3 -0.3 -5 0.35 VDD 5
Notes 12. These characteristics pertain to the TAP inputs (TMS, TCK, TDI and TDO). Parallel load levels are specified in the Electrical Characteristics table. 13. Overshoot: VIH(AC) < VDDQ + 0.85 V (Pulse width less than tCYC/2), Undershoot: VIL(AC) > 1.5 V (Pulse width less than tCYC/2). 14. All Voltage referenced to Ground.
Document #: 38-05619 Rev. *J
Page 14 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
TAP AC Switching Characteristics
Over the Operating Range [15, 16] Parameter tTCYC tTF tTH tTL Setup Times tTMSS tTDIS tCS Hold Times tTMSH tTDIH tCH Output Times tTDOV tTDOX TCK clock LOW to TDO valid TCK clock LOW to TDO invalid - 0 10 - ns ns TMS hold after TCK clock rise TDI hold after clock rise Capture hold after clock rise 5 5 5 - - - ns ns ns TMS setup to TCK clock rise TDI setup to TCK clock rise Capture setup to TCK rise 5 5 5 - - - ns ns ns TCK clock cycle time TCK clock frequency TCK clock HIGH TCK clock LOW Description Min 50 - 20 20 Max - 20 - - Unit ns MHz ns ns
TAP Timing and Test Conditions
Figure 2 shows the TAP timing and test conditions. [16] Figure 2. TAP Timing and Test Conditions
0.9 V 50 TDO Z0 = 50 CL = 20 pF
All input pulses 1.8 V 0.9 V 0V
(a)
GND
tTH
tTL
Test Clock TCK
tTMSS tTMSH
tTCYC
Test Mode Select TMS
tTDIS tTDIH
Test Data In TDI
Test Data Out TDO
tTDOV tTDOX
Notes 15. tCS and tCH refer to the setup and hold time requirements of latching data from the boundary scan register. 16. Test conditions are specified using the load in TAP AC Test Conditions. tR/tF = 1 ns.
Document #: 38-05619 Rev. *J
Page 15 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Identification Register Definitions
Instruction Field Revision Number (31:29) Cypress Device ID (28:12) Cypress JEDEC ID (11:1) ID Register Presence (0) Value CY7C1312BV18 000 11010011010010101 00000110100 1 CY7C1314BV18 000 11010011010100101 00000110100 1 Description Version number. Defines the type of SRAM. Allows unique identification of SRAM vendor. Indicates the presence of an ID register.
Scan Register Sizes
Register Name Instruction Bypass ID Boundary Scan Bit Size 3 1 32 107
Instruction Codes
Instruction EXTEST IDCODE Code 000 001 Description Captures the input and output ring contents. Loads the ID register with the vendor ID code and places the register between TDI and TDO. This operation does not affect SRAM operation. Captures the input and output contents. Places the boundary scan register between TDI and TDO. Forces all SRAM output drivers to a High Z state. Do not use: This instruction is reserved for future use. Captures the input and output ring contents. Places the boundary scan register between TDI and TDO. Does not affect the SRAM operation. Do not use: This instruction is reserved for future use. Do not use: This instruction is reserved for future use. Places the bypass register between TDI and TDO. This operation does not affect SRAM operation.
SAMPLE Z
010
RESERVED SAMPLE/PRELOAD
011 100
RESERVED RESERVED BYPASS
101 110 111
Document #: 38-05619 Rev. *J
Page 16 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Boundary Scan Order
Bit # 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 Bump ID 6R 6P 6N 7P 7N 7R 8R 8P 9R 11P 10P 10N 9P 10M 11N 9M 9N 11L 11M 9L 10L 11K 10K 9J 9K 10J 11J Bit # 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 Bump ID 11H 10G 9G 11F 11G 9F 10F 11E 10E 10D 9E 10C 11D 9C 9D 11B 11C 9B 10B 11A Internal 9A 8B 7C 6C 8A 7A Bit # 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 Bump ID 7B 6B 6A 5B 5A 4A 5C 4B 3A 1H 1A 2B 3B 1C 1B 3D 3C 1D 2C 3E 2D 2E 1E 2F 3F 1G 1F Bit # 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 Bump ID 3G 2G 1J 2J 3K 3J 2K 1K 2L 3L 1M 1L 3N 3M 1N 2M 3P 2N 2P 1P 3R 4R 4P 5P 5N 5R
Document #: 38-05619 Rev. *J
Page 17 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Power-up Sequence in QDR II SRAM
QDR II SRAMs must be powered-up and initialized in a predefined manner to prevent undefined operations.
DLL Constraints

Power-up Sequence
DLL uses K clock as its synchronizing input. The input must have low phase jitter, which is specified as tKC Var. The DLL functions at frequencies down to 120 MHz. If the input clock is unstable and the DLL is enabled, then the DLL may lock onto an incorrect frequency, causing unstable SRAM behavior. To avoid this, provide1024 cycles stable clock to relock to the desired clock frequency.
Apply power and drive DOFF either HIGH or LOW (all other inputs can be HIGH or LOW). Apply VDD before VDDQ. Apply VDDQ before VREF or at the same time as VREF. Drive DOFF HIGH. Provide stable DOFF (HIGH), power and clock (K, K) for 1024 cycles to lock the DLL.
Figure 3. Power-up Waveforms
~ ~
K K
~ ~
Unstable Clock
> 1024 Stable clock
Start Normal Operation
Clock Start (Clock Starts after V DD / V DDQ Stable)
VDD / VDDQ
DOFF
V DD / V DDQ Stable (< +/- 0.1V DC per 50ns ) Fix High (or tie to VDDQ)
Document #: 38-05619 Rev. *J
Page 18 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the device. User guidelines are not tested. Storage temperature ................................ -65 C to +150 C Ambient temperature with power applied . -55 C to +125 C Supply voltage on VDD relative to GND ........-0.5 V to +2.9 V Supply voltage on VDDQ relative to GND....... -0.5 V to +VDD DC applied to outputs in high Z ........ -0.5 V to VDDQ + 0.3 V DC input voltage [17] ............................ -0.5 V to VDD + 0.3 V Current into outputs (LOW) ......................................... 20 mA Static discharge voltage (MIL-STD-883, M. 3015).. > 2001 V Latch-up current .................................................... > 200 mA SEL LMBU
Neutron Soft Error Immunity
Parameter LSBU Description Logical single-bit upsets Logical multi-bit upsets Single event latch-up Test Conditions 25 C Typ 320 Max* 368 Unit FIT/ Mb FIT/ Mb FIT/ Dev
25 C
0
0.01
85 C
0
0.1
Operating Range
Range Commercial Industrial Ambient Temperature (TA) 0 C to +70 C -40 C to +85 C VDD [18] 1.8 0.1 V VDDQ [18] 1.4 V to VDD
* No LMBU or SEL events occurred during testing; this column represents a statistical 2, 95% confidence limit calculation. For more details refer to Application Note, Accelerated Neutron SER Testing and Calculation of Terrestrial Failure Rates - AN54908.
Electrical Characteristics
DC Electrical Characteristics
Over the Operating Range [19] Parameter VDD VDDQ VOH VOL VOH(LOW) VOL(LOW) VIH VIL IX IOZ VREF Description Power supply voltage I/O supply voltage Output HIGH voltage Output LOW voltage Output HIGH voltage Output LOW voltage Input HIGH voltage Input LOW voltage Input leakage current Output leakage current Input reference voltage
[22]
Test Conditions
Min 1.7 1.4
Typ 1.8 1.5 - - - - - - - - 0.75
Max 1.9 VDD VDDQ/2 + 0.12 VDDQ/2 + 0.12 VDDQ 0.2 VDDQ + 0.3 VREF - 0.1 5 5 0.95
Unit V V V V V V V V A A V
Note 20 Note 21 IOH =0.1 mA, nominal impedance IOL = 0.1 mA, nominal impedance
VDDQ/2 - 0.12 VDDQ/2 - 0.12 VDDQ - 0.2 VSS VREF + 0.1 -0.3
GND VI VDDQ GND VI VDDQ, output disabled Typical Value = 0.75 V
5 5 0.68
Notes 17. Overshoot: VIH(AC) < VDDQ + 0.85 V (Pulse width less than tCYC/2), Undershoot: VIL(AC) > 1.5 V (Pulse width less than tCYC/2). 18. Power-up: Assumes a linear ramp from 0V to VDD(min) within 200 ms. During this time VIH < VDD and VDDQ < VDD. 19. All Voltage referenced to Ground. 20. Output are impedance controlled. IOH = (VDDQ/2)/(RQ/5) for values of 175 ohms RQ 350 ohms. 21. Output are impedance controlled. IOL = (VDDQ/2)/(RQ/5) for values of 175 ohms RQ 350 ohms. 22. VREF (min) = 0.68 V or 0.46 VDDQ, whichever is larger, VREF (max) = 0.95 V or 0.54 VDDQ, whichever is smaller.
Document #: 38-05619 Rev. *J
Page 19 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Electrical Characteristics
DC Electrical Characteristics
Over the Operating Range [19] Parameter IDD [23] Description VDD operating supply Test Conditions VDD = Max, IOUT = 0 mA, f = fMAX = 1/tCYC 250 MHz (x18) (x36) 200 MHz (x18) (x36) 167 MHz (x18) (x36) ISB1 Automatic power-down current Max VDD, both ports deselected, VIN VIH or VIN VIL f = fMAX = 1/tCYC, inputs static 250 MHz (x18) (x36) 200 MHz (x18) (x36) 167 MHz (x18) (x36) Min - - - - - - - - - - - - Typ - - - - - - - - - - - - Max 800 900 675 750 600 650 400 450 380 400 360 370 mA Unit mA
(continued)
AC Electrical Characteristics
Over the Operating Range [24] Parameter VIH VIL Description Input HIGH voltage Input LOW voltage Test Conditions Min VREF + 0.2 - Typ - - Max - VREF - 0.2 Unit V V
Notes 23. The operation current is calculated with 50% read cycle and 50% write cycle. 24. Overshoot: VIH(AC) < VDDQ + 0.85 V (Pulse width less than tCYC/2), Undershoot: VIL(AC) > 1.5 V (Pulse width less than tCYC/2).
Document #: 38-05619 Rev. *J
Page 20 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Capacitance
Tested initially and after any design or process change that may affect these parameters. Parameter CIN CCLK CO Description Input capacitance Clock input capacitance Output capacitance Test Conditions TA = 25 C, f = 1 MHz, VDD = 1.8 V, VDDQ = 1.5 V Max 5 6 7 Unit pF pF pF
Thermal Resistance
Tested initially and after any design or process change that may affect these parameters. Parameter JA JC Description Thermal resistance (junction to ambient) Thermal resistance (junction to case) Test Conditions Test conditions follow standard test methods and procedures for measuring thermal impedance, in accordance with EIA/JESD51. 165 FBGA Package 18.7 4.5 Unit C/W C/W
Figure 4. AC Test Loads and Waveforms
VREF = 0.75 V VREF OUTPUT Device Under Test Z0 = 50 RL = 50 0.75 V VREF OUTPUT 5 pF 0.25 V Slew Rate = 2 V/ns 0.75 V R = 50 All input pulses 1.25 V 0.75 V
[25]
ZQ
(a)
Device Under VREF = 0.75 V Test ZQ
RQ = 250
Including JIG and scope
RQ = 250 (b)
Note 25. Unless otherwise noted, test conditions are based on signal transition time of 2V/ns, timing reference levels of 0.75 V, Vref = 0.75 V, RQ = 250 , VDDQ = 1.5 V, input pulse levels of 0.25 V to 1.25 V, and output loading of the specified IOL/IOH and load capacitance shown in (a) of AC Test Loads and Waveforms.
Document #: 38-05619 Rev. *J
Page 21 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Switching Characteristics
Over the Operating Range [26, 27] Cypress Consortium Parameter Parameter tPOWER tCYC tKH tKL tKHKH tKHCH tSA tSC tSCDDR tSD tHA tHC tHCDDR tHD tCO tDOH tCCQO tCQOH tCQD tCQDOH tCHZ tCLZ tKC Var tKC lock tKC Reset tKHKH tKHKL tKLKH tKHKH tKHCH tAVKH tIVKH tIVKH tDVKH tKHAX tKHIX tKHIX tKHDX tCHQV tCHQX tCHCQV tCHCQX tCQHQV tCQHQX tCHQZ tCHQX1 tKC Var tKC lock tKC Reset Description VDD(Typical) to the first access [28] K clock and C clock cycle time Input clock (K/K and C/C) HIGH Input clock (K/K and C/C) LOW K clock rise to K clock rise and C to C rise (rising edge to rising edge) K/K clock rise to C/C clock rise (rising edge to rising edge) Address setup to K clock rise Control setup to K clock rise (RPS, WPS) DDR control setup to clock (K/K) rise (BWS0, BWS1, BWS3, BWS4) D[X:0] setup to clock (K/K) rise Address hold after K clock rise Control hold after K clock rise (RPS, WPS) DDR control hold after clock (K/K) rise (BWS0, BWS1, BWS3, BWS4) D[X:0] hold after clock (K/K) rise C/C clock rise (or K/K in single clock mode) to data valid Data output hold after output C/C clock rise (active to active) C/C clock rise to echo clock valid Echo clock hold after C/C clock rise Echo clock high to data valid Echo clock high to data invalid Clock (C/C) rise to high Z (active to high Z) [29, 30] Clock (C/C) rise to low Z Clock phase jitter DLL lock time (K, C) K static to DLL reset
[29, 30]
250 MHz 1 4.0 1.6 1.6 1.8 0 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 - -0.45 - -0.45 - -0.30 - -0.45 - 1024 30 - 8.4 - - - 1.8 - - - - - - - - 0.45 - 0.45 - 0.30 - 0.45 - 0.20 - -
200 MHz 1 5.0 2.0 2.0 2.2 0 0.4 0.4 0.4 0.4 0.4 0.4 0.4 0.4 - -0.45 - -0.45 - -0.35 - -0.45 - 1024 30 - 8.4 - - - 2.2 - - - - - - - - 0.45 - 0.45 - 0.35 - 0.45 - 0.20 - -
167 MHz 1 6.0 2.4 2.4 2.7 0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 - -0.50 - -0.50 - -0.40 - -0.50 - 1024 30 - 8.4 - - - 2.7 - - - - - - - - 0.50 - 0.50 - 0.40 - 0.50 - 0.20 - -
Min Max Min Max Min Max
Unit ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Cycles ns
Setup Times
Hold Times
Output Times
DLL Timing
Notes 26. Unless otherwise noted, test conditions are based on signal transition time of 2V/ns, timing reference levels of 0.75 V, Vref = 0.75 V, RQ = 250 , VDDQ = 1.5 V, input pulse levels of 0.25 V to 1.25 V, and output loading of the specified IOL/IOH and load capacitance shown in (a) of AC Test Loads and Waveforms. 27. When a part with a maximum frequency above 167 MHz is operating at a lower clock frequency, it requires the input timing of the frequency range in which it is being operated and outputs data with the output timings of that frequency range. 28. This part has a voltage regulator internally; tPOWER is the time that the power is supplied above VDD minimum initially before a read or write operation is initiated. 29. tCHZ, tCLZ, are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads and Waveforms. Transition is measured 100 mV from steady state voltage. 30. At any voltage and temperature tCHZ is less than tCLZ and tCHZ less than tCO.
Document #: 38-05619 Rev. *J
Page 22 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Switching Waveforms
Figure 5. Read/Write/Deselect Sequence [31, 32, 33]
READ 1
K tKH K
WRITE 2
READ 3
WRITE 4
READ 5
WRITE 6
NOP 7
WRITE 8
NOP 9 10
tKL
tCYC
tKHKH
RPS tSC WPS A A0 A1 tSA tHA D D10 D11 A2 tSA tHA D30 D31 tSD Q t CLZ tKHCH tKL tCO tHD Q00 Q01 tDOH D50 D51 D60 tSD tHD Q20 tCQDOH tCQD Q21 Q40 t CHZ Q41 D61 A3 A4 A5 A6 t HC
C
tKH tKHCH
tKHKH
t CYC
C tCQOH CQ tCQOH CQ DON'T CARE UNDEFINED tCCQO tCCQO
Notes 31. Q00 refers to output from address A0. Q01 refers to output from the next internal burst address following A0, that is, A0+1. 32. Outputs are disabled (High Z) one clock cycle after a NOP. 33. In this example, if address A0 = A1, then data Q00 = D10 and Q01 = D11. Write data is forwarded immediately as read results. This note applies to the whole diagram.
Document #: 38-05619 Rev. *J
Page 23 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Ordering Information
The table below contains only the parts that are currently available. If you don't see what you are looking for, please contact your local sales representative. For more information, visit the Cypress website at www.cypress.com and refer to the product summary page at http://www.cypress.com/products Cypress maintains a worldwide network of offices, solution centers, manufacturer's representatives and distributors. To find the office closest to you, visit us at http://www.cypress.com/go/datasheet/offices Speed (MHz) 250 200 167 Ordering Code CY7C1314BV18-250BZXC CY7C1312BV18-200BZXC CY7C1312BV18-200BZI CY7C1312BV18-167BZI Package Diagram Package Type Operating Range
51-85180 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) Pb-free Commercial 51-85180 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) Pb-free Commercial 51-85180 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) 51-85180 165-ball Fine Pitch Ball Grid Array (13 x 15 x 1.4 mm) Industrial Industrial
Ordering Code Definitions
CY 7C 13XX B V18 - XXX XXX X Temperature Range: X = C or I C = Commercial; I = Industrial Package Type: XXX = BZ or BZX BZ = 165-ball FPBGA BZX = 165-ball FPBGA (Pb-free) Speed: 250 MHz / 200 MHz / 167 MHz V18 = 1.8 V VDD Process Technology: 90 nm errata affected Part Identifier: 13XX = 1312 or 1314 Marketing Code: 7C = SRAMs Company ID: CY = Cypress
Document #: 38-05619 Rev. *J
Page 24 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Package Diagram
Figure 6. 165-ball FPBGA (13 x 15 x 1.4 mm)
51-85180 *C
Document #: 38-05619 Rev. *J
Page 25 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Acronyms
Acronym DDR FPBGA HSTL JEDEC JTAG ODT PLL QDR TAP TCK TDO TDI TMS double data rate fine-pitch ball grid array high-speed transceiver logic joint electron device engineering council joint test action group on-die termination phase-locked loop quad data rate test access port test clock test data out test data in test mode select Description
Document Conventions
Units of Measure
Symbol ns V A mA mm MHz pF C W nano seconds Volts micro Amperes milli Amperes milli meter Mega Hertz pico Farad degree Celcius Watts Unit of Measure
Document #: 38-05619 Rev. *J
Page 26 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Document History Page
Document Title: CY7C1312BV18/CY7C1314BV18, 18-Mbit QDR(R) II SRAM Two-Word Burst Architecture Document Number: 38-05619 Revision ** *A ECN 252474 325581 Orig. of Submission Description of Change Change Date SYT SYT See ECN See ECN New datasheet Removed CY7C1910BV18 from the title Included 300 MHz Speed Bin Added Industrial Temperature Grade Replaced TBDs for IDD and ISB1 specifications Replaced the TBDs on the Thermal Characteristics Table to JA = 28.51 C/W and JC = 5.91 C/W Replaced TBDs in the Capacitance Table for the 165 FBGA Package Changed the package diagram from BB165E (15 x 17 x 1.4 mm) to BB165D (13 x 15 x 1.4 mm) Added Pb-Free Product Information Updated the Ordering Information by Shading and Unshading MPNs as per availability Converted from Preliminary to Final Added CY7C1910BV18 part number to the title Removed 300 MHz Speed Bin Changed address of Cypress Semiconductor Corporation on Page# 1 from "3901 North First Street" to "198 Champion Court" Changed C/C Pin Description in the features section and Pin Description Corrected Typo in Identification Register Definitions for CY7C1910BV18 on page# 16 Added power-up sequence details and waveforms Added foot notes #15, 16, and 17 on page# 18 Replaced Three state with Tri-state Changed the description of IX from Input Load Current to Input Leakage Current on page# 13 Modified the IDD and ISB values Modified test condition in Footnote #20 on page# 19 from VDDQ < VDD to VDDQ < VDD Replaced Package Name column with Package Diagram in the Ordering Information table Updated Ordering Information Table Changed the IEEE Standard # 1149.1-1900 to 1149.1-2001 Changed the Minimum Value of tSC and tHC from 0.5ns to 0.35ns for 250 MHz and 0.6 ns to 0.4 ns for 200 MHz speed bins Changed the description of tSA from K Clock Rise to Clock (K/K) Rise Changed the description of tSC and tHC from Clock (K and K) Rise to K Clock Rise Modified the ZQ Definition from Alternately, this pin is connected directly to VDD to Alternately, this pin is connected directly to VDDQ Changed the IEEE Standard # from 1149.1-2001 to 1149.1-1900 Included Maximum Ratings for Supply Voltage on VDDQ Relative to GND Changed the Maximum Ratings for DC Input Voltage from VDDQ to VDD Changed tTH and tTL from 40 ns to 20 ns, changed tTMSS, tTDIS, tCS, tTMSH, tTDIH, tCH from 10 ns to 5 ns and changed tTDOV from 20 ns to 10 ns in Tap Switching Characteristics. Modified power-up waveform Changed the Maximum rating of Ambient Temperature with Power Applied from -10 C to +85 C to -55 C to +125 C Added additional notes in the AC parameter section Modified AC Switching Waveform Corrected the typo In the Tap Switching Characteristics. Updated the Ordering Information Table
*B
413997
NXR
See ECN
*C
423334
NXR
See ECN
*D
472384
NXR
See ECN
Document #: 38-05619 Rev. *J
Page 27 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Document History Page (continued)
Document Title: CY7C1312BV18/CY7C1314BV18, 18-Mbit QDR(R) II SRAM Two-Word Burst Architecture Document Number: 38-05619 *E *F 1274723 2511674 VKN VKN/ PYRS See ECN 06/03/08 Corrected typo in the JTAG ID code for CY7C1910BV18 Updated Logic Block diagrams Updated IDD/ISB specs Added footnote# 19 related to IDD Updated power-up sequence waveform and its description Changed DLL minimum operating frequency from 80 MHz to 120 MHz Changed JA spec from 28.51 to 18.7 Changed JC spec from 5.91 to 4.5 Changed tCYC maximum spec to 8.4 ns for all speed bins Modified footnotes 21 and 28 Removed x8 and x9 part number details Included Soft Error Immunity Data Modified Ordering Information table by including parts that are available and modified the disclaimer for the Ordering information. Updated Package Diagram. Template update. Package diagram update: 51-85180 - *B to *C Updated Ordering Information. Added Units of Measure. Updated Ordering Information.
*G
2755901
VKN
08/25/09
*H *I *J
2998771 3088678 3158296
NJY NJY NJY
08/02/10 11/25/2010 02/02/2011
Document #: 38-05619 Rev. *J
Page 28 of 29
[+] Feedback
CY7C1312BV18 CY7C1314BV18
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer's representatives, and distributors. To find the office closest to you, visit us at Cypress Locations.
Products
Automotive Clocks & Buffers Interface Lighting & Power Control Memory Optical & Image Sensing PSoC Touch Sensing USB Controllers Wireless/RF cypress.com/go/automotive cypress.com/go/clocks cypress.com/go/interface cypress.com/go/powerpsoc cypress.com/go/plc cypress.com/go/memory cypress.com/go/image cypress.com/go/psoc cypress.com/go/touch cypress.com/go/USB cypress.com/go/wireless
PSoC Solutions
psoc.cypress.com/solutions PSoC 1 | PSoC 3 | PSoC 5
(c) Cypress Semiconductor Corporation, 2004-2011. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement.
Document #: 38-05619 Rev. *J
Revised February 2, 2011
Page 29 of 29
QDR RAMs and Quad Data Rate RAMs comprise a new family of products developed by Cypress, Hitachi, IDT, NEC, and Samsung. All product and company names mentioned in this document are the trademarks of their respective holders.
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY7C1314BV18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X