Part Number Hot Search : 
MAP13006 TC58NVG NP2524R U326003 SY89429A APT20M RK4936 AD8557
Product Description
Full Text Search
 

To Download CMR1F-02M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMR1F-02M CMR1F-04M
CMR1F-06M CMR1F-10M
w w w. c e n t r a l s e m i . c o m
SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMR1F-02M Series 1.0 Amp Surface Mount Silicon Rectifier is a high quality, well constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment, computer, and automotive applications where small size is required. The SMA case occupies 30% less board space than the SMB case. To order devices on 12mm Tape and Reel (5000/13" Reel), add TR13 suffix to part number. MARKING CODE: SEE MARKING CODE TABLE ON FOLLOWING PAGE
SMA CASE FEATURES: * Special selections available * Low cost * Superior lot to lot consistency * High reliability
* "C" bend construction provides strain relief when mounted on pc board * Glass passivated chip
MAXIMUM RATINGS: (TA=25C unless otherwise noted) SYMBOL CMR1F-02M CMR1F-04M CMR1F-06M CMR1F-10M UNITS Peak Repetitive Reverse Voltage VRRM 200 400 600 1000 V DC Blocking Voltage VR 200 400 600 1000 V RMS Reverse Voltage VR(RMS) 140 280 420 700 V Average Forward Current (TL=120C) IO 1.0 A Peak Forward Surge Current, tp=8.3ms IFSM 30 A Operating and Storage Junction Temperature TJ, Tstg -65 to +150 C Thermal Resistance JL 30 C/W ELECTRICAL SYMBOL IR IR VF CJ trr trr trr CHARACTERISTICS: (TA=25C unless otherwise noted) TEST CONDITIONS VR=Rated VRRM VR=Rated VRRM, TA=125C IF=1.0A VR=4.0V, f=1.0MHz IF=0.5A, IR=1.0A, Irr=0.25A (CMR1F-02M, -04M) IF=0.5A, IR=1.0A, Irr=0.25A (CMR1F-06M) IF=0.5A, IR=1.0A, Irr=0.25A (CMR1F-10M)
TYP
MAX 5.0 200 1.3 150 250 500
15
UNITS A A V pF ns ns ns
R2 (3-February 2010)
CMR1F-02M CMR1F-04M
CMR1F-06M CMR1F-10M
SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS SMA CASE - MECHANICAL OUTLINE
DEVICE CMR1F-02M CMR1F-04M CMR1F-06M CMR1F-10M
MARKING CODE CF02M CF04M CF06M CF10M
R2 (3-February 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMR1F-02M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X