Part Number Hot Search : 
2SK405 BU2506 SSM2040 EZ1583CM SG2BC AA119 7C4255 UNR92A7G
Product Description
Full Text Search
 

To Download CLV1750A-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CLV1750A-LF
PHASE NOISE (1 Hz BW, typical) 14118 Stowe Drive, Suite B | Poway, CA 92064 TEL: (858) 621-2700 | FAX: (858) 486-1927 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev B2
Applications * WiMax Base Stations * Satellite Communications * Application Notes
* AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering
(f) (dBc/Hz)
Voltage-Controlled Oscillator Surface Mount Module
OFFSET (Hz)
Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes
Min 1690
Typ -104 -15
Max 1810 -12 4.5
Units MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz C
0.5 50 3 5 50
7 97 4 2
-40 MINI-14S Min Typ 5 27
85
Max 32
Units Vdc mA
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2
FRM-S-002 B
Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ.
1860 1840
CLV1750A-LF
Rev B2
FREQUENCY (MHz)
1820 1800 1780 1760 1740 1720 1700 1680 1660 1640 1620 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
85 C 25 C -40 C
TUNING VOLTAGE (Vdc)
Power Curve, typ. Footprint
RECOMMENDED FOOTPRINT
10 9 8 7 6 5 4 3 2 1632
POWER OUTPUT (dBm)
SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
0.030 MIN. CUTBACK FROM LIVE PADS
1647
1663
1681
1702
1728
1756
1784
1810
1832
FREQUENCY (MHz)
85 C 25 C -40 C
Physical Dimensions
PIN CONFIGURATION
Z-COMM XXXXXXXX-LF W/O# D/C
P1 P2 P3 REST
Vt RF OUT Vcc GROUND
PACKAGE MINI-14S MINI-14S-L
H 0.220 0.130
MINI-14S-LOW 0.160
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2
FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of CLV1750A-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X