Part Number Hot Search : 
MA745WK VIPER 01919 83C52 00BZX 4016B 152M10 ITM1602A
Product Description
Full Text Search
 

To Download BUS13A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BUS13A
DESCRIPTION *With TO-3 package *High voltage ,high speed APPLICATIONS *Converters
*Inverters *Switching regulators *Motor controls
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Base current-Peak Total power dissipation Junction temperature Storage temperature Tmb=25 Open emitter Open base Open collector CONDITIONS MAX 1000 450 9 15 30 6 9 175 200 -65~200 UNIT V V V A A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-mb PARAMETER Thermal resistance from junction to mounting base VALUE 1.0 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=0.1A ; IB=0; L=25mH IC=8A; IB=1.6A IC=8A; IB=1.6A VCE=RatedBVCEO; VBE=0 TC=125 VEB=9V; IC=0 IC=1A ; VCE=5V 15 MIN 450
BUS13A
SYMBOL VCEO(SUS) VCEsat VBEsat ICES IEBO hFE
TYP.
MAX
UNIT V
1.5 1.6 1 4 10 50
V V mA mA
Switching times ton ts tf Turn-on time Storage time Fall time IC=8A; IB1=- IB2=1.6A 1.0 4.0 0.8 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BUS13A
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BUS13A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X