![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BSS64LT1G Driver Transistor NPN Silicon Features * These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant http://onsemi.com COLLECTOR 3 MAXIMUM RATINGS Rating Collector -Emitter Voltage Collector -Base Voltage Emitter -Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC Value 80 120 5.0 100 Unit Vdc Vdc Vdc mAdc 3 Symbol PD Max 225 1.8 556 Unit mW mW/C C/W 1 2 SOT-23 (TO-236) CASE 318 STYLE 6 1 BASE 2 EMITTER THERMAL CHARACTERISTICS Characteristic Total Device Dissipation FR-5 Board, (Note 1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate, (Note 2) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature RqJA PD 300 2.4 RqJA TJ, Tstg 417 -55 to +150 mW mW/C C/W C MARKING DIAGRAM Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. AM M G G 1 AM = Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or overbar may vary depending upon manufacturing location. ORDERING INFORMATION Device BSS64LT1G Package SOT-23 (Pb-Free) Shipping 3,000 / Tape & Reel For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. (c) Semiconductor Components Industries, LLC, 2009 August, 2009 - Rev. 5 1 Publication Order Number: BSS64LT1/D BSS64LT1G ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (IC = 4.0 mAdc) Collector -Base Breakdown Voltage (IC = 100 mAdc) Emitter -Base Breakdown Voltage (IE = 100 mAdc) Collector Cutoff Current (VCE = 90 Vdc) (TA = 150C) Emitter Cutoff Current (VEB = 4.0 Vdc) ON CHARACTERISTICS DC Current Gain (VCE = 1.0 Vdc, IC = 10 mAdc) Collector -Emitter Saturation Voltage (IC = 4.0 mAdc, IB = 400 mAdc) (IC = 50 mAdc, IB = 15 mAdc) Forward Base -Emitter Voltage SMALL-SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (IC = 4.0 mAdc, VCE = 10 Vdc, f = 20 MHz) Output Capacitance (VCB = 10 Vdc, f = 1.0 MHz) fT Cob MHz 60 - - pF 20 HFE VCE(sat) - 20 - - - - Vdc 0.15 0.2 - - V(BR)CEO V(BR)CBO V(BR)EBO ICBO Vdc 80 120 5.0 - - - - Vdc - Vdc - 0.1 500 200 mAdc Symbol Min Max Unit IEBO nAdc VBE(sat) http://onsemi.com 2 BSS64LT1G PACKAGE DIMENSIONS SOT-23 (TO-236) CASE 318-08 ISSUE AN D SEE VIEW C 3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094 E 1 2 HE c e b q 0.25 A A1 L L1 VIEW C DIM A A1 b c D E e L L1 HE MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10 MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083 MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104 STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR SOLDERING FOOTPRINT* 0.95 0.037 0.95 0.037 2.0 0.079 0.9 0.035 SCALE 10:1 0.8 0.031 mm inches *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative http://onsemi.com 3 BSS64LT1/D |
Price & Availability of BSS64LT1D
![]() |