Part Number Hot Search : 
D4812 ON2947 CRCW0402 LM339P 2988900 US6J2TR SSTC5 KSR2204
Product Description
Full Text Search
 

To Download BSP30008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSP300
SIPMOS (R) Small-Signal Transistor
* N channel * Enhancement mode * Avalanche rated * VGS(th)= 2.0... 4.0 V
* Pb-free lead plating; RoHS compliant
* Qualified according to AEC Q101
Pin 1 G
Pin 2 D
Pin 3 S
Pin 4 D
Type
VDS 800 V
ID 0.19 A
RDS(on) 20
Package
Marking
BSP300
Type BSP300
PG-SOT223
BSP300
RoHS compliant Yes
Tape and Reel Information Packaging L6327 Dry
Maximum Ratings Parameter Symbol Values Unit
Continuous drain current
TA = 25 C
ID
A 0.19
DC drain current, pulsed
TA = 25 C
IDpuls
0.76
E AS
Avalanche energy, single pulse
ID = 0.8 A, VDD = 50 V, RGS = 25 L = 105 mH, Tj = 25 C
mJ
36
V GS P tot
Gate source voltage Power dissipation
TA = 25 C
20
1.8
V W
Rev 2.0
Page 1
2008-03-26
BSP300
Maximum Ratings Parameter Symbol Values Unit
Chip or operating temperature Storage temperature Thermal resistance, chip to ambient air 1) Thermal resistance, junction-soldering point 1) DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJA RthJS
-55 ... + 150 -55 ... + 150
C
70 14
E 55 / 150 / 56
K/W
1) Transistor on epoxy pcb 40 mm x 40 mm x 1,5 mm with 6 cm2 copper area for drain connection
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Values typ. max. Unit
Drain- source breakdown voltage
V GS = 0 V, ID = 0.25 mA, Tj = 25 C
V (BR)DSS
V 800 -
Gate threshold voltage
V GS=V DS, ID = 1 mA
V GS(th)
2
IDSS
3
4 A
Zero gate voltage drain current
V DS = 800 V, V GS = 0 V, Tj = 25 C V DS = 800 V, V GS = 0 V, Tj = 125 C
IGSS
0.1 10
1 100 nA
Gate-source leakage current
V GS = 20 V, VDS = 0 V
RDS(on)
10
100
Drain-Source on-state resistance
V GS = 10 V, ID = 0.19 A
15 20
Rev 2.0
Page 2
2008-03-26
BSP300
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Values typ. max. Unit
Transconductance
V DS 2 * ID * RDS(on)max, ID = 0.19 A
gfs
S 0.06 0.27 pF 170 230
Input capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Ciss
Output capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Coss
Crss
20
30
Reverse transfer capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
td(on)
10
15 ns
Turn-on delay time
V DD = 30 V, VGS = 10 V, ID = 0.25 A RGS = 50
tr
7
11
Rise time
V DD = 30 V, VGS = 10 V, ID = 0.25 A RGS = 50
td(off)
16
24
Turn-off delay time
V DD = 30 V, VGS = 10 V, ID = 0.25 A RGS = 50
tf
27
36
Fall time
V DD = 30 V, VGS = 10 V, ID = 0.25 A RGS = 50
-
21
28
Rev 2.0
Page 3
2008-03-26
BSP300
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Values typ. max. Unit
Inverse diode continuous forward current
TA = 25 C
IS
A 0.19
Inverse diode direct current,pulsed
TA = 25 C
ISM
V SD
-
0.76 V
Inverse diode forward voltage
V GS = 0 V, IF = 0.38 A, Tj = 25 C
trr
1
1.4 ns
Reverse recovery time
V R = 30 V, IF=lS = 0 , diF/dt = 100 A/s
Qrr
95
C
Reverse recovery charge
V R = 30 V, IF=lS = 0 , diF/dt = 100 A/s
-
0.25
-
Rev 2.0
Page 4
2008-03-26
BSP300
Power dissipation Ptot = (TA)
Drain current ID = (TA) parameter: VGS 10 V
0.20 A ID 0.16 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0.00
2.0 W Ptot 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 20 40 60 80 100 120 C 160
0
20
40
60
80
100
120
C
160
TA
TA
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 0
t = 760.0s p 1 ms
Transient thermal impedance Zth JA = (tp ) parameter: D = tp / T
10 2 K/W 10 1
10 ms
DS (on )
ID 10 -1
=V
DS
A
/I
D
ZthJC 10 0
R
10 -1
10 -2 10 -2 10 -3 single pulse 10 -4 DC 10 -3 0 10
1 2 3
D = 0.50 0.20 0.10 0.05 0.02 0.01
10
10
V 10
10 -5 -8 -7 -6 -5 -4 -3 -2 -1 0 10 10 10 10 10 10 10 10 s 10
VDS
tp
Rev 2.0
Page 5
2008-03-26
BSP300
Typ. output characteristics ID = (VDS) parameter: tp = 80 s , Tj = 25 C
0.45 A ID 0.35 0.30 0.25 0.20 0.15 0.10
a l
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
65
Ptot = 2W
kg e h ji f d
VGS [V] a b c 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
55 RDS (on) 50 45 40 35 30
a
b
c
d e f g h i j
c
25 20 15 10 5
VGS [V] =
a 4.5 4.0 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 h i j k 8.0 9.0 10.0 20.0
bk
l
k
d e gh f i j
0.05 0.00 0 4 8 12 16 V 24 0
0.00 0.04 0.08 0.12 0.16 0.20 0.24 0.28 A 0.34
VDS
ID
Typ. transfer characteristics ID = f(VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s
VDS 2 x ID x RDS(on)max
1.0 A
I
parameter: tp = 80 s,
V DS2 x ID x RDS(on)max
0.50 S
g
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1 2 3 4 5 6 7 8
V
0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00
D
fs
V
GS
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
I
A
D
0.8
Rev 2.0 1.0 1
Page 1 6
2005-10-27 2008-03-26
BSP300
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 0.19 A, VGS = 10 V
50
Gate threshold voltage VGS (th) = (Tj ) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0 98%
RDS (on) 40 35 30 25 20 15 98% VGS(th)
3.6 3.2 2.8 2.4 2% 2.0 typ
typ 1.6 1.2
10 5 0 -60 -20 20 60 100 C 160
0.8 0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS)
parameter:VGS=0V, f = 1 MHz
10 3
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 0
pF
C
Ciss
A IF 10 -1
10 2
Coss
10
1
10 -2
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 0 0
5
10
15
20
25
30
V
V
DS
40
10 -3 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Rev 2.0
Page 7
2008-03-26
BSP300
Avalanche energy EAS = (Tj) parameter: ID = 0.8 A, VDD = 50 V RGS = 25 , L = 105 mH
38 mJ 32 EAS 28 24
Drain-source breakdown voltage V(BR)DSS = (Tj)
960 V 920 V(BR)DSS 900 880 860
20 16 12 8
840 820 800 780 760
4 0 20 40 60 80 100 120 C 160
740 720 -60 -20 20 60 100 C 160
Tj
Tj
Rev 2.0
Page 8
2008-03-26
BSP300
Rev 2.0
Page 9
2008-03-26


▲Up To Search▲   

 
Price & Availability of BSP30008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X