Part Number Hot Search : 
BLF20 70PFT 00M16 OSY5PA 0C102 MM74HC STF3060C CPH3107
Product Description
Full Text Search
 

To Download BGF106C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet, V2.0, April 2009
BGF106C
S I M C a r d I n t e r f a c e F i l te r a n d E S D P r o t e c t i o n
Small Signal Discretes
Edition 2009-04-14 Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2009. All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
BGF106C SIM Card Interface Filter and ESD Protection
BGF106C Revision History: 2009-04-14, V2.0 Previous Version: 2009-03-31, V1.0 Page all 5 Subjects (major changes since last revision) target status removed Table 1: maximum voltage on all pins increased to 5.5 V
Data Sheet
3
V2.0, 2009-04-14
BGF106C SIM Card Interface Filter and ESD Protection
BGF106C
BGF106C
Features * ESD protection circuit and interface filter for SIM cards * ESD protection according to IEC61000-4-2 for 15 kV contact discharge on external IOs * Wafer level package with SnAgCu solder balls * 400 m solder ball pitch * RoHS and WEEE compliant package
WLP-8-11-N-3D
Description BGF106C is an ESD protection circuit and filtering interface for SIM cards. All external IOs are protected against ESD pulses of 15 kV contact discharge according to IEC61000-4-2. The wafer level package is a green lead-free and halogen-free package with a size of only 1.2 mm x 1.2 mm and a total height of 0.6 mm
C2 A3 B3 C3 R1, 100 R2, 47 R3, 100 Ext. IOs A2 B1 C1
GND, B2
BGF106 _schematic.vsd
Figure 1 Type BGF106C
Schematic Package WLP-8-11 Marking 6C Chip N0727
Data Sheet
4
V2.0, 2009-04-14
BGF106C SIM Card Interface Filter and ESD Protection
BGF106C
Table 1 Parameter
Maximum Ratings Symbol Min. Values Typ. - - - - - - Max. 5.5 +85 +150 60 2 15 V C C mW kV kV 0 -40 -65 - -2 -15 Unit Note / Test Condition - - -
Voltage at all pins to GND Operating temperature range Storage temperature range Summed up input power for all pins
VP TOP TSTG Pin
TS < 70 C
- -
Electrostatic discharge according to IEC61000-4-2 Contact discharge at internal pins A3, B3, C3 to VESD any other pin Contact discharge at external pins A2, B1, C1, VESD C2 to GND Table 2 Parameter Resistors R1, R3 Resistor R2 Reverse current of ESD protection diodes Breakdown voltage of ESD diodes Line capacitance Capacitance of all lines to GND 1) at TA = 25 C Electrical Characteristics1) Symbol Min. Values Typ. 100 47 1 2 7.8 16.5 Max. 120 56.4 100 1000 - 20 nA nA V pF 80 37.6 - - 6.5 - Unit Note / Test Condition - -
R1,3 R2 IR V(BR) CT
V=3V V=5V I(BR) = 1 mA V=0V
Data Sheet
5
V2.0, 2009-04-14
BGF106C SIM Card Interface Filter and ESD Protection
BGF106C
Typical Insertion Loss
0 -5 -10
Line B3-B1 Line C3-C1 Line A3-A2
S21 [dB]
-15 -20 -25 -30 -35 -40 1 10 100 1000 10000
f [MHz]
Figure 2 Insertion loss, ZS=ZL=50
Typical Cross Talk
0 -20
S21 [dB]
-40 -60 -80 -100 -120 1 10 100 1000 10000
f [MHz]
Figure 3 Cross talk, ZS=ZL=50 (all unused input and output pins are terminated with 50 )
Data Sheet
6
V2.0, 2009-04-14
BGF106C SIM Card Interface Filter and ESD Protection
BGF106C Package Outlines
Solder balls face down
0.6 0.05
Solder balls face up
1.2 0.05 0.4 0.1 C
B
Pin A1 2) Corner Index Area
(0.2 0.05)
2 x 0.4 = 0.8
A3 B3 A2 B2 C2 B1 C1
(0.2 0.05)
(0.2 0.05) (0.2 0.05)
0.2 0.05 STANDOFF
A
SEATING PLANE 3)
C3
C
2 x 0.4 = 0.8 8x o0.05 M A B 0.25 0.04 1)
0.08 C 8x COPLANARITY
1) Dimension is measured at the maximum solder ball diameter, parallel to primary datum C 2) A1 corner identified by marking 3) Primary datum C and seating plane are defined by the domed crowns of the balls
WLP-8-11-N-PO V01
Figure 4 Footprint
WLP-8-11 (Wafer Level Package)
0.8 0.4
0.25
WLP-8-11-N-FP V01
Figure 5 Tape
Recommended PCB pad design for reflow soldering
4 0.1
1.33 0.05
0.4
0.8
0.25
8 0.1
Pin A1 Corner Index Area
1.33 0.05
0.75
WLP-8-11-N-TP V01
Figure 6
Tape for BGF106C / WLP-8-11
You can find all of our packages, sorts of packing and others in our Infineon Internet Page "Products": http://www.infineon.com/products. Data Sheet 7 V2.0, 2009-04-14
1.2 0.05
0.4


▲Up To Search▲   

 
Price & Availability of BGF106C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X