Part Number Hot Search : 
XXXGX N800206 2PC945K ECT400 AU5783 RB480Y1 S5778A DIP24
Product Description
Full Text Search
 

To Download BC857BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC857BS
PNP GENERAL PURPOSE DUALTRANSISTORS
VOLTAGE
FEATURES
* General purpose amplifier applications * NPN epitaxial silicon, planar design * In compliance with EU RoHS 2002/95/EC directives
45 Volts
POWER
150 mWatts
MECHANICAL DATA
* Case: SOT-363, Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Approx. Weight: 0.008 gram * Marking : 57S
ABSOLUTE MAXIMUM RATINGS
PARAMETER C ollector - Emi tter Voltage C ollector - Base Voltage Emi tter - Base Voltage C ollector C urrent - C onti nuous Symbol VCEO VCBO VEBO IC Value -45 -50 -5.0 100 Uni ts V V V mA
THERMAL CHARACTERISTICS
PARAMETER Total D evi ce D i ssi pati on Per D evi ce FR-5 Board (Note 1)TA=25OC D erate above 25OC Thermal Resi stance , Juncti on to Ambi ent Juncti on Temperature Storage Temperature Symbol PD RJA TJ TSTG Value 300 150 3.0 328 -55 to 150 -55 to 150 Uni ts mW mW/OC
O
C /W
O
C C
O
Note 1: FR-4 board 70 x 60 x 1mm.
REV.0.1-MAR.4.2009
PAGE . 1
BC857BS
ELECTRICAL CHARACTERISTICS (TJ=25OC, unless otherwise noted)
PA RA M E TE R O F F C H A R A C T E R IS T IC S C o lle c to r - E mi tte r B re a k d o wn Vo lta g e C o lle c to r - E mi tte r B re a k d o wn Vo lta g e C o lle c to r - B a s e B re a k d o wn Vo lta g e E mi tte r - B a s e B re a k d o wn Vo lta g e C o l l e c t o r C ut o f f C ur r e nt O N C H A R A C T E R IS T IC S 200 420 V(B R )C E O V(B R )C E S V(B R )C B O V(B R )E B O IC B O IC = 1 0 m A IC = 1 0 u A , V E B = 0 IC = 1 0 u A IE = 1 0 u A V C B =3 0 V, V C B = 3 0 V, TA = 1 5 0 O C -45 -50 -50 -5 .0 -15 -5 .0 V V nA uA V S ym b o l Te s t C o n d i t i o n M IN . T YP. MA X . U ni t
D C C ur r e nt G a i n
hF E
IC = 1 0 u A , V C E = 5 V
150
-
D C C ur r e nt G a i n
hF E
IC = 2 . 0 m A , V C E = 5 V IC = 1 0 m A , IB = 0 . 5 m A IC = 1 0 0 m A , IB = 5 . 0 m A IC = 1 0 m A , IB = 0 . 5 m A IC = 1 0 0 m A , IB = 5 . 0 m A IC = 2 m A , V C E = 5 . 0 V IC = 1 0 m A , V C E = 5 . 0 V
-580 -
150 -0 .7 -0 .9 -660 -
475 800 -0 .2 5 -0 .6 -700 -770
-
C o l l e c t o r - E m i t t e r S a t ur a t i o n Vo l t a g e B a s e - E m i t t e r S a t ur a t i o n Vo l t a g e B a s e - E mi tte r Vo lta g e S M A L L - S IG N A L C H A R A C T E R IS T IC S C ur r e nt - G a i n- B a nd w i d t h P r o d uc t O ut p ut C a p a c i t a nc e
VC E (S AT) VB E (S AT) VB E (S AT)
V V mV
fT Cobo NF
IC = 1 0 m A , V C E = 5 . 0 V d c , f = 1 0 0 M H Z V C B =1 0 V,f=1 .0 MHZ IC = 0 . 2 m A , V C E = 5 . 0 V d c , RS =2 .0 k ,f=1 .0 k HZ , B W =2 0 0 HZ
100 -
-
4 .5
MHZ pF
N o i s e F i g ur e
-
-
10
dB
6
5
4
1
2
3
Fig.53
REV.0.1-MAR.4.2009 PAGE . 2
BC857BS
ELECTRICAL CHARACTERISTICS CURVE
2.0 1.5
hFE, NORMALIZED DC CURRENT GAIN
1.0
V CE =10V T A =25 OC
V, VOLTAGE (VOLTS)
T A =25 OC
0.8
V BE (sat) @ I C /I B =10 V BE (on) @ V CE =10V
1.0 0.8 0.6
0.6
0.4
0.4 0.3
0.2
V CE (sat) @ I C /I B =10
0
0.2 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200
0.1
0.2 0.3 0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20 30
50 70 100
I C , COLLECTOR CURRENT(mAdc)
Figure 1. Normalized DC Current Gain
V CE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
I C , COLLECTOR CURRENT(mAdc)
Figure 2. "Saturation" and " On " Voltages
1.0
2.0
T A =25 C
1.6
O
O qVB, TEMPER ATURE COEFFI CIENT (mA/ C)
-55 C to 125 C
1.2
O
O
200mA
1.2
1.6
I C= I C= 10mA 2 0mA
0.8
50mA
100mA
2.0
2.4
0.4
2.8
0 0.02 0.1 1.0 10 20
0.2 1.0 10 100
I B , BASE CURRENT (mA) Figure 3. Collector Saturation Region
I C , COLLECTOR CURRENT (mA) Figure 4. Base-Emitter Temperature Coefficient
fT, CURRENT-GAIN-BANDWIDTH PRODUCT (MHz)
10
400 300 200
7.0
C, CAPACITA NCE (pF)
T A =25 C Cio
O
50
30
100 80 60 40 30 20 0.5 0.7
V CE =10V O T A =25 C
Cob
2.0
1.0 0.4 0.6 0.8 1.0 2.0 4.0 6.0 8.0 10 20 40
1.0
2.0
3.0
5.0 7.0 10
20
30
50
V R , REVERSE VOLTAGE (VOLTS) Figure 5. Capacitance
I C , COLLECTOR CURRENT (mAdc)
Figure 6. Current-Gain-Bandwidth Product
REV.0.1-MAR.4.2009
PAGE . 3
BC857BS
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
REV.0.1-MAR.4.2009
PAGE . 4


▲Up To Search▲   

 
Price & Availability of BC857BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X