Part Number Hot Search : 
TEC4033 30030 MAX942 ML3401 H21A1 TT3042 CHM1291 MAX66
Product Description
Full Text Search
 

To Download ASI400110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASI4001
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI 4001 is Designed for General Purpose Calss C Power Amplifier Applications up to 4200 MHz.
PACKAGE STYLE .250 2L FLG
A OD C E
1 3 4
.060 x 45 CHAMFER
B
2
FEATURES:
* PG = 5 dB min. at 1.0 W / 4,000 MHz * Hermetic Microstrip Package * OmnigoldTM Metalization System
DIM A L
G
H J
F I K M NP
MINIMUM
inches / mm
MAXIMUM
inches / mm
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81 .255 / 6.48 .132 / 3.35 .117 / 2.97 .570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC
O O
B C D E F G H I J K L M N P
0.25 A 30 V 7.0 W @ TC = 25 OC -65 C to +200 C -65 C to +200 C 25 OC/W
O O
1 = Collector
2&3 = Base
3 = Emitter
ORDER CODE: ASI10542
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICBO hFE COB PG C
TC = 25 C
O
NONETEST CONDITIONS
IC = 1.0 mA IC = 5.0 mA IE = 10 mA VCB = 28 V VCE = 5.0 V VCB = 28 V VCC = 28 V POUT = 1.0 W IC = 100 mA f = 1.0 MHz f = 4.0 GHz RBE = 10
MINIMUM TYPICAL MAXIMUM
45 45 3.5 0.5 15 120 3.5 5.0 25
UNITS
V V V mA --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/1


▲Up To Search▲   

 
Price & Availability of ASI400110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X