Part Number Hot Search : 
SD219 FQP9N08 KMM5364 AMPHENOL SDF08N60 M68719 SDF08N60 AMPHENOL
Product Description
Full Text Search
 

To Download APL2048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plerow APL2048
PLL Module Features
* +3 dBm Output Level at 2048 MHz * Channel Step Size : 200 kHz *2
nd
Description
The plerow PLL synthesizer module was designed for use in wireless and wireline systems in a wide range of frequency from 50 MHz to 6 GHz. ASB's PLL provides exceptionally low spurious and phase noise performance with fast locking time and low current consumption. All products are available in a surface-mount type package.
TM
Harmonic : < -20 dBc < 10 ms
* Spurious Level : < -70 dBc * Lock Time : * 20 mA Current Consumption
Specifications
Parameter Frequency Range Output Power Supply Voltage Current Consumption Channel Step Size 2nd Harmonics Spurious Level Lock Time Reference Frequency Reference Input Level Phase Noise (C / N) @ 10 kHz @ 100 kHz Output Impedance Operating Temp. Range Package Type & Size dBc/Hz dBc/Hz C mm -40 -109 -123 -106 -120 50 25 SMT, 19.0Wx19.0Lx5.8H 85 -103 -117 Unit MHz dBm V mA kHz dBc dBc ms MHz dBm -5 Min. 2040 2 4.7 Typical 2048 3 5.0 20 200 -25 -78 3 10 0 5 -20 -70 10 Max. 2056 4 5.3 30
More Information
Website: www.asb.co.kr E-mail: sales@asb.co.kr Tel: (82) 42-528-7220 Fax: (82) 42-528-7222 ASB, Inc., 4th Fl. Venture Town Bldg, KT HRDC, 367-17 Goijeong-Dong, Seo-Gu, Daejeon, 302-716, Korea
1) Measurement conditions are as follows: T = 25C, VCC = 5 V, Freq. = 2048 MHz, 50 ohm system.
Outline Drawing
Top View Bottom View
Pin Configuration Dimension (mm) A 19.0 B 19.0 C 5.8 D 1.5 E 0.5 F 1.75 G 1.35 H 15.0 I 0.9 Tolerance: 0.2
D A E F I C B Side View
1/1 www.asb.co.kr
H
G
1 2 3 4 9 13 15 16 Others
CLOCK DATA ENABLE OSC IN VCC (VCO) RF OUT VCP (PLL) LOCK DETECT Ground
March 2004


▲Up To Search▲   

 
Price & Availability of APL2048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X