Part Number Hot Search : 
MUR1610 MAX1134 95030 MM5Z62V OPF391A 327MS8GE SM5272B N7040A
Product Description
Full Text Search
 

To Download AEP10US136 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC-DC
6-25 Watts AEP Series
* * * * * * * Universal Input 90-264 VAC
xppower.com
Interchangeable Mains Plug, 10 Watt Models Continous Short Circuit Protection EN550022 Class B Low Cost 6, 10, 15 and 25 Watt Versions Non-standard Outputs Available
Specification
Input
Input Voltage Input Frequency Input Current * 90-264 VAC * 47-63 Hz * 0.2/0.09 A at 115/230 VAC (6W & 10W) 0.3/0.15 A at 115/230 VAC (15W) 0.5/0.3 A at 115/230 VAC (25W) * 15/30 A max at 115/230 VAC (6W & 10W) 25/50 A max at 115/230 VAC (15W & 25W)
General
Efficiency * Typically 70% for 6 W, 75% for 10 and 15 W, 80% for 25 W * 3000 VAC Input to Output * 60 kHz 10 kHz * >230 kHrs, MIL-HDBK-217F
Inrush Current
Isolation Switching Frequency MTBF
Environmental Output
Output Voltage Initial Set Accuracy Minimum Load Start Up Delay * * * * See tables See tables No minimum load requirement 6 W 100 ms, 10 W 240 ms, 15 W 270 ms, 25 W 280 ms 10 ms typical at 115 VAC, 60 ms typical at 230 VAC See tables See tables 1 % pk-pk max (see note 2) 125% typical Trip and restart (Hiccup mode) Continuous (auto recovery) Operating Temperature * 0 C to +40 C Storage Temperature * -20 C to +85 C
EMC & Safety
Emissions ESD Immunity Radiated Immunity EFT/Burst Surge Conducted Immunity Dips & Interruptions EN55022, level B EN61000-4-2, level 2 Perf Criteria B EN61000-4-3, level 2 Perf Criteria A EN61000-4-4, level 2 Perf Criteria B EN61000-4-5, level 2 Perf Criteria B EN61000-4-6, level 2 Perf Criteria B EN61000-4-11, 5 % UT 10 ms, Perf Criteria B, 70 % UT 500 ms, Perf Criteria C * EN60950, UL1950, CSA C22.2 No.234 cUL * * * * * * *
Hold Up Time Line Regulation Load Regulation Ripple & Noise Overvoltage Protection Overload Protection Short Circuit Protection
* * * * * * *
Safety Approvals
AC-DC
Models and Ratings
Output Voltage 4.2 5.0 6.0 6.5 7.0 7.5 8.0 9.0 10.0 12.0 Notes
1. Initial set accuracy is at 60% full load. 2. Add a 0.1F E.L capacitor to output for ripple & noise measurement at 20 MHz BW. 3. Line regulation measured from 100 VAC to 240 VAC, full load. 4. Load regulation measured from 60% to full load and from 60% to 20% load (60% 40% load).
AEP06
Ripple & Noise(2) 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% Initial Set Accuracy(1) 3% 3% 3% 3% 3% 3% 3% 3% 3% 3% Line Regulation(3) 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% Load Regulation(4) 4% 4% 4% 3% 3% 3% 3% 2% 2% 2% Model Number AEP06US042 AEP06US05 AEP06US06 AEP06US065 AEP06US07 AEP06US075 AEP06US08 AEP06US09 AEP06US10 AEP06US12
Output Current 1000 1200 1000 650 650 650 650 650 600 500 mA mA mA mA mA mA mA mA mA mA
V V V V V V V V V V
Mechanical Details 6 & 15 Watt Models
All dimensions are in inches (mm)
0.54 (13.7)
2.83 (72.0)
2.05 2.71 (52.0) (68.9) 70.87 1.97 (1800.0 50.0) 0.50 (12.7) 1.38 (35.0) 0.67 (17.0)
2.83 (72.0)
2.05 3.53 (52.0) (89.7) 70.87 1.97 (1800.0 50.0) 0.75 (19.0) 1.38 (35.0) 0.71 (18.0)
To order US add suffix'-US' to model number
To order European add suffix'-EU' to model number
2.83 (72.0)
3.31 (84.0)
2.05 (52.0)
2.83 (72.0) 70.87 1.97 (1800.0 50.0) 0.67 (17.0)
2.05 (52.0) 3.40 (86.3) 70.87 1.97 (1800.0 50.0) 0.71 (18.0) 1.38 (35.0)
1.38 (35.0)
To order Australian add suffix'-AU' to model number
To order UK add suffix'-UK' to model number
Weight: AEP06: 0.3 lb (135 g) AEP15: 0.35 lb (160 g) Output Plug: 0.22 x 0.10 x 0.37 (5.5 x 2.5 x 9.5)
AC-DC
Models and Ratings
Output Voltage 3.3 5.0 6.0 7.5 9.0 12.0 13.6 15.0 18.0 24.0 Notes
1. Initial set accuracy is at 60% full load. 2. Add a 0.1F E.L capacitor to output for ripple & noise measurement at 20 MHz BW. 3. Line regulation measured from 100 VAC to 240 VAC, full load. 4. Load regulation measured from 60% to full load and from 60% to 20% load (60% 40% load).
AEP10
Ripple & Noise(2) 50 mV pk-pk 50 mV pk-pk 1% 1% 1% 1% 1% 1% 1% 1% Initial Set Accuracy(1) 3% 2% 2% 2% 2% 2% 2% 2% 2% 2% Line Regulation(3) 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% Load Regulation(4) 4% 4% 3% 3% 2% 2% 2% 2% 2% 2% Model Number AEP10US033 AEP10US05 AEP10US06 AEP10US075 AEP10US09 AEP10US12 AEP10US136 AEP10US15 AEP10US18 AEP10US24
Output Current 1600 1600 1500 1200 1100 850 750 700 550 400 mA mA mA mA mA mA mA mA mA mA
V V V V V V V V V V
Mechanical Details 10 Watt Models
All dimensions are in inches (mm)
2.83 (72.0)
1.81 (46.0)
70.87 1.97 (1800.0 50.0)
1.38 (35.0)
Weight: 0.3 lb (135 g) Output Plug: 0.22 x 0.10 x 0.37 (5.5 x 2.5 x 9.5)
NB: The AEP10 has four interchangeable mains adapter plugs. All four mains adapter plugs are supplied with these units.
0.49 (12.5) 0.002 (0.05) 0.72 (18.3) 0.002 (0.05) 1.49 (38.0)
1.14 (28.9)
0.75 (19.0) 0.70 (17.7) 0.63 (16.0) 1.50 (38.0) 0.69 (17.4)
0.67 (17.0)
1.10 (28.0)
0.99 (25.1)
1.24 (31.5)
UK
US
EUROPEAN
AUSTRALIAN
AC-DC
Models and Ratings
Output Voltage 5.0 6.0 7.5 9.0 12.0 13.6 15.0 18.0 24.0 3.3 5.0 12.0 15.0 18.0 24.0 Notes
1. Initial set accuracy is at 60% full load. 2. Add a 0.1F E.L capacitor to output for ripple & noise measurement at 20 MHz BW. 3. Line regulation measured from 100 VAC to 240 VAC, full load. 4. Load regulation measured from 60% to full load and from 60% to 20% load (60% 40% load).
AEP15-25
Ripple & Noise(2) 1% 1% 1% 1% 1% 1% 1% 1% 1% 50 mV pk-pk 1% 1% 1% 1% 1% Initial Set Accuracy(1) 2% 2% 2% 2% 2% 2% 2% 2% 2% 2% 2% 2% 2% 2% 2% Line Regulation(3) 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% 1% Load Regulation(4) 4% 4% 4% 4% 4% 4% 4% 4% 4% 6% 6% 5% 3% 2% 2% Model Number AEP15US05 AEP15US06 AEP15US075 AEP15US09 AEP15US12 AEP15US136 AEP15US15 AEP15US18 AEP15US24 AEP25US033 AEP25US05 AEP25US12 AEP25US15 AEP25US18 AEP25US24
Output Current 2.00 1.50 1.60 1.40 1.00 1.00 1.00 0.83 0.63 4.00 4.00 2.10 1.67 1.40 1.05 A A A A A A A A A A A A A A A
V V V V V V V V V V V V V V V
Mechanical Details 25 Watt Models
All dimensions are in inches (mm) For 15 Watt model mechanical details see 6 Watt model
3.19 (81.0)
1.89 (48.0)
3.19 (81.0) 70.87 1.97 (1800.0 50.0)
1.89 (48.0)
3.19 (81.0) 2.20 (56.0)
70.87 1.97 (1800.0 50.0)
2.20 (56.0)
3.19 (81.0)
To order US add suffix'-US' to model number
To order European add suffix'-EU' to model number
3.19 (81.0)
1.89 (48.0)
3.19 (81.0) 70.87 1.97 (1800.0 50.0) 3.19 (81.0)
1.89 (48.0)
70.87 1.97 (1800.0 50.0)
2.20 (56.0)
2.20 (56.0)
3.19 (81.0)
To order Australian add suffix'-AU' to model number
To order UK add suffix'-UK' to model number
Weight: 0.485 lb (220 g) Output Plug: 0.22 x 0.10 x 0.37 (5.5 x 2.5 x 9.5)
04/04/05


▲Up To Search▲   

 
Price & Availability of AEP10US136

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X