Part Number Hot Search : 
3EQHM53 F4905S B50N06 DTA113TL TLP3041F EA09271 TLP3041F ST10F273
Product Description
Full Text Search
 

To Download 7814J-1-051E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features
Single pole/double throw Compatible with most surface mount Meets EIA/EIAJ/IPC/VRCI SMD standard
M
PL
outline dimensions
RoHS compliant* - see processing
S
CO
manufacturing processes 50 or 2000 cycle rotational life Compatible with popular vacuum pick-andplace equipment J-hook, gull-wing and through hole
*R
oH
information on lead free surface mount components
7814 SMD 4 mm Square Sealed Rotary Switch
Electrical Characteristics Contact Rating Maximum Current ..........100 mA max. Maximum Voltage ........................16 V Contact Timing ..................Non-shorting Contact Resistance ........... 2 ohms max. Insulation Resistance ............................. 100 megohms min. Dielectric Strength .................... 250 VAC General Characteristics Switch Type ...................................SPDT Operating Temp. Range ............................... -55 C to +125 C Storage Temp. Range ..-55 C to +125 C Seal Test ......................85 C Fluorinert Mechanical Characteristics Positions ...............................................2 Adjustment Torque ......... 1.8 N-cm max. Stop Strength .................. 2.5 N-cm min. Pushover Strength (Z Style) ......................... 2 kilograms minimum Weight ................Approximately 0.2 gm. Marking........................... Manufacturer's trademark, life code and date code Environmental Characteristics Vibration ......................................... 20 G Shock ........................................... 100 G Thermal Shock ........................(5 cycles) -55 C to +125 C Humidity Insulation Resistance ............................... 10 megohms min. Rotational Life -051 ..................................... 50 Cycles -023 ................................. 2000 Cycles Packaging Options J & G ..................................... 500 pcs. Z ............................................ 200 pcs. H....................................100 pcs./tube How to Order Product Dimensions
7814J J-Hook
4.50 (.177) C ADJUSTMENT SLOT
5.00 4.50 (.197) (.177)
7814H Throughhole
4.50 (.177)
C
5.00 0.10 (.197 .004) OUTSIDE WHEN PINS ARE PARALLEL
2.45 LONG (.096)
051
CW
X X
0.51 WIDE (.020) 0.51 DEEP (.020)
051
2.55 (.100)
CW
CCW
CCW
RECOMMENDED PCB LAYOUT 1.30 0.10 (.051 .004) 2.0 (.079) 4.0 (.157) 2.0 (.079) 3 PLCS. 2.55 (.100) 0.60 0.10 (.024 .004) 3 PLCS.
1.00 (.039) 3 PLCS. 0.80 0.10 (.031 .004) 2 PLCS.
1.3 (.051) 2 PLCS. 2.35 (.093)
2.3 (.091)
4.50 (.177)
7814G Gull Wing
C
7814Z Right Angle
4.50 (.177) ADJUSTMENT SLOT 2.45 LONG (.096) 0.51 X WIDE (.020) 0.55 X DEEP (.022) 2.55 (.100) 5 MAX. TYP. ROTOR POSITIONED AS SHOWN WITHIN 22 OF CENTERLINE OF TERMINAL 2 ADJ. SLOT 3.08 2.41 (.121) (.095) LONG 0.51 X (.020) WIDE 0.60 X (.024) DEEP 5.76 (.226) 3.32 (.130) 0.96 (.038)
4.50 (.177)
023
1 C
CW
CCW
0.20 (.008) TYP.
3
RECOMMENDED PCB LAYOUT 2.35 (.093) 2.30 (.091) 0.80 0.10 (.031 .004) 2 PLCS. 6.20 (.244) 2.54 (.100) 1.27 (.050) 1.19 (.047)
1.30 (.051) 2 PLCS.
7814 J - 1 - 051 E
Model Terminal J = J-Hook G = Gull Wing H = Through-hole Z = Right Angle Switch Type 1 = SPDT Rotational Life -051 = 50 Cycles -023 = 2000 Cycles Optional Embossed Tape Designator (For pin styles J, G, Z only - omit for tube packaging)
1.30 (.051) 3 PLCS. 1.30 0.10 (.051 .004) 5.00 (.197)
5.50 (.217)
2.00 (.079)
3.18 (.226) 0.61 (.024)
Circuit Diagram - 7814J, G ,H
C 2 CCW 3 1 CW
Circuit Diagram - 7814Z
C 2 CCW 1 3 CW
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex. "Fluorinert" is a registered trademark of 3M Co. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications
DIMENSIONS:
TOLERANCES: 2 EXCEPT WHERE NOTED.
2E
051
0.60 (.024) TYP.
7A
4.00 (.157) TYP. 2.55 (.100) RECOMMENDED PCB LAYOUT 2.55 (.100) 5.00 (.197) 0.80 TYP. DIA. (.031) 5.60 (.220) RECOMMENDED PCB LAYOUT 2.54 0.26 (.100) (.010) 2.01 1.30 (.080) (.051) 1.29 (.050) 5.01 (.197) 3.48 (.138) 2.01 (.080) 0.21 (.084) 2.01 (.080)
6.30 4.50 (.248) (.177)
0.20 TYP. (.008)
7A
7A
MM (INCHES)
7814 SMD 4 mm Square Sealed Rotary Switch
Packaging Specifications
(J Style)
.36 MAX. (.014) 2.74 .10 (.101 .004) 1.5 + .10/ -.00 DIA. (.059 + .004.-.00) 4.00 .10 (.157 .004) 2.74 .10 (.101 .004) 1.5 + .10/ -.00 DIA. (.059 + .004.-.00) 4.00 .10 (.157 .004)
(G Style)
.36 MAX. (.014)
(Z Style)
5.90 REF. (.232) 7.60 REF. (.299) 0.40 MAX. (.016) 16.00 0.30 (.630 .012) 7.50 0.10 (.295 .004) 1.50 .10/ -.000 DIA. (.059 .004.-.00)
5.52 0.5 (.217 .020)
7A
5.52 0.5 (.217 .020)
7A
5.26 .10 (.207 .004)
6.45 .10 (.250 .004)
051
051
2.00 .05 (.079 .002)
5.26 .10 (.207 .004)
2.00 .05 (.079 .002)
5.26 .10 (.207 .004)
6.00 0.10 (.236 .004) 8.00 .20 (.315 .008) 1.75 .10 (.069 .004) 12.00 .30 (.472 .012) TAPE 1.78 .254 (.070 .010) EQUAL SPACED 3 PLCS. 13.0 .508 (.512 .020) DIA. 21.01 .787 (.827 .031) DIA. 2.67 .254 (.105 .010) 13.0 .508 (.512 .020) DIA. 1.75 .10 (.069 .004) 12.00 .30 (.472 .012) 8.00 .20 (.315 .008) 4.00 0.10 (.157 .004) 1.50 0.10 (.059 .004) 1.75 0.10 (.069 .004) 12.00 REF. (.472) TAPE 1.78 .254 (.070 .010) EQUAL SPACED 3 PLCS. 13.0 .508 (.512 .020) DIA. 59.18 2 (2.330 .079) 180.0 5 DIA. (7.087 .197) 12.4 + 2.01/ -.000 (.488 + .079/-.000) REEL Meets EIA specification 481. 180.0 5 DIA. (7.087 .197) REEL 59.18 2 (2.330 .079)
12.00 0.10 (.472 .004)
TAPE 1.78 .254 (.070 .010) EQUAL SPACED 3 PLCS. 21.01 .787 (.827 .031) DIA. 2.67 .254 (.105 .010)
5.50 0.10 (.217 .004) 5.50 0.10 (.217 .004)
21.01 .787 (.827 .031) DIA.
2.67 .254 (.105 .010)
180.0 5 DIA. (7.087 .197) REEL Meets EIA specification 481.
12.4 + 2.01/ -.000 (.488 + .079/-.000)
59.18 2 (2.330 .079)
(H Style)
6.60 (.260)
9.65 (.380) 4.24 (.167)
DIMENSIONS:
MM (INCHES)
16.4 + 2.00/ -.00 (.646 +.079/ -.00)
Meets EIA Specification 481.
.51 .127 (.020 .005)
4.32 (.170)
TUBE LENGTH - 525MM. UNITS PACKAGED 100 PIECES PER TUBE.
REV. 05/09
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications


▲Up To Search▲   

 
Price & Availability of 7814J-1-051E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X