Part Number Hot Search : 
HD74AC SLT50L5 2N3053 098BC1 LL4448 TBC152M FDB52N20 EMK13H
Product Description
Full Text Search
 

To Download 74960-3048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0749603048 Active
tdp_triad_differential_pair 1.27mm (.050") Pitch TDP(R) (Triad(R) Differential Pair) Receptacle, Right Angle, Surface Mount, with PCB Press-Fit Pegs, 48 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-74960-000 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Component Type MolexKits Overview Product Name Type I/O Connectors 74960 Wire-to-Board Receptacle Yes tdp_triad_differential_pair TDP(R) N/A
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Size AWG 48 48 Black 94V-0 Yes Beryllium Copper Gold Tin High Temperature Thermoplastic Right Angle Yes Yes Embossed Tape on Reel Yes 0.050 In 1.27 mm 15 0.38 100 2.5 Yes N/A -20C to +85C Surface Mount N/A
Search Parts in this Series 74960Series Mates With 75000 Plug Use With 74962 Jack Posts
Electrical
Current - Maximum per Contact Grounding to Panel Shielded Voltage - Maximum 1.5A Screw Hole Yes 40V
Material Info Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-74960-100 PS-74960-000 SD-74960-010
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 74960-3048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X