Part Number Hot Search : 
HCF4050 74ACT1 PE45036 MXG2320 ON1410 HMC294 FRS14 M63001FP
Product Description
Full Text Search
 

To Download 720HA115M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pre-Terminated Assemblies
750-102 750-103 and 750-115 Connector to Connector Pre-Terminated Assemblies Series 72 & 74 Tubing & Series 75 Conduit
FOR CONNECTOR-TO-CONNECTOR APPLICATIONS CONNECTOR DESIGNATORS (A-B-D-E-F-G-H-J-K-L-S) 750 N A 102 M F20 1 A16 2-24-36 Product Series 720 = Series 72 740 = Series 74 *** 750 = Series 75 Jacket H = With Hypalon Jacket V = With Viton Jacket N = With Neoprene Jacket X = No Jacket E = EPDM Conduit Type Adapter Material 102 = Aluminum 103 = Brass 115 = Stainless Steel
TABLE I
SYMBOL B J M N NC NF T Z1 FINISH Olive Drab over Cadmium Plate Gold Iridite over Cadmium Plate over Nickel Electroless Nickel Olive Drab over Cadmium Plate over Nickel Zinc-Cobalt, Olive Drab Olive Drab over Cadmium Plate over Electroless Nickel (500 Hour Salt Spray) Bright Dip Cadmium Plate over Nickel Passivate
Length in inches * Conduit Dash No. ** Style 1 or 2 Adapter B: Conn. Shell Size (For conn. des. B add conn. mfr. symbol from Page F-13, e.g. 24H if mating to an Amphenol connector) Style 1 or 2 (Style 2 not available with N or T) Adapter A: Conn. Shell Size (For conn. des. B add conn. mfr. symbol from Page F-13, e.g. 20H if mating to an Amphenol connector) Finish (Table I)
LENGTH * O-RING A THREAD (Page F-17) C OR D DIA (Page F-17) 1.69 (42.9) MAX. REF.
ADAPTER A
Metric dimensions (mm) are indicated in parentheses.
ADAPTER B
* Length tolerance is .250 (12.7) for lengths up to 24 inches (619.6 mm). Length tolerance for longer lengths is one percent (1%) of the length. ** *** Consult factory for fittings using 3.000" (76.2) conduit. Pre-terminated assemblies using product Series 74 will be supplied with FEP material, standard wall thickness, standard convolutions, tin/ copper braid, and neoprene jacket. For other options consult factory.
(c) 2003 Glenair, Inc.
CAGE Codes 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com B-6
750-102 750-103 and 750-115 Pre-Terminated Assemblies for M28840/5, /25, /27 & /30 Adapters Series 72 & 74 Tubing & Series 75 Conduit
750 N A 106 M 24-36 Product Series 750 = Series 75 Neoprene Jacket N = With Neoprene Jacket X = Without Neoprene Jacket Conduit Type Length in inches * Dash No. (Table I) Finish (Table II) End Fitting Material 106 = Aluminum 107 = Brass 108 = Stainless Steel
USE WITH ADAPTERS M28840/5 M28840/25 M28840/27 M28840/30
1.50 (44.5)
LENGTH *
A DIA M28840/22 BUSHING M28840/4 AC OR BC CONDUIT
DASH NO. 12 16 20 24 32 40 48 64
TABLE I CONDUIT MIL-C-28840/4 I.D. SIZE REF. .375 (9.5) 03 .500 (12.7) 04 .625 (15.9) 05 .750 (19.1) 06 1.000 (25.4) 08 1.250 (31.8) 10 1.500 (38.1) 12 2.000 (50.8) 16
TABLE II A DIA .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) 2.375 (60.3) SYMBOL FINISH B J M N NC NF T Z1 Olive Drab over Cadmium Plate Gold Iridite over Cadmium Plate over Nickel Electroless Nickel Olive Drab over Cadmium Plate over Nickel Zinc-Cobalt, Olive Drab Olive Drab over Cadmium Plate over Electroless Nickel (500 Hour Salt Spray) Bright Dip Cadmium Plate over Nickel Passivate
Metric dimensions (mm) are indicated in parentheses. * Length tolerance is .250 (12.7) for lengths up to 24 inches (619.6 mm). Length tolerance for longer lengths is one percent (1%) of the length.
(c) 2003 Glenair, Inc.
CAGE Codes 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-7
Pre-Terminated Assemblies


▲Up To Search▲   

 
Price & Availability of 720HA115M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X