Part Number Hot Search : 
6248NTDI GL3EG62 A30QS0 CL5474E CDLL4711 2N2243AL 74FCT R5101015
Product Description
Full Text Search
 

To Download 527-025CP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARINC 600 Backshells
527-025 Strain Relief Backshell
for Size 2 ARINC 600 Series Connectors
527-025 NF P1 A08 C12 D12 T S Basic Part No. Finish (Table II) Connector Designator (Table III) Entry Location (A, B, C, D, E, F, G, H, J, K, L) and Dash No. (Table I), 3 Entry Combinations Max 2.54 (64.5) Max 1.79 (45.5) 1.082 (27.5) 1.067 (27.1) "L" Entry "A" Entry S = Safety Wire Holes on Hex Locknuts, Omit For None Termination Style (Note 2) D = 2 Ring, T = 3 Ring
2.09 (53.1)
"K" Entry 5.355 (136.0) 5.345 (135.8) "B" Entry A
"D" Entry
3.770 (95.8) 3.760 (95.5)
"J" Entry
"E" Entry 3 Ring Term. Shown (Note 2)
5.61 (142.5)
"C" Entry 2.004 (50.9) 1.994 (50.6) 1.258 (32.0) 1.248 (31.7) "H" Entry "F" Entry
Cable Range Typ. B Typ.
.125 (3.2) Dia 10 Places .168 (4.3) .158 (4.0) Typ.
"G" Entry 1.415 (35.9) 1.405 (35.7)
2 Ring Term. Shown (Note 2)
Metric dimensions (mm) are indicated in parentheses.
(c) 2004 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com F-6
527-025 Strain Relief Backshell
for Size 2 ARINC 600 Series Connectors
TABLE I: CABLE ENTRY
Dash No. 03 04 06 08 10 12 16 A Max .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) 1.073 (27.3) B Max .844 (21.4) .906 (23.0) 1.093 (27.8) 1.187 (30.1) 1.281 (32.5) 1.500 (38.1) 1.719 (43.7) Cable Range Min Max .157 (4.0) .250 (6.4) .187 (4.7) .312 (7.9) .281 (7.1) .437 (11.1) .344 (8.7) .562 (14.3) .375 (9.5) .625 (15.9) .438 (11.1) .750 (19.1) .562 (14.3) .938 (23.8)
Symbol B C* G* J LF M N
TABLE II: FINISH OPTIONS
Finish Symbol Finish Cadmium Plate/Olive Drab NC Zinc Cobalt/Dark Olive Drab Black Anodize NF Cadmium Plate/Olive Drab over Anodic Hard Coat Electroless Nickel Gold Iridite over Cadmium Plate T Cadmium Plate/Bright over over Electroless Nickel Electroless Nickel Cadmium Plate/Bright over U** Cadmium Plate/Black Electroless Nickel ZN Zinc-Nickel Alloy/Olive Drab *Anodize finish is not suitable for EMI shielding or grounding Electroless Nickel Cadmium Plate/Olive Drab over applications. to corrosion resisting steel backshells and **Applicable Electroless Nickel accessories. Consult factory for other available finishes.
TABLE III: CONNECTOR DESIGNATOR
ARINC 600 series connector backshells are designed to replace the insert retainer plates. Due to non-standard modifications by the connector manufacturer, the backshell may require special design alterations to mate properly. The following should be used to determine if a backshell modification is required. Prior to ordering, consult factory with connector part numbers not shown to ensure a proper fit. Connector Designator P
Connector Description All Manufacturer's Plug and Receptacle Shells, Except for Those Listed Below (Prior to ordering, consult factory with connector part numbers not listed below to ensure a proper fit.) Cannon BKAD****322 Series Plug Cannon/Radiall Environmental Plug Cannon/Boeing BACC 66 Plug Radiall/Boeing BACC66 Plug Cannon BKAC & BKAE XXX322 Series Environmental Plug
P1 P2 P3 P5 P6
1. Metric dimensions (mm) are indicated in parentheses. 2. Designate Symbol "T" (3 ring termination) for termination of individual and overall braid. Designate symbol "D" (2 ring termination) for termination of individual or overall braid. 3. Material/Finish: Backshell, Nuts, Clamps, Ferrule = Al Alloy/See Table II Hardware = SST/Passivate
(c) 2004 Glenair, Inc. CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com F-7
ARINC 600 Backshells


▲Up To Search▲   

 
Price & Availability of 527-025CP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X