Part Number Hot Search : 
SL1914 1102C 527281TK 10248 MAX334 BAL6688 15SMC11A AR2508L
Product Description
Full Text Search
 

To Download 4747 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Distribution Units www.schurter.com/pg07_ Distribution Unit with 1 IEC Appliance Inlet C14 and 4 Appliance Outlets F
4747
Minibloc 4747
C14
70 C
F
70 C
Description
-Standalonemodule -2Functions: of4outlets,Pintemperature70C,ProtectionclassI
Characteristics References Weblinks
-QualifiedforuseinequipmentaccordingIEC/EN60950 GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Approvals
-CSALicenseNumber:56242
Technical Data
RatingsIEC RatingsUL/CSA DielectricStrength 10A/250VAC;50Hz 15A/250VAC;60Hz >2kVACbetweenL-N >2kVACbetweenL/N-PE (1min/50Hz) -25Cto70C Suitableforapplianceswithprotection class1acc.toIEC61140 Thermoplastic,black,UL94V-0 ApplianceInlet/Appliance Outlet C14acc.toIEC/EN60320-1, Facc.toIEC/EN60320-2-2, UL498CSAC22.2no.42(forcold conditions)pin-temperature70C,10A, ProtectionClass1
AllowableOperationTemp. ProtectionClass Material:Housing
Dimensions Minibloc 4747
Mounting holes for 3 mm screws on 135 mm centres Dimensions: 147 mm long x 44 mm wide x 37 mm high
Variants
Terminal Version with inlet Order Number 4747.0000
Connectors
4747
www.schurter.com/pg07_ Packaging unit Mating Inlets/Plugs
Category / Description Interconnection Cord Overview complete Interconnection Cord with IEC Plug E, Angled Interconnection Cord with IEC Plug E, Angled Interconnection Cord with IEC Plug E, Straight Interconnection Cord with IEC Plug G, Angled Interconnection Cord with IEC Plug G, Angled Interconnection Cord further types to 4747 Plug Overview complete IEC Plug E, Cord Connector (Rewireable), Straight, max. cable Diameter 8.5 mm IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm IEC Plug E, Cord Connector (Rewireable), Straight, max. Cable Diameter 10 mm IEC Plug E, Cord Connector (Rewireable), Angled, max. Cable Diameter 10 mm IEC Plug E, Cord Connector (Rewireable), Straight Plug further types to 4747 4732 4733 4735 4736 9009 ... 0607 0608 0609 607B 608B ...
Distribution Units
30Pcs
Mating Outlets/Connectors
Appliance Outlet Overview complete IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal Appliance Outlet further types to 4747 Connector Overview complete IEC Connector C15, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Angled IEC Connector C13, Rewireable, Angled Connector further types to 4747 Power Cord Overview complete Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13 Power Cord further types to 4747 Power Supply or Interconnection Cord Overview complete Divers Power Supply and Interconnection Cords 10 A Power Supply or Interconnection Cord further types to 4747 Kabelverbindung/10 A 0311 3011 3012 3013 3020 ... 0101 0102 0102-G 0112 4012 ... 4787 4788 5091 5092
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 4747

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X