Part Number Hot Search : 
ADA4350 BFG17 PJ120A BA80JC5T 2C10LI30 BA6409F 10040 BAV99
Product Description
Full Text Search
 

To Download 4250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cord Sets www.schurter.com/pg07_2 Power Supply Cord with DK Power (Mains) Plug 2-pole, Angled
4250
Denmark
DK / SP 1072-D1
Description
Power Supply Cord, - Protection class I, Pin temperature 70 C, Cable
References Weblinks
General Product Information Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store, Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC Ratings UL/CSA Dielectric Strength 10 A / 250 VAC; 50 Hz 10 A / 250 VAC; 60 Hz > 2 kVDC between L-N > 2 kVAC between L/N-PE (1 min/50 Hz) -25 C to 70 C from front side IP 20 acc. to IEC 60529 Suitable for appliances with protection class 1 acc. to IEC 61140 moulded PVC, black or grey 36.6 mm
37.5 19 13
Allowable Operation Temp. Degree of Protection Protection Class Terminal Material: Housing
Dimensions
36.3
13
Connectors
73
4250
www.schurter.com/pg07_2 Config. Code 4250|-|R|-|Type|-|D|-|Length|
The characters are placeholders for the correspondingly keys of selections from the key tables. Typ steht fur die Dose bzw. 2. Seite, Lange ist die Leitungslange in mm.
Cord Sets
Product Configurator
4250|-| R |-|Type|-|D|-|Length| = cord type
cord type H03VV-F 3G0,75mm2 H05VV-F 3G0,75mm2 Cord definition is detailed in general product information XXX Configuration key C G
4250|-|R|-|Type|-| D |-|Length| = Color
Color jet black; RAL9005 silver grey; RAL7001 standard color: black Configuration key A B
4250|-|R|-| Type |-|D|-|Length| = Cord end 2
Cord end 2 zzzz, 1654, 2512, 2530, 3012, 3013, 3020, 3027, 3030, 311L, 312L, 3366
4250|-|R|-|Type|-|D|-| Length | = Cord length
Cord length zzzz, 000500, 001000, 001500, 002000, 002500, 003000, 005000 Cord length in mm
2
The specifications, descriptions and illustrations indicated in this document are based on Connectors current information. All content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 4250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X