Part Number Hot Search : 
250BZX E003787 AN7332K 16245 FT232AM KSA1220 A1005 A5800989
Product Description
Full Text Search
 

To Download 380LS130XM08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMI/RFI Shield Termination Backshell with Qwik-Ty(R) and Rotatable Coupling
CONNECTOR DESIGNATOR:
Angle and Profile S - Straight Product Series 380 - EMI/RFI Non Environmental Backshells with Strain Relief Finish Symbol (See Table III) Cable Entry (See Table IV)
380-130 Composite Knit-Braid Style
Composite Backshells
A
A F L H
MIL-DTL-5015, -26482 Series II, and -83723 Series I and III MIL-DTL-38999 Series I, II MIL-DTL-38999 Series 1.5 (JN1003) MIL-DTL-38999 Series III and IV
Basic Part Number
380
1.300 +.02 (33.0 + 0.5)
H
S
130
XM
15 - 01
SB
ROTATABLE COUPLING
B
Connector Designator A, F, L and H
Connector Shell Size (See Table II) Strain Relief Style SB - Shrink Boot Groove SBT - Shrink Boot Groove with boot supplied (Omit for none)
.390 (10.0) G
C
Self-Locking Rotatable Coupling (See Note 4)
D DIA
E
F
Equally Spaced Holes to Accommodate Knit Braid 107-044 Optional Shrink Boot Groove
D
TABLE II: SHELL SIZE Shell Shell Size Max Entry Size Max Entry F/L H Code** A Code** 08 09 08 01 00 10 11 10 02 01 12 13 12 03 02 14 15 14 04 03 16 17 16 05 04 18 19 18 06 05 20 21 20 07 06 22 23 22 08 07 24 25 24 09 08
E
Entry D Code** +.010 (0.25) 00 .268 (6.8) 01 .354 (9.0) 02 .472 (12.0) 03 .591 (15.0) 04 .709 (18.0) 05 .837 (21.3) 06 .945 (24.0) 07 1.063 (27.0) 08 1.191 (30.3) 09 1.319 (33.5)
TABLE IV: CABLE ENTRY E F G +.020 (0.50) +.020 (0.50) +.020 (0.50) .187 (4.8) .312 (7.9) .512 (13.0) .187 (4.8) .312 (7.9) .512 (13.0) .187 (4.8) .312 (7.9) .512 (13.0) .187 (4.8) .312 (7.9) .630 (16.0) .219 (5.6) .369 (9.4) .630 (16.0) .219 (5.6) .369 (9.4) .630 (16.0) .219 (5.6) .369 (9.4) .630 (16.0) .250 (6.4) .437 (11.1) .630 (16.0) .250 (6.4) .437 (11.1) .630 (16.0) .250 (6.4) .437 (11.1) .630 (16.0)
Number of Holes 2 2 2 2 2 2 2 4 4 4
Oval Holes, .256 (6.5) x .512 (13.0)
Oval Holes, .315 (8.0) x .512 (13.0)
Circular Holes, .512 (13.0) Diameter.
F
TABLE III: FINISH
Symbol XM XMT Finish Description 2000 Hour Corrosion Resistant Electroless Nickel
APPLICATION NOTES
1. 2. 3. 4. 5. 6. 7. For effective grounding, connector with conductive finish should be used. Coupling nut supplied unplated. Metric dimensions (mm) are in parentheses and are for reference only. Connector Code H supplied with black coupling nut. Consult factory for additional entry sizes available. For angled part requirements, use in conjunction with Glenair 327-060 Extenders. See Table I in Intro for additional connector front-end dimensional details. CAGE Code 06324 Printed in U.S.A.
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM
2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel
G
XW
(c) 2009 Glenair, Inc.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-52


▲Up To Search▲   

 
Price & Availability of 380LS130XM08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X