Part Number Hot Search : 
BA103 7C126 BDR2G PT2300 HCF4068 X16245 C5022 2SC3354
Product Description
Full Text Search
 

To Download 2SC4105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4105
DESCRIPTION *With TO-220C package *High breakdown voltage *Fast switching speed *Wide area of safe operation APPLICATIONS *For switching regulator applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 4 8 1.5 40 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=5mA ;RBE=: IC=1mA; IE=0 IE=1mA; IC=0 IC=2A; IB=0.4A IC=2A; IB=0.4A VCB=400V ;IE=0 VEB=5V; IC=0 IC=0.4A ; VCE=5V IC=2A ; VCE=5V IC=10mA ; VCE=5V IC=0.4A ; VCE=10V f=1MHz ; VCB=10V 15 10 10 MIN 400 500 7 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 hFE-3 fT Cob
2SC4105
TYP.
MAX
UNIT V V V
0.8 1.5 10 10 50
V V A A
20 50
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=3A, IB1=0.6A IB2=-1.2A; VCC=200V RL=66.6B 0.5 2.5 0.3 s s s
hFE-1 Classifications L 15-30 M 20-40 N 30-50
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4105
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4105
4


▲Up To Search▲   

 
Price & Availability of 2SC4105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X