Part Number Hot Search : 
MOC8104 1N1341C E120C MK3880 XC3020A 10130 TIP2955 3201V
Product Description
Full Text Search
 

To Download 2SC4105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4105
DESCRIPTION *With TO-220C package *High breakdown voltage *Fast switching speed *Wide area of safe operation APPLICATIONS *For switching regulator applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
*
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current Collector dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 4 8 1.5 40 150 -55~150 UNIT V V V A A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 hFE-3 fT Cob PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=5mA ;RBE= IC=1mA; IE=0 IE=1mA; IC=0 IC=2A; IB=0.4A IC=2A; IB=0.4A VCB=400V ;IE=0 VEB=5V; IC=0 IC=0.4A ; VCE=5V IC=2A ; VCE=5V IC=10mA ; VCE=5V IC=0.4A ; VCE=10V f=1MHz ; VCB=10V 15 10 10 20 50 MIN 400 500 7
2SC4105
TYP.
MAX
UNIT V V V
0.8 1.5 10 10 50
V V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=3A, IB1=0.6A IB2=-1.2A; VCC=200V RL=66.6 0.5 2.5 0.3 s s s
hFE-1 Classifications L 15-30 M 20-40 N 30-50
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4105
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4105
4


▲Up To Search▲   

 
Price & Availability of 2SC4105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X