Part Number Hot Search : 
MC9S1 FSWS4148 SM6T10AY AD564 UTC1353 L4981XD CLRC632 4094B
Product Description
Full Text Search
 

To Download 1SMB60CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMB5.0CA THRU 1SMB170CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR 1SMB5.0CA Series types are Surface Mount Bi-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Uni-directional devices, please refer to the 1SMB5.0A Series data sheet. MARKING CODE: SEE ELECTRICAL CHARACTERISTICS TABLE
SYMBOL PDM IFSM TJ, Tstg UNITS W A C
SMB CASE
* This series is UL listed, UL file number E130224
MAXIMUM RATINGS: (TA=25C unless otherwise noted) Peak Power Dissipation (Note 1) Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature
600 100 -65 to +150
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted)
REVERSE STAND-OFF VOLTAGE VRWM (V) 1SMB5.0CA 1SMB6.0CA 1SMB6.5CA 1SMB7.0CA 1SMB7.5CA 1SMB8.0CA 1SMB8.5CA 1SMB9.0CA 1SMB10CA 1SMB11CA 1SMB12CA 1SMB13CA 1SMB14CA 1SMB15CA 1SMB16CA 1SMB17CA 1SMB18CA 1SMB20CA 1SMB22CA 1SMB24CA 1SMB26CA 1SMB28CA 1SMB30CA 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 BREAKDOWN VOLTAGE VBR @ MIN (V) 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 IT MAX (V) 7.25 7.67 8.30 8.95 9.58 10.23 10.82 11.5 12.8 14 15.3 16.5 17.9 19.2 20.5 21.7 23.3 25.5 28 30.7 33.2 35.8 38.3 IT (mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 1600 1600 1000 400 200 100 20 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM CLAMPING VOLTAGE @ IPP VC (V) 9.2 10.3 11.2 12 12.9 13.6 14.4 15.4 17 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 PEAK PULSE CURRENT (Note 1) IPP (A) 65.2 58.3 53.6 50 46.5 44.1 41.7 39 35.3 33 30.2 27.9 25.8 24 23.1 21.7 20.5 18.5 16.9 15.4 14.2 13.2 12.4 CKEC CKGC CKKC CKMC CKPC CKRC CKTC CKVC CKXC CKZC CLEC CLGC CLKC CLMC CLPC CLRC CLTC CLVC CLXC CLZC CMEC CMGC CMKC
TYPE
MARKING CODE
Notes: (1) Non-repetitive 10x1,000s pulse.
R4 (20-November 2009)
1SMB5.0CA THRU 1SMB170CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS ELECTRICAL CHARACTERISTICS - Continued:
REVERSE STAND-OFF VOLTAGE VRWM (V) 1SMB33CA 1SMB36CA 1SMB40CA 1SMB43CA 1SMB45CA 1SMB48CA 1SMB51CA 1SMB54CA 1SMB58CA 1SMB60CA 1SMB64CA 1SMB70CA 1SMB75CA 1SMB78CA 1SMB85CA 1SMB90CA 1SMB100CA 1SMB110CA 1SMB120CA 1SMB130CA 1SMB150CA 1SMB160CA 1SMB170CA 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 BREAKDOWN VOLTAGE VBR @ MIN (V) 36.7 40 44.4 47.8 50 53.3 56.7 60 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189 IT MAX (V) 42.2 46 51.1 54.9 57.5 61.3 65.2 69 74.1 76.7 81.8 89.5 95.8 99.7 108.2 115.5 128 140.5 153 165.5 192.5 205 217.5 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM CLAMPING VOLTAGE @ IPP VC (V) 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275 PEAK PULSE CURRENT (Note 1) IPP (A) 11.3 10.3 9.3 8.6 8.3 7.7 7.3 6.9 6.4 6.2 5.8 5.3 4.9 4.7 4.4 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.2 CMMC CMPC CMRC CMTC CMVC CMXC CMZC CNEC CNGC CNKC CNMC CNPC CNRC CNTC CNVC CNXC CNZC CPEC CPGC CPKC CPMC CPPC CPRC
TYPE
MARKING CODE
SMB CASE - MECHANICAL OUTLINE
R4 (20-November 2009)
w w w. c e n t r a l s e m i . c o m
1SMB5.0CA THRU 1SMB170CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
TYPICAL ELECTRICAL CHARACTERISTICS
R4 (20-November 2009)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of 1SMB60CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X