Part Number Hot Search : 
20D220K CMJH120 LC4608C FDG327N DMD5802 30100 BZX84C47 UDZS2V7B
Product Description
Full Text Search
 

To Download 0752374124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0752374124 Active
gbx_backplane_connector_system 1.85mm by 1.85mm (.073 by .073") Pitch 5-Pair GbX(R) Backplane Connector System, Right Guide Header, 100 Circuits, Gold (Au) 0.76m (30"), Pin Length 4.55mm (.179")
Documents: Drawing (PDF) Product Specification PS-75221-999 (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
UL E29179
image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 75237 Backplane Tooling Manual Right Guide Header, Keying Position B PCB Header gbx_backplane_connector_system GbX(R) N/A
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) 100 100 Gray (Dark) 200 No 94V-0 Yes Yes High Performance Alloy (HPA), Stainless Steel Gold Tin-Lead High Temperature Thermoplastic 10 5 10 Vertical 0.091 In 2.30 mm No Yes 0.063 In 1.60 mm Tray 0.073 In 1.85 mm 0.073 In 1.85 mm 30 0.76 30
Search Parts in this Series 75237Series Mates With 75360 GbX(R) Daughtercard Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Insertion Tool, GbX(R) 0622022030 5 pair by 10 wide Insertion Tool, GbX(R) 0622022040 5 pair by 20 wide GbX(R) Single Pin 0622022090 Repair Tool GbX(R) Shield 0622022100 Removal Tool
Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
0.76 No No Yes 105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shield Type Shielded Voltage - Maximum 1A 8.0 Gbps 135 Ground Plane Shield Yes 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification PS-75221-999 Sales Drawing SD-75237-410 GbX is a registered trademark of Amphenol Corporation.
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0752374124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X