Part Number Hot Search : 
3710I NSR01L30 G3U7912 WR78W10 GT10G101 YAAMUA Z5240 4DFT1G
Product Description
Full Text Search
 

To Download 0524840310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0524840310 Active
2.0 W/B CONN. IDT REC. HSG ASSY
Product Specification PS-51090-007 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance?
Series
General
Product Family Series Crimp Quality Equipment Product Name IDT and Solder Connectors 52484 Yes Mi IITM
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Temperature Range - Operating Wire Insulation Diameter Wire Size AWG 3 Natural 30 94V-0 Female No None Phosphor Bronze Tin Tin Nylon 1 Bag No 0.079 In 2.00 mm 36 0.90 36 0.90 -40C to +105C 0.85-1.05mm (.033-.041") 26, 28
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 52484Series Mates With 51206 , 53313 , 55460 , 53358 , 53324 , 53325 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Japan Description Product # Hand Crimper 0573255000 Die Set For 0572257000 57222-7000 IDT Bench-Top 0572257100 Terminator (Small Type) for Mi IITM Fully-Automated IDT 0578008000 Machine (XELOMPLUS)
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 125V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51090-007, RPS-54111-005 SD-52484-008
Fully-Automated IDT 0578008400 Machine (XELOMPLUS) Fully-Automated IDT 0578258000 Machine (XELOMSIMPLE) IDT Bench-Top 0578657000 Terminator for Mi IITM
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0524840310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X