Part Number Hot Search : 
MCM44C64 78L06 265002 2SC2758 LC4000Z U4285BM 2SK3150L 2316312
Product Description
Full Text Search
 

To Download 0452802402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0452802402 Active
microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPITM Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 24 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, 0.38m (15") Gold (Au) Selective Contact Plating, Tin/Lead (Sn/Pb) Tail Plating
Documents: 3D Model Drawing (PDF)
Product Specification PS-44300-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA TUV UL LR19980 R72081037 E29179 EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Application Tooling Part Link Overview Product Literature Order No Product Name PCB Headers 45280 Board-to-Board, Wire-to-Board 622008400 microfit_30 USA-106 Micro-Fit 3.0 BMI CPITM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable No 24 24 Black 30 94V-0 No Yes None High Performance Alloy (HPA) Gold 90/10 Tin Lead High Temperature Thermoplastic 2 Vertical 0.189 In 4.80 mm Yes Yes Tray 0.118 In 3.00 mm 15 0.375 100 2.5 Yes Yes Fully No
Search Parts in this Series 45280Series Mates With 44133-2400 Panel Mount Receptacle, 44769-2402 Vertical Receptacle Header, 44764-2402 Right Angle Receptacle Header Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Micro-FitTM 0622008400 Compliant Pin Insertion Flat Rock Tool
Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No -40C to +105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Voltage - Maximum 5A 250V
Solder Process Data
Replacement RoHS Compliant Part Number 0452802452
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-45280-002 PS-44300-001, RPS-44300-001 SD-45280-001 TS-45280-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0452802402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X