Part Number Hot Search : 
L63ID LT1T023C BYV27200 AS300DB B3010 74HC15 TB6552F STDP2550
Product Description
Full Text Search
 

To Download VXO-1S-PEM-6P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VXO-1S-PEM-6P
High frequency SMD VCXO LVPECL
Features Applications: wireless communications, 10 Gigabit Ethernet Fibre Channel, broadband access, DSL, GPON Output frequency up to 700 MHz Low jitter < 3 ps
Parameter
Frequency range Standard frequencies Supply voltage Supply current Frequency stability (all inclusive) (*) Output signal Output voltage Output load Symmetry Rise / Fall time Frequency pulling range Voltage control Enable / Disable function
Specification
100 ~ 700 MHz 122.88 , 125, 155.52, 156.25, 159.375, 200, 212.50, 300, 350 312.50, 350, 400, 491.52, 622.08 & 625 MHz +3.3 V 5 % +2.5 V on request 75 ~ 100 mA < 25 ppm over -20 ~ +70 C < 50 ppm over -40 ~ +85 C LVPECL VOH 2.275 V 50 45 ~ 55 % < 3 ns VOL 1.680 V @ Vdc -2.0 V @ 1/2 Vdc
50 ~ 100 ppm +1.65 V 1.35 V positive slope Pin #2 = high or open Pin #4 & #5 (E) signal Pin #2 = low Pin #4 & #5 (D) no signal Jitter (rms) < 3 ps @ 12 kHz ~ 20 MHz from carrier frequency Operating temperature range -20 ~ +70 C commercial application -40 ~ +85 C industrial application Packaging units tape & reel 500 or 1'000 pieces (*) All inclusive frequency stability vs. temperature, tolerance, aging, supply & load variation Customer specifications on request
Pin function
#1 #2 #3 #4 #5 #6 Vc Voltage control E/D GND Output Complementary output Vdc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature
2002/95/EC RoHS compliant
QuartzCom AG sales@quartzcom.com www.quartzcom.com QuartzCom Asia sales-asia@quartzcom.com QuartzCom USA sales-usa@quartzcom.com
31 Mar. 10


▲Up To Search▲   

 
Price & Availability of VXO-1S-PEM-6P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X