Part Number Hot Search : 
SD161 B82111E GBAS70 LC374 SMPA48 1N4050 SM581 IE0305H
Product Description
Full Text Search
 

To Download UPL54PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT GLASS PASSIVATED
SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 - 400 Volts CURRENT 5.0 Amperes
FEATURE
*Sm al l S u r f ac e M o u n t i n g T y p e. (SMP) * Low forward voltage, high current capability * Low leakage current * Glass passivated junction * High temperature soldering guaranteed : 260oC/10 seconds at terminals
0.081 (2.05) 0.077 (1.95) (3)
UPL51PT THRU UPL55PT
PROVISIONAL SPEC.
SMP
0.170 (4.31) 0.163 (4.15)
(1) 0.077 (1.95) 0.073 (1.85) 0.005 (0.15 Min.)
(2) 0.019 (0.50 Min.) 0.045 (1.16) 0.042 (1.07)
0.019 (0.50 Min.) 0.264 (6.70) 0.254 (6.46) 0.212 (5.38) 0.208 (5.29)
CIRCUIT
2
1
0.055 (1.40) 0.051 (1.30)
3
Dimensions in inches and (millimeters)
SMP
UPL55PT 400 280 400 UNITS Volts Volts Volts Amps
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TL = 90 C Peak Forward Surge Current 8.3 ms single half sine-wave IFSM superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range CJ TJ, TSTG 60 -65 to +150 pF
o o
SYMBOL VRRM VRMS VDC IO
UPL51PT 50 35 50
UPL52PT 100 70 100
UPL53PT 200 140 200 5.0
UPL54PT 300 210 300
120
Amps
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0 A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 2) NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A @ TA = 25oC @ TA = 100oC IR 200 trr 35 uAmps nSec 2004-7 SYMBOL VF UPL51PT UPL52PT 0.975 5.0 UPL53PT UPL54PT UPL55PT UNITS Volts uAmps
1.30
RATING CHARACTERISTIC CURVES ( UPL51PT THRU UPL55PT )
AVERAGE FORWARD CURRENT, ( A ) FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE trr +0.5A (-) 0 PULSE GENERATOR (NOTE 2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+) -1.0A NOTES: 1. Rise Time = 7 ns max. Input Impedance = 1 megohm. 22 pF. 2. Rise Time = 10 ns max. Source Impedlance= 50 ohms. 1cm SET TIME BASE FOR 10 nS/cm -0.25A
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
5.0 4.0 3.0 2.0 1.0 0 0
Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc (approx) (-)
D.U.T
25 50 75 100 125 150 175
LEAD TEMPERATURE ( OC )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT, (uA) INSTANTANEOUS FORWARD CURRENT, (A) 120
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS
TJ = 25oC
100
TJ = 75oC
10
UPL51~UPL53
10
1.0
1.0
UPL54~UPL55
TJ = 25oC
PULSE WIDTH=300uS 1% DUTY CYCLE
0.1 0 20 40 60 80 100 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0.1 0 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 INSTANTANEOUS FORWARD VOLTAGE, (V)
PEAK FORWARD SURGE CURRENT, (A)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 150 125 100 75 50 25 0 0 2 4 6 8 10 20 40 60 100 NUMBER OF CYCLES AT 60HZ
8.3 ms Single Half Sine-Wave (JEDEC Method)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE 1000 JUNCTION CAPACITANCE, ( pF )
TJ =25oC
100
10 .1 .4 1.0 4 10 40 80 REVERSE VOLTAGE, ( V )


▲Up To Search▲   

 
Price & Availability of UPL54PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X