Part Number Hot Search : 
AD115 SPN7002L 42500 B20100 25C30 D1215 B20150 FU220N
Product Description
Full Text Search
 

To Download TX-7020-ECE-2560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TX-702
Temperature Compensated Crystal Oscillator
Features EFC Standard Small Size 100% RoHS compliant Low Profile
Typical Applications PCS Base Stations Land Mobile Radio Cellular Telephony Radio in the Local Loop
Previous Vectron Model Numbers Frequency Range Standard Frequencies 52 MHz - 1 GHz 622.08 MHz
Frequency stabilities1
Parameter
vs. operating temperature range
Min
-1.5 -1.0
Typ
Max
+1.5 +1.0 +2.5 +1.0 +1.0 +0.5
Units
ppm ppm ppm ppm ppm ppm
Operating temperature range
-40 ... +70C -40 ... +70C -20 ... +70C -20 ... +70C 0 ... +50C 0 .. +50C
(Referenced to +25C)
-2.5 -1.0 -1.0 -0.5
Parameter
Initial tolerance vs. supply voltage change vs. load change vs aging /1. Year
Min
- 2.5 - 0.5 - 0.2 - 1.0
Typ
Max
+2.5 +0.5 +0.2 +1.0
Units
ppm ppm ppm ppm
Condition
at time of shipment, nominal EFC VS 5% Load 10%
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 TX-702 page: 1/7
Options5
Frequency stabilities1 [Stratum 3 TCXO]
Parameter
vs. operating temperature range (Referenced to +25C)
Min
-0.8 -0.28 -0.28 -0.80 -0.28 -0.28
Typ
Max
+0.8 +0.28 +0.28 +0.80 +0.28 +0.28
Units
ppm ppm ppm ppm ppm ppm
Operating temperature range
-20 ... +70C 0 ... +50C -20 ... +70C -40 ... +85C -30 ... +85C -40 ... +85C
Parameter
Initial tolerance vs. supply voltage change vs. load change vs aging /20 Years
Min
-1.0 -0.2 -0.1 -2.5 -4.6
Typ
Max
+1.0 +0.2 +0.1 +2.5 +4.6
Units
ppm ppm ppm ppm ppm
Condition
at time of shipment, nominal EFC VS 5% Load 10%
overall tolerance
Note:* Stratum 3 per GR-1244-CORE: <4.6 ppm for all causes and 20 years aging,Holdover: <0.37 ppm over 24 hours
Supply Voltage (Vs)
Parameter
Supply voltage [Standard] Current consumption
Min
3.135
Typ
3.3
Max
3.465 12
Units
VDC mA
Condition
steady state @ +25C
RF Output
Parameter Signal Load Rise and Fall time Duty cycle Signal Load Rise and Fall time Duty cycle
Min
Typ PECL 50
Max
Units
Condition
1 ns %
Vs - 2V 20 to 80 %
45 LVDS 100
55
1 ns % 10 to 90 %
40
60
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 TX-702 page: 2/7
Options5
Frequency Tuning (EFC) or Enable
Parameter
Tuning Range Tuning Range for Stability: 807; 287; 157 Stratum 3 Version Linearity Tuning Slope Control Voltage Range Freq. control input impedance 0.3 10 1.65 5.0
Min
Typ
Max
Units
Condition
Fixed TCXO; No adjust 14.0 10 % Positive 3.0 VDC k with Vs=3.3VDC 20.0 ppm
Additional Parameters
Parameter
Phase Noise
3
Min
Typ
-55 -85 -105 -115 -112 -130 -146
Max
Units
dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz ps 4g 10 100 1 10 100 1 10
Condition
Hz Hz kHz kHz kHz MHZ MHZ 12kHz - 20 MHZ @622.08 MHZ PECL
Jitter Weight Processing & Packing
0,5
Handling & processing note
Absolute Maximum Ratings
Parameter
Supply voltage (Vs) Control Voltage Operable temperature range Storage temperature range 0 -40 -55
Min
Typ
Max
6.0 Vs +85 +125
Units
V V C C
Conditions
Standard Shipping Methode
Lage im Gurt Position in tape Pin 1
A X B K P
Enclosure Type
C294
*bei W 24 mm nur untere Lochreihe by W 24 mm only lower hole line
Abwickelrichtung Unwinding direction
Gurtunterseite Tape buttom side Gurtoberseite Tape upper side
Production tolerance complying DIN IEC 286-3
Tape width W
12
Quantity per
150.
Quantity per reel
750.
Dimension P
8
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 TX-702 page: 3/7
Enclosure
Package Codes: 700
Type G294 Height "H" 2.5 Pin Length "L" NA
Dimensions: mm
Pin Connections
1: Voltage Control (Vc) / Enable / N.C 2: N.C. 3: Ground (Case) 4: RF output 5: RF output compl. 6: Supply Voltage Input (Vs)
Marking
TX-702 Frequency AYYWW
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 TX-702 page: 4/7
Recommended Reflow Profile
Profile Feature
Average ramp-up rate (TL to Tp) Preheat -Temperature Min TSmin -Temperature Min Tsmax -Time (min to max) tS
Pb-Free Assembly/ Sn-Pb Assembly
3C/second max. 150C 200C 3C/second max 217C 60-150 seconds max 260C
Profile Feature
Time 25C to Peak Temperature Time maintainted above -Temperature (TL)
Pb-Free Assembly/ Sn-Pb Assembly
8 minutes max.
217C
TSmax to TL-Ramp-up Rate Time maintainted above -Temperature (TL) -Time (tL) Peak Temperature (TP)
Time within 5C of actual Peak Temperature (tP) Ramp-down Rate
20-40 seconds 6C/ second max
Note: All temperatures refer to topside of the package, measured on the package body surface.
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 TX-702 page: 5/7
How to order this product:
Use this worksheet to forward the following information to your factory representative: Model
TX-702
Height
0
-
Supply Voltage
E
RF Temperature Output Code Range
C J
-
Stability
256
Frequency Control/ Enable
0
-
Frequency
100MHz
Frequency Control: 0: No Tuning 1: 5.0ppm...20.0ppm 2: 8.0ppm...20.0ppm
Supply Voltage Code: E: 3,3 V RF Output Code: C: LVPECL D: LVDS
Temperature Range: E: -40...+70C H: -30...+70C J: -20...+70C P: 0...+50C
Stability Code: 256 2,5ppm 156: 1,5ppm 106: 1,0ppm 807 0,8ppm 507: 0,5ppm
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies. 2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25C) 3 Phase noise degrades with increasing output frequency. 4 Subject to technical modification. 5 Contact factory for availability.
htttp://www.vectron.com Vectron International*267 LowellRoad, Hudson, New Hampshire 03051*Tel:+1-88-VECTRON-1 Vectron International GmbH & Co. KG * Landstrae, 74924 Neckarbischofsheim, Germany * Tel: +49 7268 801 100 TX-702 page: 6/7


▲Up To Search▲   

 
Price & Availability of TX-7020-ECE-2560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X