Part Number Hot Search : 
30A02CH C161S ATMEGA8 3600B BGU8004 MUN2233 B3913 ZBNG4001
Product Description
Full Text Search
 

To Download SPB-7840AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
SPB-7840G / SPB-7840BG / SPB-7840AG SPB-7840LG / SPB-7840BLG / SPB-7840ALG FEATURES
l l l l l l l l l l l l l l
SPB-7840G (SC BIDI SFP) (LC BIDI SFP) DESCRIPTION
1
***********************************************************************************************************************************************************************
(RoHS Compliant)
1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
1-Fiber Bi-Directional SFP Optical Transceiver Compliant with IEEE 802.3ah-2004 1000BASE-BX Simplex SC Connector: SPB-7840G Simplex LC Connector: SPB-7840LG 1310 nm DFB LD Transmitter 1490 nm Receiver Distance Up to 40 km AC/AC Coupling according to MSA Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operating: SPB-7840G -10 to 85oC Operating: SPB-7840BG -40 to 85oC Operating: SPB-7840AG Class 1 Laser International Safety Standard IEC 60825 Compliant
The SPB-7840G series is small form factor pluggable module for Gigabit Ethernet 1000BASE-BX and Fibre Channel single fiber communications by using 1310 nm transmitter and 1490 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability. The transmitter section uses a multiple quantum well 1310 nm DFB laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated 1490 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l WDM Gigabit Ethernet Links l SONET/SDH Equipment Interconnect l Fibre Channel Links
ORDER INFORMATION
P/No. SPB-7840G SPB-7840BG SPB-7840AG SPB-7840LG SPB-7840BLG SPB-7840ALG Bit Rate (Gb/s) 1.25 1.25 1.25 1.25 1.25 1.25 Distance (km) 40 40 40 40 40 40 TX (nm) 1310 DFB 1310 DFB 1310 DFB 1310 DFB 1310 DFB 1310 DFB RX (nm) 1490 1490 1490 1490 1490 1490 Package SC SFP SC SFP SC SFP LC SFP LC SFP LC SFP Temp TX Power (oC) (dBm) 0 to 70 2 to -3 -10 to 85 2 to -3 -40 to 85 2 to -3 0 to 70 2 to -3 -10 to 85 2 to -3 -40 to 85 2 to -3 RX Sens. (dBm) -23 -23 -23 -23 -23 -23 RoHS Compliant Yes Yes Yes Yes Yes Yes
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V3.0
Optoway
Absolute Maximum Ratings
Parameter Storage Temperature Operating Case Temperature Symbol Tstg Topr Min -40 0 -10 -40 0 0 GND 0 Max 85 70 85 85 85 3.6 Vcc 30 Units o C o C
SPB-7840G
Notes SPB-7840G SPB-7840BG SPB-7840AG Non condensing
2
***********************************************************************************************************************************************************************
Relative Humidity Power Supply Voltage Input Voltage Output Current
RH Vcc --Iout
% V V mA
Recommended Operating Conditions
Parameter Power Supply Voltage Power Supply Current Operating Case Temperature Symbol Vcc ICC (TX+RX) Topr Min 3.1 0 -10 -40 1250 Typ 3.3 200 Max 3.5 300 70 85 85 1300 Units / Notes V mA o C / SPB-7840G o C / SPB-7840BG o C / SPB-7840AG Mb/s
Data Rate
Transmitter Specifications (0 oC < Topr < 70 oC, 3.1V < Vcc < 3. 5V)
Parameter Symbol Min Typ Max 2 1360 1 Units dBm nm nm dB dB ns ns dB/Hz ns A A V V V s ms V V Notes 1 -20 dB width Optical Optical Transmit Power Po -3 Output Center Wavelength 1260 Output Spectrum Width Side Mode Suppression Ratio SMSR 30 Extinction Ratio ER 9 Output Eye Compliant with IEEE 802.3z Optical Rise Time tr Optical Fall Time tf Relative Intensity Noise RIN Total Jitter TJ Electrical Data Input Current - Low IIL -350 Data Input Current - High IIH Differential Input Voltage VIH - VIL 0.5 TX Disable Input Voltage - Low TDIS, L 0 TX Disable Input Voltage - High TDIS, H 2.0 TX Disable Assert Time TASSERT TX Disable Deassert Time T DEASSERT TX Fault Output Voltage -- Low TFaultL 0 TX Fault Output Voltage -- High TFaultH 2.0
1310
0.26 0.26 -120 0.227
20% to 80% Values 20% to 80% Values 2
350 2.4 0.5 Vcc 10 1 0.5 Vcc+0.3
Peak-to-Peak 3 3
4 4
Notes: 1. Output power is power coupled into a 9/125 m single mode fiber. 2. Measured with a 27-1 PRBS. 3. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 4. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V3.0
Optoway
Receiver Specifications (0oC < Topr < 70oC, 3.1 V < Vcc < 3. 5V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Optical Return Loss Electrical Differential Output Voltage Output LOS Voltage -- Low Output LOS Voltage - High Signal Detect Assert Time Signal Detect Deassert Time Symbol --Pin Pa Pd Min ---3 ---40 1.0 1480 14 0.6 0 2.0 Typ ----------Max -23 ---23 --1500 Units dBm dBm dBm dBm dB nm dB V V V s s
SPB-7840G
Notes 5 Transition: low to high Transition: high to low 6
3
***********************************************************************************************************************************************************************
ORL VOH - VOL VOL V OH ASMAX ANSMAX
2.0 0.5 Vcc+0.3 100 300
7 7 OFF to ON ON to OFF
Notes: 5. Minimum sensitivity and saturation levels at BER 1E-12 for a 27-1 PRBS. 6. At least 30 dB optical isolation for the wavelength 1260 to 1360 nm. 7. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
RECOMMENDED CIRCUIT SCHEMATIC
VeeT Tx_DISABLE T x_FAULT (1,17,20) 3 2 4.7K to 10K TD + 18 Z=50 TD 19 Z=50 VccT 16 10nF 1H Vcc 3.3V 10F 10nF 1H VccR 15 10nF 10F 10F TD TD + Tx_DISABLE Tx_FAULT
LD Driver
100
SerDes IC
Protocol IC
RD -
12 Z=50 100
RD -
POST Amp
RD +
13 Z=50 4.7K to 10K
RD +
depending on SERDES
LOSS OF SINGAL
LOS VeeR MOD_DEF(0)
8 (9,10,11,14) 6 5 4 4.7K to 10K Vcc 3.3V 4.7K to 10K
MODULE DETECT SCL SDA 4.7K to 10K
EEPROM
MOD_DEF(1) MOD_DEF(2)
SFP module
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V3.0
Optoway
CONNECTION DIAGRAM
SPB-7840G
4
***********************************************************************************************************************************************************************
PIN
1 2 3 4 5 6 7 8 9 10
Signal Name
TX GND TX Fault TX Disable MOD-DFE2 MOD-DEF1 MOD-DEF0 N/C LOS RX GND RX GND
Description
Transmitter Ground Transmitter Fault Indication Transmitter Disable (Module disables on high or open) Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module Not Connected Loss of Signal Receiver Ground Receiver Ground
PIN
11 12 13 14 15 16 17 18 19 20
Signal Name
Description
RX GND Receiver Ground RX DATA OUT- Inverse Receiver Data Out RX DATA OUT+ Receiver Data Out RX GND Vcc RX Vcc TX TX GND TX DATA IN+ TX DATA INTX GND Receiver Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground
Module Definition
Module Definition 4 MOD-DEF2 PIN 4 SDA MOD-DEF1 PIN 5 SCL MOD-DEF0 PIN 6 LV-TTL Low Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V3.0
Optoway
PACKAGE DIAGRAM
Units in mm A) SC SFP
SPB-7840G
5
***********************************************************************************************************************************************************************
A) LC SFP
Note: Specifications subject to change without notice.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V3.0
Optoway
Revision History
Version
1.0 2.0 3.0
SPB-7840G
6
***********************************************************************************************************************************************************************
Subject
Initial datasheet Combine datasheet of SC BIDI SFP and LC BIDI SFP Revise SC BIDI SFP package diagram for high port density use
Release Date
2005/12/1 2006/3/1 2008/1/1
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V3.0


▲Up To Search▲   

 
Price & Availability of SPB-7840AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X