Part Number Hot Search : 
74LCX C4020 030000 PFB6000 061ED 100PG MKW2000 NE5532D
Product Description
Full Text Search
 

To Download SL4-7-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL4 Series Single-In-Line Passive Single Output 50 Impedance Delays
SL4 Schematic Diagram
Electrical Specifications at 25OC 1, 2, 3
Delay (ns) Rise Time 10% - 90% max. (ns) DCR max. (Ohms) 7-Pin SIP Style Single 55 Ohm P/N
1.0 0.2 1.5 0.3 2.0 0.5 2.5 0.6 3.0 0.6 3.5 0.7 4.0 0.8
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 1.6 1.7 1.8 1.9 2.0 2.2 2.4 2.8 3.0 3.0 3.3 4.0 5.0 9.0 10.5 12.5 15.0
0.3 0.3 0.3 0.4 0.4 0.5 0.5 0.6 0.7 0.8 0.8 0.9 0.9 0.9 1.0 1.1 1.2 1.3 1.5 1.6 1.6 1.7 1.7 1.7 1.8 1.8 1.8
SL 4 - 1 - 50 SL 4 - 1P5 - 50 SL 4 - 2 - 50 SL 4 - 2P5 - 50 SL 4 - 3 - 50 SL 4 - 3P5 - 50 SL 4 - 4 - 50 SL 4 - 4P5 - 50 SL 4 - 5 - 50 SL 4 - 6 - 50 SL 4 - 7 - 50 SL 4 - 7P5 - 50 SL 4 - 8 - 50 SL 4 - 9 - 50 SL 4 - 10 - 50 SL 4 - 11 - 50 SL 4 - 12 - 50 SL 4 - 13 - 50 SL 4 - 14 - 50 SL 4 - 15 - 50 SL 4 - 16 - 50 SL 4 - 20 - 50 SL 4 - 25 - 50 SL 4 - 30 - 50 SL 4 - 35 - 50 SL 4 - 40 - 50 SL 4 - 50 - 50
1 COM
2 IN
6
7
4.5 0.8 5.0 1.0 6.0 1.0 7.0 1.0 7.5 1.0 8.0 1.0 9.0 1.0 10 1.0 11 1.0 12 1.0 13 1.0 14 1.0 15 1.0 16 1.0 20 1.0 25 1.3 30 1.5 35 1.8 40 2.0 50 2.5
100% COM
OPERATING SPECIFICATIONS
Pulse Overshoot (Pos) .......................................... 5% to 10%, typical Pulse Distortion (S) ........................................................... 3% typical Attenuation ............................................................. 0.5 dB maximum Working Voltage ................................................... 25 VDC maximum Dielectric Strength ................................................ 100VDC minimum Insulation Resistance ..................... 1,000 Megohms min. @ 100VDC Temperature Coefficient ....................................... 70 ppm/OC, typical Band Width (fC) ............................................................ .35/tr approx. Operating Temperature Range ................................... -55O to +125OC Storage Temperature Range ................................... -65O to +150OC
TEST CONDITIONS
(Measurements made at 25OC) Input Rise Time ............................................................... 2.0 ns max. Input Pulse Period .................................................................. 500 ns Input Pulse Width .................................................................. 1000 ns
ENVIRONMENTAL
All units are designed to meet the applicable portions of MIL-D-23859, MIL-D-83531 and are capable of meeting the environmental requirements of MIL-STD-202 for moisture resistance, vibration shock, humidity and life.
1. Delays measured at 50% Level on the Leading Edge 2. Impedance, Z0 , 50 Ohms + 10 % 3. Output terminated to ground through RL = Z0
.800 (20.32) MAX. .275 (6.99) MAX. .030 (0.76) TYP. .020 (0.51) TYP. .400 (10.16) .100 (2.54) TYP. .120 (3.05) MIN.
.200 (5.08) MAX.
Physical Dimensions inches (mm)
.010 (0.25) TYP. .
RHOMBUS P/N: CUST P/N: DATE: 01/09/98
50 Ohm SL4 Series NAME: SHEET: 1 OF 1
Rhombus Industries Inc.
Transformers & Magnetic Products
www.rhombus-ind.com
15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 * FAX: (714) 896-0971


▲Up To Search▲   

 
Price & Availability of SL4-7-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X