Part Number Hot Search : 
UPD16 2N673 6268C D1252 PU1S516 GT20J341 33063 ON1412
Product Description
Full Text Search
 

To Download MOC3063 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
FEATURES
* Isolation voltage between input and output Viso : 5,000Vrms * 6pin DIP zero-cross optoisolators triac driver output * High repetitive peak off-state voltage VDRM : Min. 600V * High critical rate of rise of off-state voltage ( dv/dt : MIN. 1000V / s ) * Dual-in-line package : MOC3063 * Wide lead spacing package : MOC3063M * Surface mounting package : MOC3063S * Tape and reel packaging : MOC3063S-TA1 * UL approved ( No. E113898 ) * CSA approved ( No. CA91533-1 ) * FIMKO approved ( No. 15469 ) * NEMKO approved ( No. P00102123 ) * DEMKO approved ( No. 309968-01 ) * SEMKO approved ( No. 0032019/01-11 ) * VDE approved (No. 094722 ) * RoHS compliance
APPLICATIONS
* AC Motor Drives * AC Motor Starters * E.M. Contactors * Lighting Controls * Solenoid/Valve Controls * Solid State Relays * Static Power Switches * Temperature Controls
Part No. : MOC3063 SERIES
BNS-OD-C131/A4
Page :
1 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
OUTLINE DIMENSIONS
Dual-in-line package :
Wide lead spacing package:
*1. *2. *3. *4.
Year date code. 2-digit work week. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand). Model No.: MOC3063 Page : 2 of 8
Part No. : MOC3063 SERIES
BNS-OD-C131/A4
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
OUTLINE DIMENSIONS
Surface mounting package :
*1. *2. *3. *4.
Year date code. 2-digit work week. Factory identification mark shall be marked (Z : Taiwan, Y : Thailand). Model No.: MOC3063
Part No. : MOC3063 SERIES
BNS-OD-C131/A4
Page :
3 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
TAPING DIMENSIONS
Tape and reel package : MOC3063S-TA1
Description Tape wide Pitch of sprocket holes Distance of compartment Distance of compartment to compartment
Symbol W P0 F P2 P1
Dimensions in mm ( inches ) 16 0.3 ( .63 ) 4 0.1 ( .15 ) 7.5 0.1 ( .295 ) 2 0.1 ( .079 ) 12 0.1 ( .472 )
Part No. : MOC3063 SERIES
BNS-OD-C131/A4
Page :
4 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
ABSOLUTE MAXIMUM RATING
( Ta = 25C )
PARAMETER Forward Current INPUT Reverse Voltage Power Dissipation Off-State Output Terminal Voltage OUTPUT Peak Repetitive Surge Current ( PW=100s, 120pps ) Collector Power Dissipation Total Power Dissipation *1 Isolation Voltage Ambient Operating Temperature Range Storage Temperature Range *2 Soldering Temperature SYMBOL IF VR PD VDRM ITSM PC Ptot Viso TA Tstg TL RATING 50 6 120 600 1 150 250 5,000 -40 ~ +100 -55 ~ +150 260 UNIT mA V mW V A mW mW Vrms C C C
*1. AC For 1 Minute, R.H. = 40 ~ 60% Isolation voltage shall be measured using the following method. (1) Short between anode and cathode on the primary side and between collector, emitter on the secondary side. (2) The isolation voltage tester with zero-cross circuit shall be used. (3) The waveform of applied voltage shall be a sine wave. *2. For 10 Seconds
Part No. : MOC3063 SERIES
BNS-OD-C131/A4
Page :
5 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25C )
PARAMETER Forward Voltage INPUT Reverse Current *1 Peak Blocking Current, Either Direction OUTPUT Peak On-State Voltage, Either Direction *2 Critical rate of Rise of Off-State Voltage *3 Led Trigger Current, Current Required to MOC3063 Latch Output, Either Direction COUPLED Holding Current, Either Direction Turn-On Time IH TON -- -- 400 8 -- 20 A s VP=9V, IF=20mA RL = 100 IF=Rated IFT, MT1-MT2 Voltage above which device will not trigger. IF = Rated IFT, Rated VDRM, Off State IR IDRM1 -- -- 0.05 -- 10 500 A nA VR=6V VDRM = 600V SYMBOL MIN. TYP. MAX. UNIT VF -- 1.2 1.4 V CONDITIONS IF=20mA
VTM
--
--
3.0
V
ITM=100 mA Peak
dv/dt
1000
--
--
V/s
IFT
--
--
5
mA
Main Terminal Voltage = 3V
Inhibit Voltage ZERO CROSSING Leakage in Inhibited State
VINH
--
5
20
Volts
IDRM2
--
--
500
A
*1 Test voltage must be applied within dv/dt rating. *2 This is static dv/dt. Commutating dv/dt is a function of the load-driving thyristor(s) only. *3 All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies between max IFT 5mA for MOC3063 and absolute max IF (50mA)
Part No. : MOC3063 SERIES
BNS-OD-C131/A4
Page :
6 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs. Ambient Temperature
60
Forward current IF (mA)
Fig.2 On-state Current vs. Ambient Temperature
40 30 20 10 0 -40 -20
ITM , on-state current (A)
50
0.10
0.05
0
20 40 60 80 100 120
o
0 -40 -20
0
20 40 60 80 100 120
o
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Fig.3 Minimum Trigger Current vs. Ambient Temperature
10
Minimum trigger current I FT (mA)
Fig.4 Forward Current vs. Forward Voltage
VP=6V RL=100
Forward current I F (mA)
100
8 6 4 2 0
80 C o 100 C 10
o
60 C o 40 oC 20 C
o
20
40
60
80
o
100
1
0.4
0.8
1.2
1.6
2.0
Ambient temperature ( C)
Forward voltage VF (V)
Fig.5 On-state Voltage vs. Ambient Temperature
3.0
On-state voltage VTM(V)
Fig.6 Holding Current vs. Ambient Temperature
1
Forward current I H (mA)
ITM=100mA
VP=6V
2.6 2.2 1.8 1.4 1.0
0.1
20
40
60
80
o
100
0.01
20
40
60
80
o
100
Ambient temperature Ta ( C)
Ambient Temperature Ta ( C)
Part No. : MOC3063 SERIES
BNS-OD-C131/A4
Page :
7 of 8
L IT E - O N T E C HN OLOGY C OR P OR A TI ON
Property of Lite-on Only
CHARACTERISTICS CURVES
Fig.7 Turn-on Time vs. Forward Current
10 8 6 4 2 0
Fig.8 Repetitive Peak Off-state Current vs. Temperature
1000
Repetitive Peak Off-state Current Idrm (nA)
VP=9V RL=100
Turn-on time Ton ( s)
100
10
10
20
30
40
50
1
20
40
60
80
O
100
Forward current IF (mA)
Ambient temperature Ta ( C)
Fig.9 On-state Current vs. On-state Voltage
100
Static dv/dt Test Circuit
+400 Vdc
On-state current ITM (mA)
80 60 40 20 0 APPLIED VOLTAGE WAVEFORM 0 VOLTS PULSE INPUT
RTEST CTEST MERCURY WETTED RELAY
R=10k X100 SCOPE PROBE
D.U.T.
Vmax = 400V 252 V 0.63 Vmax 378 dv/dt= =
0
0.5
1.0
1.5
2.0
2.5
3.0
On-state voltage VTM (V)
RC
RC
RC
RECOMMENDED FOOT PRINT PATTERNS (MOUNT PAD)
Unit : mm Part No. : MOC3063 SERIES
BNS-OD-C131/A4
Page :
8 of 8


▲Up To Search▲   

 
Price & Availability of MOC3063

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X