Part Number Hot Search : 
ISL1532A HD1133Y TIC225C SMV1812A 349EPFV SC68C KA22242 HN58C256
Product Description
Full Text Search
 

To Download MMSZ5229AS10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5229AS SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
SOD-323
Unit: inch (mm)
4.3 to 51 Volts
POWER
200 mWatts
FEATURES
* Planar Die construction * 200mW Power Dissipation
.054(1.35) .045(1.15)
.078(1.95) .068(1.75)
.014(.35) .009(.25)
* Ideally Suited for Automated Assembly Processes * In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
.006(.15)
.038(.95) .027(.70)
.002(.05)
* Case: SOD-323, Molded Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.004 grams * Mounting Position: Any
.107(2.7) .090(2.3)
.012(.30)MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Power Dissipation @TA=25oC(Note A) Operating Junction and Storage Temperature Range
Symbol PD TJ
Value 200 -55 to +150
Units mW
O
C
NOTES: A. Mounted on 5.0mm 2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
REV.0.3-JAN.22.2010
PAGE .1
MMSZ5229AS SERIES
Max Reverse Leakage Current IR @ VR mA A V
Nominal Zener Voltage Part Number No m. V 200 mWatts Zener Diodes MMSZ5229AS MMSZ5230AS MMSZ5231AS MMSZ5232AS MMSZ5234AS MMSZ5235AS MMSZ5236AS MMSZ5237AS MMSZ5238AS MMSZ5239AS MMSZ5240AS MMSZ5241AS MMSZ5242AS MMSZ5243AS MMSZ5244AS MMSZ5245AS MMSZ5246AS MMSZ5247AS MMSZ5248AS MMSZ5250AS MMSZ5251AS MMSZ5252AS MMSZ5254AS MMSZ5255AS MMSZ5256AS MMSZ5257AS MMSZ5258AS MMSZ5259AS MMSZ5260AS MMSZ5261AS MMSZ5262AS 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 20 22 24 27 28 30 33 36 39 43 47 51 4.21 4.61 5 5.49 6.08 6.66 7.35 8.04 8.53 8.92 9.8 10.78 11.76 12.74 13.72 14.7 15.68 16.66 17.64 19.6 21.56 23.52 26.46 27.44 29.4 32.34 35.28 38.22 42.14 46.06 49.98 4.39 4.79 5.2 5.71 6.32 6.94 7.65 8.36 8.87 9.28 10.2 11.22 12.24 13.26 14.28 15.3 16.32 17.34 18.36 20.4 22.44 24.48 27.54 28.56 30.6 33.66 36.72 39.78 43.86 47.94 52.02 22 19 17 11 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 25 29 33 41 44 49 58 70 80 93 105 125 V Z @ IZT Mi n. V Max. V
Max. Zener Impedance ZZT @ I ZT mA ZZK @ I ZK
Marking Code
20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9 8.5 7.8 7.5 7 6.2 5.6 5.2 5 4.5 4.2 3.8 3.4 3.2 3 2.7 2.5
2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1 2 2 3 4 5 6 6 6.5 6.5 8 8.4 9.1 9.9 10.5 11 12 13 14 15 17 18 21 21 23 25 27 30 33 36 39
D4 D5 E1 E2 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 M5 N1 N2
REV.0.3-JAN.22.2010
PAGE . 2
MMSZ5229AS SERIES
TEMPERATURE COEFFICIENT,(mV/ OC)
8 7 6 5 4 3 2
1
TEMPERATURE COEFFICIENT,(mV/ OC)
100
10
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
1 10
100
NOMINAL ZENER VOLTAGE,VOLTS
NOMINAL ZENER VOLTAGE,VOLTS
Fig.1 TEMPERATURE COEFFICENTS
Fig.2 TEMPERATURE COEFFICENTS
1000
1000
LEAKAGE CURRENT,uA
10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
FORWARD CURRENT,mA
100
100
+150 C
O
+25 C -55 C
80 90
O
O
10
150 C
75 C
O
O
25OC
5OC
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
NORMAL ZENER VOLTAGE, VOLTS
FORWARD VOLTAGE, VOLTS
Fig. TYPICAL LEAKAGE CURRENT
Fig.4 TYPICAL FORWARD VOLTAGE
0.6
POWER DISSIPATION, Watts
0.5 0.4 0.3 0.2 0.1 0
T A =25 OC
0
25
50
75
O
100
125
150
TEMPERATURE ( C)
Fig.5 STEADY STATE POWER DERATING
REV.0.3-JAN.22.2010
PAGE . 3
MMSZ5229AS SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 5K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
REV.0.3-JAN.22.2010
PAGE . 4


▲Up To Search▲   

 
Price & Availability of MMSZ5229AS10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X