Part Number Hot Search : 
MMBZ5229 MMBZ5229 E2505H23 GW502 RC306 PLW0501 TD1410C KBU8K
Product Description
Full Text Search
 

To Download MMSZ5229A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5229A SERIES
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
4.3 to 51 Volts
POWER
500 mWatts
0.154(3.90) 0.141(3.60) 0.110(2.80) 0.098(2.50)
FEATURES
* Planar Die construction * 500mW Power Dissipation * Ideally Suited for Automated Assembly Processes * In compliance with EU RoHS 2002/95/EC directives
0.028(0.70) 0.019(0.50)
0.071(1.80) 0.055(1.40)
MECHANICAL DATA
* Case: SOD-123, Molded Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below
0.008(0.20)MAX. 0.053(1.35) 0.037(0.95)
* Apporx. Weight: 0.0003 ounce, 0.0103 gram * Mounting Position: Any
0.005(0.12)MAX.
0.016(0.40)MIN.
1
2
Cathode
Anode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Maximum Power Dissipation@TA=25OC (Notes A) Operating Junction and StorageTemperature Range
Symbol PD TJ
Value 500 -50 to +150
Units mW
O
C
NOTES: A. Mounted on 5.0mm 2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
October 01,2010-REV.00
PAGE . 1
MMSZ5229A SERIES
Nominal Zener Voltage Part Number Nom. V 500 mWatts Zener Diodes MMSZ5229A MMSZ5230A MMSZ5231A MMSZ5232A MMSZ5234A MMSZ5235A MMSZ5236A MMSZ5237A MMSZ5238A MMSZ5239A MMSZ5240A MMSZ5241A MMSZ5242A MMSZ5243A MMSZ5244A MMSZ5245A MMSZ5246A MMSZ5247A MMSZ5248A MMSZ5250A MMSZ5251A MMSZ5252A MMSZ5254A MMSZ5255A MMSZ5256A MMSZ5257A MMSZ5258A MMSZ5259A MMSZ5260A MMSZ5261A MMSZ5262A 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 20 22 24 27 28 30 33 36 39 43 47 51 4.21 4.61 5.00 5.49 6.08 6.66 7.35 8.04 8.53 8.92 9.80 10.78 11.76 12.74 13.72 14.70 15.68 16.66 17.64 19.60 21.56 23.52 26.46 27.44 29.40 32.34 35.28 38.22 42.14 46.06 49.98 4.39 4.79 5.20 5.71 6.32 6.94 7.65 8.36 8.87 9.28 10.20 11.22 12.24 13.26 14.28 15.30 16.32 17.34 18.36 20.40 22.44 24.48 27.54 28.56 30.60 33.66 36.72 39.78 43.86 47.94 52.02 22 19 17 11 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 25 29 33 41 44 49 58 70 80 93 105 125 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20 20.0 20.0 20.0 20.0 9.5 9.0 8.5 7.8 7.5 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 2.0 2.0 3.0 4.0 5.0 6.0 6.0 6.5 6.5 8.0 8.4 9.1 9.9 10.5 11.0 12.0 13.0 14.0 15.0 17.0 18.0 21.0 21.0 23.0 25.0 27.0 30.0 33.0 36.0 39.0 D4 D5 E1 E2 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4 M5 N1 N2 V Z @ IZT Mi n. V Ma x. V Max. Zener Impedance ZZT @ I ZT mA ZZK @ I ZK mA A Max Reverse Leakage Current IR @ VR V
Marking Code
October 01,2010-REV.00
PAGE . 2
MMSZ5229A SERIES
TEMPERATURE COEFFICIENT,(mV/ OC)
7 6 5 4 3 2 1 0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
TEMPERATURE COEFFICIENT,(mV/ OC)
8
100
10
1 10
NOMINAL ZENER VOLTAGE ,VOLTS
100
NOMINAL ZENER VOLTAGE ,VOLTS
Fig.1 TEMPERATURE COEFFICIENTS
Fig.2 TEMPERATURE COEFFICIENTS
1000
1000
100
LEAKAGE CURRENT , m A
10 1
O
FORWARD CURRENT ,mA
+150 C
0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50
100
+25 C -55 C
O
O
10
150 C
75 C
o
o
25 C
o
5C
o
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
NORMAL ZENER VOLTAGE, VOLTS
FORWARD VOLTAGE, VOLTS
Fig.3 TYPICAL LEAKAGE CURRENT
Fig.4 TYPICAL FORWARD VOLTAGE
1000
0.6
POWER DISSIPATION, Watts
0.5 0.4 0.3
T A =25 OC
CAPACITANCE ,pF
0 V BIAS 1 V BIAS 100 BIASAT 50% OF VZ NOM 10
TA=25 oC
0.2 0.1
1
0 0 25 50 75 100 125 150
1
10
NORMAL ZENER VOLTAGE, VOLTS
100
T A ,TEMPERATURE ( OC)
Fig.5 STEADY STATE POWER DERATING
October 01,2010-REV.00
Fig.6 TYPICAL CAPACITANCE
PAGE . 3
MMSZ5229A SERIES
10 -1
10
0
ZENER CURRENT, Amperes
ZENER CURRENT, Amperes
10
-1
MMSZ5230A
MMSZ5235A
MMSZ5240A
10 -2
10
-2
MMSZ5245A
MMSZ5250A
MMSZ5256A
MMSZ5259A
10
-3
10
-3
10
-4
10
-5
10
-4
10 -6
10
-7
10 -5 0 2 4 6 8 10 12
10
-8
10
15
20
25
30
35
40
45
ZENER VOLTAGE, VOLTS
ZENER VOLTAGE, VOLTS Fig.8 ZENER VOLTAGE VERSUS ZENER CURRENT
Fig.7 ZENER VOLTAGE VERSUS ZENER CURRENT
October 01,2010-REV.00
PAGE . 4
MMSZ5229A SERIES
MOUNTING PAD LAYOUT
SOD-123
Unit: inch(mm)
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
October 01,2010-REV.00
PAGE . 5


▲Up To Search▲   

 
Price & Availability of MMSZ5229A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X