Part Number Hot Search : 
SGM8554 EMK13G2 FCP26SG SC4820 FN4693 2SA812 BD414 EA1523P
Product Description
Full Text Search
 

To Download MIC-3960 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC-3960
6U CompactPCI(R) Media Carrier Board Features
Expands Advantech chassis MIC-3042B series chassis storage capacity Accommodates a slim CD-ROM
RoHS
COMPLIANT
2002/95/EC
Introduction
The MIC-3960 is a 6U-high 1-slot CompactPCI media carrier board, with one slim CD-ROM. Designed to be highly cost-effective and simple to use, the MIC-3960 adds value to any CompactPCI system. It can easily expand storage capacity once placed in Advantech's MIC-3042B series enclosures.
Specifications
Storage Space Power Environment 1 1W Operating Temperature 0 ~ 60 C (32 ~ 122 F) Humidity Vibration (5 ~ 500 Hz) 1.0 Grms Dimensions (W x D) 233.35 x 160 mm (9.2" x 6.3"), 1-slot width 0.5 kg (1.10 lb) Weight Mean-Time-To-Repair (MTTR) 5 minutes PICMG 2.0 R3.0 CompactPCI Specification Slim CD-ROM Power Consumption Non-Operating -40 ~ 60 C (-40 ~ 140 F) 95 % @ 60 C, non-condensing 2.0 G
Physical Characteristics Reliability Compliance
Recommended Configurations
Enclosures MIC-3042B series Board MIC-3390E, MIC-3369C-MxE, MIC-3358A-MxE MIC-3392X-MX
Rear I/O Board
RIO-3310S-A1, RIO3310S-A2, RIO-3309C/S, RIO-3310AE Storage space for a slim-type CD-ROM
Ordering Information
Part Number MIC-3960-AE Description 6U CompactPCI media carrier board
Online Download www.advantech.com/products
All product specifications are subject to change without notice Last updated : 1-Mar-2007


▲Up To Search▲   

 
Price & Availability of MIC-3960

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X