Part Number Hot Search : 
P1S21 ST202BD PN2906 MJ11016G CEIDL369 74AUP3G 33287 MDAG04
Product Description
Full Text Search
 

To Download MBR60150PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR6040PT SERIES
SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency. * High current capability * Guardring for overvoltage protection * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
0.087(2.20) 0.070(1.80) 0.126(3.20) 0.110(2.80) 0.050(1.25) 0.045(1.15) 0.142(3.60) 0.125(3.20) 0.640(16.25) 0.620(15.75) 0.199(5.05) 0.175(4.45)
40 to 200 Volts
CURRENT
60 Amperes
0.600(15.25) 0.580(14.75) 0.839(21.30) 0.819(20.80)
0.095(2.40) 0.170(4.30) 0.145(3.70) 0.798(20.25) 0.777(19.75)
MECHANICAL DATA
* Case: TO-247AD / TO-3P molded plastic * Terminals: solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Mounting Position: Any * Weight: 0.2245 ounces, 6.3673 grams.
0.030(0.75) 0.017(0.45) 0.225(5.70) 0.204(5.20) 0.225(5.70) 0.204(5.20)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RAMETE R Maxi mum Recurrent P eak Reverse Voltage Maxi mum RMS Voltage Maxi mum D C B locki ng Voltage Maxi mum A verage F orward C urrent Peak F orward Surge C urrent : 8.3ms si ngle half si ne-wave superi mposed on rated load (JE DE C method) Maxi mum F orward Voltage at 30A per leg Maxi mum D C Reverse Current at Rated D C B locki ng Voltage Typi cal Thermal Resi stance Operati ng Juncti on and S torage Temperature Range T J =25 O C T J =100 OC S YMB OL V RRM V RMS V DC I F(AV ) IFS M VF IR R JC T J ,T S TG
-55 to + 150 MB R6040P T MB R6045P T MB R6050P T MB R6060P T MB R6080P T MB R6090P T MB R60100P T MB R60150P T MBR60200P T
UNITS V V V A
40 28 40
45 31.5 45
50 35 50
60 42 60
80 56 80 60
90 63 90
100 70 100
150 105 150
200 140 140
400
A
0.7 0.1 20
0.79
0.8 0.05 20 1.5 -65 to +175
0.9
V
mA
O
C/W
O
C
Note : Both Bonding and Chip structure are available.
September 3,2010-REV.02
PAGE . 1
MBR6040PT SERIES
RATING AND CHARACTERISTIC CURVES
440
100
40V
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD CURRENT, AMPERES
400 360 320 280 240 200 160 120 80 40
0 1 2 5 10 20 50 100
45-200V
80 60 40 20 0
RESISTIVE OR INDUCTIVE LOAD
0
20
40
60
80
100
120
140
160
180
LEAD TEMPERATURE, C
O
NO. OF CYCLE AT 60Hz
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON-REPETITIVE SURGE CURRENT
10
40
T J=100 C
O
INSTANTANEOUS REVERSE CURRENT, mA
INSTANTANEOUS FORWARD CURRENT, AMPERES
1.0
10 8 6 4 2
T J=75 C
0.1
O
T J=25 C
0.01
O
0.8 0.6 0.4 0.2 0.1
1.0
40-45V 50-100V 150-200V
0 .001
0.4
20 40 60 80 100
0.5
0.6
0.7
0.8
0.9
1.0
1.1
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
September 3,2010-REV.02
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR60150PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X