Part Number Hot Search : 
170M6459 XFATM MB8844 DT390 TLVY4200 Z02W12V LUY65C MKW3047
Product Description
Full Text Search
 

To Download KBU4K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU4A ~ KBU4M
PRV : 50 - 1000 Volts Io : 4.0 Amperes
FEATURES :
* * * * Ideal for printed circuit boards High surge current capability High case dielectric strength of 1500 VRMS Pb / RoHS Free
Silicon Bridge Rectifiers
KBU
0.935 (23.7) 0.895 (22.7) 0.085 (2.2) 0.065 (1.7) 0.16 (4.1) 0.14 (3.6)
0.760 (19.3) MAX.
+ + + AC AC
1.80 (29.9) MIN.
1.0 (25.4) MIN.
MECHANICAL DATA :
* * * * Case : Molded plastic Polarity : Polarity symbols marked on case Mounting position : Any Weight : 8.0 grams
0.085 (2.16) 0.065 (1.65) 0.220 (5.60) 0.180 (4.60)
0.052 (1.30) 0.048 (1.20)
0.280 (7.1 ) 0.260 (6.6)
Dimensions in inches and ( millimeter )
Rating at 25 C ambient temperature unless otherwise specified.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Ta = 30 C (Note 1) Peak Forward Surge Current, Single sine-wave Superimposed on rated load Maximum Instantaneous Forward Voltage per leg at I F = 4 A Maximum DC Reverse Current at Rated DC Blocking Voltage per leg Thermal Resistance, Junction to Ambient, per leg (Note1) Thermal Resistance, Junction to Lead, per leg (Note2) Operating Junction and Storage Temperature Range SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR IR(H) RJA RJL TJ, TSTG KBU KBU KBU KBU KBU KBU KBU 4A 4B 4D 4G 4J 4K 4M 50 35 50 100 70 100 200 140 200 400 280 400 4.0 200 1.0 5.0 (Ta = 25C) 1.0 (Ta = 125C) 19 4.0 - 50 to + 150 600 420 600 800 560 800 1000 700 1000 UNIT V V V A A V A mA C/W C/W C
Notes :
(1) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length. (2) Units mounted on a 2.0 x 1.6 x 0.3" thick (5 x 4 x 0.8 cm) Al.Plate
Page 1 of 2
Rev. 01 : February 15, 2006
RATING AND CHARACTERISTIC CURVES ( KBU4A - KBU4M )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
4.0
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
200 175 150 125 100 75 50 25 0
3.0
2.0
PEAK FORWARD SURGE CURRENT, (A)
AVERAGE FORWARD CURRENT, (A)
1.0
60Hz Resistive or Inductive Load
TJ = 150 C Single Sine-Wave
0 0 25 50 75 100 125 150 175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER LEG
FIG.4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS PER LEG
50
INSTANTANEOUS FORWARD CURRENT, (A)
10
INSTANTANEOUS REVERSE CURRENT, (A)
100
10
TJ = 100 C
1.0
1.0
TJ = 25 C Pulse width = 300 s 1% Duty Cycle
0.1
TJ = 25 C
0.1 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
0.01 0 20 40 60 80 100
FORWARD VOLTAGE, (V)
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 01 : February 15, 2006


▲Up To Search▲   

 
Price & Availability of KBU4K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X