Part Number Hot Search : 
HIN207CP MPC82 0ETTTS SMBJ26 00LVEL TDA21201 GBPC35 LR3303
Product Description
Full Text Search
 

To Download IPD127N06LG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD127N06L G
OptiMOS(R) Power-Transistor
Features * For fast switching converters and sync. rectification * N-channel enhancement - logic level * 175 C operating temperature * Avalanche rated * Pb-free lead plating, RoHS compliant
Product Summary V DS R DS(on),max ID 60 12.7 50 V m A
PG-TO252-3
Type
IPD127N06L G
Package Marking
PG-TO252-3 127N06L
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C1) T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1) 2)
Value 50 48 200 240 6 20
Unit A
I D,pulse E AS dv /dt V GS P tot T j, T stg
T C=25 C2) I D=50 A, R GS=25 I D=50 A, V DS=48 V, di /dt =200 A/s, T j,max=175 C
mJ kV/s V W C
T C=25 C
136 -55 ... 175 55/175/56
Current is limited by bondwire; with an R thJC=1.1 K/W the chip is able to carry 64 A. See figure 3
Rev. 1.2
page 1
2008-07-22
IPD127N06L G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area3) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=80 A V DS=60 V, V GS=0 V, T j=25 C V DS=60 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=33 A V GS=10 V, I D=50 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=50 A 60 1.2 1.6 0.01 2 1 A V 1.1 75 50 K/W Values typ. max. Unit
35
1 1 12.5 10.0 1.5 69
100 100 16.7 12.7 S nA m
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
3)
Rev. 1.2
page 2
200 8-07-22
IPD127N06L G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics4) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
4)
Values typ. max.
Unit
C iss C oss C rss t d(on) tr t d(off) tf V DD=30 V, V GS=10 V, I D=50 A, R G=3.6 V GS=0 V, V DS=30 V, f =1 MHz
-
1700 410 110 9 14 39 13
2300 550 165 13 21 58 21
pF
ns
Q gs Q g(th) Q gd Q sw Qg V plateau Q oss V DD=30 V, V GS=0 V V DD=30 V, I D=50 A, V GS=0 to 10 V
-
6 3 17 21 52 3.7 16
9 4 26 31 69 21
nC
V
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=50 A, T j=25 C V R=30 V, I F=I S, di F/dt =100 A/s
-
0.93 52 99
50 200 1.3 65 125
A
V ns nC
See figure 16 for gate charge parameter definition
Rev. 1.2
page 3
2008-07-22
IPD127N06L G
1 Power dissipation P tot=f(T C); V GS6 V 2 Drain current I D=f(T C); V GS10 V
160 140
60
50 120 40 100
P tot [W]
80 60
I D [A]
0 50 100 150 200
30
20 40 10 20 0 0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
1 s limited by on-state resistance 10 s 100 s 1 ms
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
10
2
DC
100
101
10 ms
Z thJC [K/W]
0.5
I D [A]
0.2 0.1
10-1 100
0.05 0.02 0.01 single pulse
10-1 10
-1
10-2 10
0
10
1
10
2
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.2
page 4
2008-07-22
IPD127N06L G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
200
10 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
50
5.5 V
180 160 140 120
5V
40
4V 3.5 V
3V
100 80 60 40
4.5 V
R DS(on) [m]
30
I D [A]
20
4.5 V 5V 5.5 V 10 V
4V
10
3.5 V
20
3V
0 0
0
0 1 2 3 0
0
20
40
60
80
100
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
80
8 Typ. forward transconductance g fs=f(I D); T j=25 C
100 90 80
60 70 60 40
g fs [S]
175 C 25 C
I D [A]
50 40 30
20 20 10 0 0 1 2 3 4 0 20 40 60
0
V GS [V]
I D [A]
Rev. 1.2
page 5
2008-07-22
IPD127N06L G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=50 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
40 3
30 2
R DS(on) [m]
V GS(th) [V]
810 A
20
98%
81 A
typ
1
10
0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
10000
103
Ciss
102
175 C
25 C
1000
Coss 50 A
C [pF]
I F [A]
Crss
10
1
100 100
10 0 10 20 30 40 50
10-1 0 0.5 1 1.5 2
V DS [V]
V SD [V]
Rev. 1.2
page 6
2008-07-22
IPD127N06L G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
14 Typ. gate charge V GS=f(Q gate); I D=50 A pulsed parameter: V DD
12
12 V
25 C 100 C
30 V
10
8
150 C
48 V
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 10 20 30 40 50 60
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
75
V GS
Qg
70
V BR(DSS) [V]
65
60
V g s(th)
55
Q g (th)
Q gs
-60 -20 20 60 100 140 180
Q sw
Q gate
50
Q gd
T j [C]
Rev. 1.2
page 7
2008-07-22
IPD127N06L G
PG-TO252-3: Outline
packaging:
Rev. 1.2
page 8
2008-07-22
IPD127N06L G
Rev. 1.2
page 9
2008-07-22


▲Up To Search▲   

 
Price & Availability of IPD127N06LG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X