Part Number Hot Search : 
CDLL4570 EA7605 MN3723FE ACTQ403 AR25D SF2188D DMD1009 MBR201
Product Description
Full Text Search
 

To Download ICS8432BI-51L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432I-51
GENERAL DESCRIPTION
The ICS8432I-51 is a general purpose, dual outIC S put Crystal-to-3.3V Differential LVPECL High FreHiPerClockSTM quency Synthesizer and a member of the HiPerClockSTM family of High Performance Clock Solutions from IDT. The ICS8432I-51 has a selectable REF_CLK or crystal input. The VCO operates at a frequency range of 250MHz to 700MHz. The VCO frequency is programmed in steps equal to the value of the input reference or crystal frequency. The VCO and output frequency can be programmed using the serial or parallel interface to the configuration logic. The low phase noise characteristics of the ICS8432I-51 make it an ideal clock source for Gigabit Ethernet, Fibre Channel 1 and 2, and Infiniband applications.
FEATURES
* Dual differential 3.3V LVPECL outputs * Selectable crystal oscillator interface or LVCMOS/LVTTL TEST_CLK * Output frequency range: 31.25MHz to 700MHz * Crystal input frequency range: 12MHz to 25MHz * VCO range: 250MHz to 700MHz * Parallel or serial interface for programming counter and output dividers * RMS period jitter: 3.5ps (maximum) * Cycle-to-cycle jitter: 40ps (maximum) * 3.3V supply voltage * -40C to 85C ambient operating temperature * Available in both standard (RoHS 5) and lead-free (RoHS 6) packages
BLOCK DIAGRAM
PIN ASSIGNMENT
VCO_SEL nP_LOAD M4 M3 M2 M1 M0
VCO_SEL XTAL_SEL REF_CLK XTAL1 OSC XTAL2 0 1 M5 M6 M7 M8 N0 N1 nc VEE 1 2 3 4 5 6 7 8
32 31 30 29 28 27 26 25 24 23 22 XTAL_OUT REF_CLK XTAL_SEL VCCA S_LOAD S_DATA S_CLOCK MR
XTAL_OUT
ICS8432I-51
21 20 19 18 17
PLL
PHASE DETECTOR /1 /2 /4 /8
9 10 11 12 13 14 15 16
TEST VCC FOUT1 nFOUT1 VCCO FOUT0 nFOUT0 VEE
MR /M
VCO
0 1
FOUT0 nFOUT0 FOUT1 nFOUT1
S_LOAD S_DATA S_CLOCK nP_LOAD M0:M8 N0:N1
CONFIGURATION INTERFACE LOGIC
TEST
32-Lead LQFP 7mm x 7mm x 1.4mm package body Y Package Top View 32-Lead VFQFN 5mm x 5mm x 0.95m package body K Package Top View
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
1
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
FUNCTIONAL DESCRIPTION
NOTE: The functional description that follows describes operation using a 25MHz crystal. Valid PLL loop divider values for different crystal or input frequencies are defined in the Input Frequency Characteristics, Table 5, NOTE 1. The ICS8432I-51 features a fully integrated PLL and therefore, requires no external components for setting the loop bandwidth. A fundamental crystal is used as the input to the on-chip oscillator. The output of the oscillator is fed into the phase detector. A 25MHz crystal provides a 25MHz phase detector reference frequency. The VCO of the PLL operates over a range of 250MHz to 700MHz. The output of the M divider is also applied to the phase detector. The phase detector and the M divider force the VCO output frequency to be M times the reference frequency by adjusting the VCO control voltage. Note that for some values of M (either too high or too low), the PLL will not achieve lock. The output of the VCO is scaled by a divider prior to being sent to each of the LVPECL output buffers. The divider provides a 50% output duty cycle. The programmable features of the ICS8432I-51 support two input modes to program the M divider and N output divider. The two input operational modes are parallel and serial. Figure 1 shows the timing diagram for each mode. In parallel mode, the nP_LOAD input is initially LOW. The data on inputs M0 through M8 and N0 and N1 is passed directly to the M divider and N output divider. On the LOW-to-HIGH transition of the nP_LOAD input, the data is latched and the M divider remains loaded until the next LOW transition on nP_LOAD or until a serial event occurs. As a result, the M and N bits can be hardwired to set the M divider and N output divider to a specific default state that will automatically occur during power-up. The TEST output is LOW when operating in the parallel input mode. The relationship between the VCO frequency, the crystal frequency and the M divider is defined as follows: fVCO = fxtal x M The M value and the required values of M0 through M8 are shown in Table 3B, Programmable VCO Frequency Function Table. Valid M values for which the PLL will achieve lock for a 25MHz reference are defined as 10 M 28. The frequency out is defined as follows: FOUT = fVCO = fxtal x M N N Serial operation occurs when nP_LOAD is HIGH and S_LOAD is LOW. The shift register is loaded by sampling the S_DATA bits with the rising edge of S_CLOCK. The contents of the shift reg-ister are loaded into the M divider and N output divider when S_LOAD transitions from LOW-to-HIGH. The M divide and N output divide values are latched on the HIGH-to-LOW transition of S_LOAD. If S_LOAD is held HIGH, data at the S_DATA input is passed directly to the M divider and N output divider on each ris-ing edge of S_CLOCK. The serial mode can be used to program the M and N bits and test bits T1 and T0. The internal registers T0 and T1 determine the state of the TEST output as follows: T1 0 0 1 1 T0 0 1 0 1 TEST Output LOW S_Data, Shift Register Input Output of M divider CMOS Fout
SERIAL LOADING
S_CLOCK
S_DATA
T1
T0
H
*NULL
N1
N0
M8
M7
M6
M5
M4
M3
M2
M1
M0
t
S_LOAD
S
t
nP_LOAD
t
S
PARALLEL LOADING
M0:M8, N0:N1
M, N
nP_LOAD
t
S_LOAD
S
t
H
Time
FIGURE 1. PARALLEL & SERIAL LOAD OPERATIONS
*NOTE: The NULL timing slot must be observed.
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
2
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 1. PIN DESCRIPTIONS
Number 1 2, 3, 4, 28, 29, 30, 31, 32 5, 6 7 8, 16 9 10 11, 12 13 14, 15 Name M5 M6, M7, M8, M0, M1, M2, M3, M4 N0, N1 nc VEE TEST VCC FOUT1, nFOUT1 VCCO FOUT0, nFOUT0 Input Input Input Unused Power Output Power Output Power Output Type Pullup M divider inputs. Data latched on LOW-to-HIGH transition Pulldown of nP_LOAD input. LVCMOS / LVTTL interface levels. Pulldown Determines output divider value as defined in Table 3C, Function Table. LVCMOS / LVTTL interface levels. No connect. Negative supply pins. Test output which is ACTIVE in the serial mode of operation. Output driven LOW in parallel mode. LVCMOS / LVTTL interface levels. Core supply pin. Differential output for the synthesizer. 3.3V LVPECL interface levels. Output supply pin. Differential output for the synthesizer. 3.3V LVPECL interface levels. Active High Master Reset. When logic HIGH, the internal dividers are reset causing the true outputs FOUTx to go low and the inver ted outputs nFOUTx to go high. When logic LOW, the internal dividers and the outputs are enabled. Asser tion of MR does not effect loaded M, N, and T values. LVCMOS / LVTTL interface levels. Clocks in serial data present at S_DATA input into the shift register on the rising edge of S_CLOCK. LVCMOS / LVTTL interface levels. Shift register serial input. Data sampled on the rising edge of S_CLOCK. LVCMOS / LVTTL interface levels. Controls transition of data from shift register into the dividers. LVCMOS / LVTTL interface levels. Analog supply pin. Pullup Selects between crystal or test inputs as the PLL reference source. Selects XTAL inputs when HIGH. Selects REF_CLK when LOW. LVCMOS / LVTTL interface levels. Description
17
MR
Input
Pulldown
18 19 20 21 22 23 24, 25 26 27
S_CLOCK S_DATA S_LOAD VCCA XTAL_SEL REF_CLK XTAL_OUT, XTAL_IN nP_LOAD VCO_SEL
Input Input Input Power Input Input Input Input Input
Pulldown Pulldown Pulldown
Pulldown Reference clock input. LVCMOS / LVTTL interface levels. Crystal oscillator interface. XTAL_IN is the input. XTAL_OUT is the output. Parallel load input. Determines when data present at M8:M0 is Pulldown loaded into M divider, and when data present at N1:N0 sets the N output divider value. LVCMOS / LVTTL interface levels. Determines whether synthesizer is in PLL or bypass mode. Pullup LVCMOS / LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN RPULLUP RPULLDOWN Parameter Input Capacitance Input Pullup Resistor Input Pulldown Resistor Test Conditions Minimum Typical 4 51 51 Maximum Units pF k k
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
3
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 3A. PARALLEL
AND
SERIAL MODE FUNCTION TABLE
Inputs Conditions S_CLOCK X X X L L X S_DATA X X X Data Data Data X Data Reset. Forces outputs LOW. Data on M and N inputs passed directly to the M divider and N output divider. TEST output forced LOW. Data is latched into input registers and remains loaded until next LOW transition or until a serial event occurs. Serial input mode. Shift register is loaded with data on S_DATA on each rising edge of S_CLOCK. Contents of the shift register are passed to the M divider and N output divider. M divider and N output divider values are latched. Parallel or serial input do not affect shift registers. S_DATA passed directly to M divider as it is clocked. X X L L L H
MR H L L L L L L L
nP_LOAD X L H H H H H
M X Data Data X X X X X
N X Data Data X X X X X
S_LOAD
NOTE: L = LOW H = HIGH X = Don't care = Rising edge transition = Falling edge transition
TABLE 3B. PROGRAMMABLE VCO FREQUENCY FUNCTION TABLE
VCO Frequency (MHz) 250 275 * * 650 675 M Divide 10 11 * * 26 27 256 M8 0 0 * * 0 0 128 M7 0 0 * * 0 0 64 M6 0 0 * * 0 0 32 M5 0 0 * * 0 0 16 M4 0 0 * * 1 1 8 M3 1 1 * * 1 1 4 M2 0 0 * * 0 0 2 M1 1 1 * * 1 1 1 M0 0 1 * * 0 1 0
700 28 0 0 0 0 1 1 1 0 NOTE 1: These M divide values and the resulting frequencies correspond to cr ystal or TEST_CLK input frequency of 25MHz.
TABLE 3C. PROGRAMMABLE OUTPUT DIVIDER FUNCTION TABLE
Inputs N1 0 0 1 1 N0 0 1 0 1 N Divider Value 1 2 4 8 Output Frequency (MHz) Minimum 250 12 5 62.5 31.25 Maximum 700 350 175 87.5
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
4
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC Inputs, VI Outputs, IO Continuous Current Surge Current Package Thermal Impedance, JA 32 Lead LQFP 32 Lead VFQFN Storage Temperature, TSTG 4.6V -0.5V to VCC + 0.5 V 50mA 100mA 47.9C/W (0 lfpm) 41.07C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VCC = VCCO = 3.3V5%, VEE = 0V, TA = -40C TO 85C
Symbol VCC VCCA VCCO IEE ICCA Parameter Core Supply Voltage Analog Supply Voltage Output Supply Voltage Power Supply Current Analog Supply Current Test Conditions Minimum 3.135 VCC - 0.15 3.135 Typical 3. 3 3.3 3.3 Maximum 3.465 3.465 3.465 145 15 Units V V V mA mA
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, VCC = VCCO = 3.3V5%, VEE = 0V, TA = -40C TO 85C
Symbol VIH Parameter Input High Voltage VCO_SEL, XTAL_SEL, MR, S_LOAD, nP_LOAD, N0:N1, S_DATA, S_CLOCK, M0:M8 REF_CLK VCO_SEL, XTAL_SEL, MR, S_LOAD, nP_LOAD, N0:N1, S_DATA, S_CLOCK, M0:M8 REF_CLK M0-M4, M6-M8, N0, N1, MR, S_CLOCK, REF_CLK, S_DATA, S_LOAD, nP_LOAD M5, XTAL_SEL, VCO_SEL M0-M4, M6-M8, N0, N1, MR, S_CLOCK, REF_CLK, S_DATA, S_LOAD, nP_LOAD M5, XTAL_SEL, VCO_SEL VOH VOL Output High Voltage Output Low Voltage TEST; NOTE 1 TEST; NOTE 1 Test Conditions Minimum 2 2 -0.3 -0.3 VCC = VIN = 3.465V VCC = VIN = 3.465V VCC = 3.465V, VIN = 0V VCC = 3.465V, VIN = 0V -5 Typical Maximum VCC + 0.3 VCC + 0.3 0.8 1.3 150 5 Units V V V V A A A
VIL
Input Low Voltage
IIH
Input High Current
IIL
Input Low Current
-150 2. 6 0.5
A V V
NOTE 1: Outputs terminated with 50 to VCCO/2.
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
5
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 4C. LVPECL DC CHARACTERISTICS, VCC = VCCO = 3.3V5%, VEE = 0V, TA = -40C
Symbol VOH VOL Parameter Output High Voltage; NOTE 1 Output Low Voltage; NOTE 1 Test Conditions
TO
85C
Minimum VCCO - 1.4 VCCO - 2.0
Typical
Maximum VCCO - 0.9 VCCO - 1.7 1.0
Units V V V
Peak-to-Peak Output Voltage Swing 0.6 VSWING NOTE 1: Outputs terminated with 50 to VCCO - 2V. See "Parameter Measurement Information" section, figure "3.3V Output Load Test Circuit".
TABLE 5. INPUT FREQUENCY CHARACTERISTICS, VCC = VCCO = 3.3V5%, VEE = 0V, TA = -40C TO 85C
Symbol Parameter Test Conditions Minimum Typical Maximum Units REF_CLK; NOTE 1 12 25 MHz XTAL_IN, XTAL_OUT; Input Frequency 12 25 MHz fIN NOTE 1 S_CLOCK 50 MHz NOTE 1: For the input cr ystal and REF_CLK frequency range, the M value must be set for the VCO to operate within the 250MHz to 700MHz range. Using the minimum input frequency of 12MHz, valid values of M are 21 M 58. Using the maximum frequency of 25MHz, valid values of M are 10 M 28.
TABLE 6. CRYSTAL CHARACTERISTICS
Parameter Mode of Oscillation Frequency Equivalent Series Resistance (ESR) Shunt Capacitance Drive Level 12 Test Conditions Minimum Typical Maximum 25 70 7 1 Units MHz pF mW Fundamental
TABLE 7. AC CHARACTERISTICS, VCC = VCCO = 3.3V5%, VEE = 0V, TA = -40C TO 85C
Symbol Parameter FOUT t jit(cc) t jit(per) t sk(o) t R / tF tS Output Frequency Cycle-to-Cycle Jitter ; NOTE 1, 3 Period Jitter, RMS; NOTE 1 Output Skew; NOTE 2, 3 Output Rise/Fall Time M, N to nP_LOAD Setup Time S_DATA to S_CLOCK S_CLOCK to S_LOAD M, N to nP_LOAD tH odc tPW Hold Time S_DATA to S_CLOCK S_CLOCK to S_LOAD Output Duty Cycle Output Pulse Width N>1 N=1 20% to 80% 200 5 5 5 5 5 5 48 tPERIOD/2 - 150 52 tPERIOD/2 + 150 1 fVCO > 350MHz Test Conditions Minimum 31.25 Typical Maximum 700 40 3.5 35 700 Units MHz ps ps ps ps ns ns ns ns ns ns % ps ms
PLL Lock Time tLOCK See Parameter Measurement Information section. NOTE 1: Jitter performance using XTAL inputs. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential cross points. NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
6
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PARAMETER MEASUREMENT INFORMATION
2V 2V
nFOUTx
VCC, VCCO
Qx
SCOPE
FOUTx nFOUTy FOUTy
VCCA
LVPECL
nQx
V V EE
EE
tsk(o)
-1.3V 0.165V
3.3V OUTPUT LOAD AC TEST CIRCUIT
OUTPUT SKEW
VOH VREF VOL
nFOUTx FOUTx
tcycle n
tcycle n+1 tcycle n+1
1 contains 68.26% of all measurements 2 contains 95.4% of all measurements 3 contains 99.73% of all measurements 4 contains 99.99366% of all measurements 6 contains (100-1.973x10-7)% of all measurements
tjit(cc) = tcycle n - tcycle n+1 1000 Cycles
Reference Point
(Trigger Edge)
Histogram
Mean Period
(First edge after trigger)
PERIOD JITTER
CYCLE-TO-CYCLE JITTER
nFOUTx FOUTx
80%
t PW
t
PERIOD
Clock Outputs
20% tR tF
odc =
t PW t PERIOD
x 100%
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
OUTPUT RISE/FALL TIME
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
7
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
80% VSW I N G 20%
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APPLICATION INFORMATION
STORAGE AREA NETWORKS
A variety of technologies are used for interconnection of the elements within a SAN. The tables below lists the common frequencies used as well as the settings for the ICS8432I-51 to generate the appropriate frequency.
Table 8. Common SANs Application Frequencies
Interconnect Technology Gigabit Ethernet Fibre Channel Infiniband Clock Rate 1.25 GHz FC1 1.0625 GHz FC2 2.1250 GHz 2.5 GHz Reference Frequency to SERDES (MHz) 125, 250, 156.25 106.25, 53.125, 132.8125 125, 250 Crystal Frequency (MHz) 25, 19.53125 16.6015625, 25 25
Table 9. Configuration Details for SANs Applications
Interconnect Technology Crystal Frequency (MHz) 25 25 Gigabit Ethernet 25 19.53125 25 Fiber Channel 1 25 Fiber Channel 2 Infiniband 25 250 0 0 0 0 1 0 1 0 0 0 1 16.6015625 25 106.25 132.8125 125 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 0 0 0 0 0 1 0 0 0 1 0 0 1 1 1 0 0 0 156.25 156.25 53.125 0 0 0 0 0 0 0 0 0 0 1 0 1 0 1 1 0 0 0 0 0 0 0 0 1 0 1 1 1 1 0 0 1 ICS8432I-51 Output Frequency to SERDES (MHz) 125 250 ICS8432I-51 M & N Settings M8 M7 M6 M5 M4 M3 M2 0 0 0 0 0 0 0 0 1 1 0 0 1 1 M1 M0 0 0 0 0 N1 1 0 N0 0 1
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. The ICS8432I-51 provides separate power supplies to isolate any high switching noise from the outputs to the internal PLL. VCC, VCCA, and VCCO should be individually connected to the power supply plane through vias, and bypass capacitors should be used for each pin. To achieve optimum jitter performance, power supply isolation is required. Figure 2 illustrates how a 10 resistor along with a 10F and a 0.01F bypass capacitor should be connected to each VCCA pin.
3.3V VCC .01F VCCA .01F 10 F 10
FIGURE 2. POWER SUPPLY FILTERING
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
8
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
CRYSTAL INPUT INTERFACE
The ICS8432I-51 has been characterized with 18pF parallel resonant crystals. The capacitor values, C1 and C2, shown in Figure 3 below were determined using a 25MHz, 18pF parallel resonant crystal and were chosen to minimize the ppm error. The optimum C1 and C2 values can be slightly adjusted for different board layouts.
XTAL_OUT C1 22p X1 18pF Parallel Crystal XTAL_IN C2 22p
FIGURE 3. CRYSTAL INPUt INTERFACE
LVCMOS TO XTAL INTERFACE
The XTAL_IN input can accept a single-ended LVCMOS signal through an AC coupling capacitor. A general interface diagram is shown in Figure 4. The XTAL_OUT pin can be left floating. The input edge rate can be as slow as 10ns. For LVCMOS inputs, it is recommended that the amplitude be reduced from full swing to half swing in order to prevent signal interference with the power rail and to reduce noise. This configuration requires that the output
VDD
impedance of the driver (Ro) plus the series resistance (Rs) equals the transmission line impedance. In addition, matched termination at the crystal input will attenuate the signal in half. This can be done in one of two ways. First, R1 and R2 in parallel should equal the transmission line impedance. For most 50 applications, R1 and R2 can be 100. This can also be accomplished by removing R1 and making R2 50.
VDD
R1 Ro Rs Zo = 50 .1uf XTAL_IN
Zo = Ro + Rs
R2
XTAL_OUT
FIGURE 4. GENERAL DIAGRAM FOR LVCMOS DRIVER TO XTAL INPUT INTERFACE
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
9
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS INPUTS:
CRYSTAL INPUTS For applications not requiring the use of the crystal oscillator input, both XTAL_IN and XTAL_OUT can be left floating. Though not required, but for additional protection, a 1k resistor can be tied from XTAL_IN to ground. REF_CLK INPUT For applications not requiring the use of the test clock, it can be left floating. Though not required, but for additional protection, a 1k resistor can be tied from the REF_CLK to ground. LVCMOS CONTROL PINS All control pins have internal pull-ups or pull-downs; additional resistance is not required but can be added for additional protection. A 1k resistor can be used.
OUTPUTS:
LVPECL OUTPUTS All unused LVPECL outputs can be left floating. We recommend that there is no trace attached. Both sides of the differential output pair should either be left floating or terminated.
TERMINATION FOR LVPECL OUTPUTS
The clock layout topology shown below is a typical termination for LVPECL outputs. The two different layouts mentioned are recommended only as guidelines. FOUTx and nFOUTx are low impedance follower outputs that generate ECL/LVPECL compatible outputs. Therefore, terminating resistors (DC current path to ground) or current sources must be used for functionality. These outputs are designed to drive 50 transmission lines. Matched impedance techniques should be used to maximize operating frequency and minimize signal distortion. Figures 5A and 5B show two different layouts which are recommended only as guidelines. Other suitable clock layouts may exist and it would be recommended that the board designers simulate to guarantee compatibility across all printed circuit and clock component process variations.
Zo = 50
125
3.3V 125
FOUT
FIN
Zo = 50
Zo = 50 50 1 Z ((VOH + VOL) / (VCC - 2)) - 2 o 50 VCC - 2V RTT
84 84 FOUT FIN
Zo = 50
RTT =
FIGURE 5A. LVPECL OUTPUT TERMINATION
FIGURE 5B. LVPECL OUTPUT TERMINATION
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
10
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
VFQFN EPAD THERMAL RELEASE PATH
In order to maximize both the removal of heat from the package and the electrical perfor mance, a land patter n must be incorporated on the Printed Circuit Board (PCB) within the footprint of the package corresponding to the exposed metal pad or exposed heat slug on the package, as shown in Figure 6. The solderable area on the PCB, as defined by the solder mask, should be at least the same size/shape as the exposed pad/slug area on the package to maximize the thermal/electrical performance. Sufficient clearance should be designed on the PCB between the outer edges of the land pattern and the inner edges of pad pattern for the leads to avoid any shorts. While the land pattern on the PCB provides a means of heat transfer and electrical grounding from the package to the board through a solder joint, thermal vias are necessary to effectively conduct from the surface of the PCB to the ground plane(s). The land pattern must be connected to ground through these vias. The vias act as "heat pipes". The number of vias (i.e. "heat pipes") are application specific and dependent upon the package power dissipation as well as electrical conductivity requirements. Thus, thermal and electrical analysis and/or testing are recommended to determine the minimum number needed. Maximum thermal and electrical performance is achieved when an array of vias is incorporated in the land pattern. It is recommended to use as many vias connected to ground as possible. It is also recommended that the via diameter should be 12 to 13mils (0.30 to 0.33mm) with 1oz copper via barrel plating. This is desirable to avoid any solder wicking inside the via during the soldering process which may result in voids in solder between the exposed pad/ slug and the thermal land. Precautions should be taken to eliminate any solder voids between the exposed heat slug and the land pattern. Note: These recommendations are to be used as a guideline only. For further information, refer to the Application Note on the Surface Mount Assembly of Amkor's Thermally/ Electrically Enhance Leadfame Base Package, Amkor Technology.
PIN
SOLDER
EXPOSED HEAT SLUG
SOLDER
PIN
PIN PAD
GROUND PLANE THERMAL VIA
LAND PATTERN (GROUND PAD)
PIN PAD
FIGURE 6. P.C.ASSEMBLY FOR EXPOSED PAD THERMAL RELEASE PATH -SIDE VIEW (DRAWING NOT TO SCALE)
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
11
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
LAYOUT GUIDELINE
The schematic of the ICS8432I-51 layout example used in this layout guideline is shown in Figure 7A. The ICS8432I-51 recommended PCB board layout for this example is shown in Figure 7B. This layout example is used as a general guideline. The layout in the actual system will depend on the selected component types, the density of the components, the density of the traces, and the stack up of the P.C. board.
C1 X1
C2
U1
32 31 30 29 28 27 26 25
9 10 11 12 13 FOUT 14 FOUTN 15 16
8432-51 ICS8432I-51 VCC
TEST VCC FOUT1 nFOUT1 VCCO FOUT0 nFOUT0 VEE
1 2 3 4 5 6 7 8
M4 M3 M2 M1 M0 VCO_SEL nP_LOAD X_IN
VCC 24 23 22 21 20 19 18 17 R7 10 VCCA S_LOAD S_DATA S_CLOCK C11 0.01u C16 10u
M5 M6 M7 M8 N0 N1 nc VEE
X_OUT REF_CLK nXTAL_SEL VCCA S_LOAD S_DATA S_CLOCK MR
REF_IN XTAL_SEL
VCC
R1 125 Zo = 50 Ohm TL1 Zo = 50 Ohm TL2
R3 125
C14 0.1u
C15 0.1u
+
-
VCC=3.3V
R2 84
R4 84
FIGURE 7A. SCHEMATIC OF RECOMMENDED LAYOUT
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
12
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
The following component footprints are used in this layout example: All the resistors and capacitors are size 0603.
POWER AND GROUNDING
Place the decoupling capacitors C14 and C15, as close as possible to the power pins. If space allows, placement of the decoupling capacitor on the component side is preferred. This can reduce unwanted inductance between the decoupling capacitor and the power pin caused by the via. Maximize the power and ground pad sizes and number of vias capacitors. This can reduce the inductance between the power and ground planes and the component power and ground pins. The RC filter consisting of R7, C11, and C16 should be placed as close to the VCCA pin as possible.
CLOCK TRACES AND TERMINATION
Poor signal integrity can degrade the system performance or cause system failure. In synchronous high-speed digital systems, the clock signal is less tolerant to poor signal integrity than other signals. Any ringing on the rising or falling edge or excessive ring back can cause system failure. The shape of the trace and the trace delay might be restricted by the available space on the board and the component location. While routing the traces, the clock signal traces should be routed first and should be locked prior to routing other signal traces.
* The differential 50 output traces should have the same length. * Avoid sharp angles on the clock trace. Sharp angle turns cause the characteristic impedance to change on the transmission lines. * Keep the clock traces on the same layer. Whenever possible, avoid placing vias on the clock traces. Placement of vias on the traces can affect the trace characteristic impedance and hence degrade signal integrity. * To prevent cross talk, avoid routing other signal traces in parallel with the clock traces. If running parallel traces is unavoidable, allow a separation of at least three trace widths between the differential clock trace and the other signal trace. * Make sure no other signal traces are routed between the clock trace pair. * The matching termination resistors should be located as close to the receiver input pins as possible.
CRYSTAL
The crystal X1 should be located as close as possible to the pins 24 (XTAL_OUT) and 25 (XTAL_IN). The trace length between the X1 and U1 should be kept to a minimum to avoid unwanted parasitic inductance and capacitance. Other signal traces should not be routed near the crystal traces.
GND
C1 C2
VCC VIA
X1 U1
PIN 1
C11 C16 VCCA R7
Close to the input pins of the receiver
TL1N
C15 C14
TL1
R1
R2
TL1
TL1N
TL1, TL21N are 50 Ohm traces and equal length
R3
R4
FIGURE 7B. PCB BOARD LAYOUT
FOR
ICS8432I-51
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
13
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS8432I-51. Equations and example calculations are also provided. 1. Power Dissipation. The total power dissipation for the ICS8432I-51 is the sum of the core power plus the power dissipated in the load(s). The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results. NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
* *
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 145mA = 502.425mW Power (outputs)MAX = 30mW/Loaded Output pair If all outputs are loaded, the total power is 2 * 30mW = 60mW
Total Power_MAX (3.465V, with all outputs switching) = 502.425mW + 60mW = 562.425mW
2. Junction Temperature. Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125C. The equation for Tj is as follows: Tj = JA * Pd_total + TA Tj = Junction Temperature JA = Junction-to-Ambient Thermal Resistance Pd_total = Total Device Power Dissipation (example calculation is in section 1 above) TA = Ambient Temperature In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance JA must be used. Assuming a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 42.1C/W per Table 10A below. Therefore, Tj for an ambient temperature of 85C with all outputs switching is: 85C + 0.562W * 42.1C/W = 108.7C. This is well below the limit of 125C. This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the type of board (single layer or multi-layer).
TABLE 10A. THERMAL RESISTANCE JA
FOR
32-PIN LQFP, FORCED CONVECTION
JA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 67.8C/W 47.9C/W
200
55.9C/W 42.1C/W
500
50.1C/W 39.4C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 10B. THERMAL RESISTANCE JA
FOR
32-PIN VFQFN, FORCED CONVECTION
JA by Velocity (Linear Feet per Minute)
0
Multi-Layer PCB, JEDEC Standard Test Boards 34.8C/W
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
14
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
3. Calculations and Equations. The purpose of this section is to derive the power dissipated into the load. LVPECL output driver circuit and termination are shown in Figure 8.
VCCO
Q1
VOUT RL 50 VCCO - 2V
FIGURE 8. LVPECL DRIVER CIRCUIT
AND TERMINATION
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load, and a termination voltage of V - 2V.
CCO
*
For logic high, VOUT = VOH_MAX = VCCO_MAX - 0.9V (VCCO_MAX - VOH_MAX) = 0.9V
*
For logic low, VOUT = VOL_MAX = VCCO_MAX - 1.7V (VCCO_MAX - VOL_MAX) = 1.7V
Pd_H is power dissipation when the output drives high. Pd_L is the power dissipation when the output drives low. Pd_H = [(VOH_MAX - (VCCO_MAX - 2V))/R ] * (VCCO_MAX - VOH_MAX) = [(2V - (VCCO_MAX - VOH_MAX))/R ] * (VCCO_MAX - VOH_MAX) =
L L
[(2V - 0.9V)/50) * 0.9V = 19.8mW
Pd_L = [(VOL_MAX - (VCCO_MAX - 2V))/R ] * (VCCO_MAX - VOL_MAX) = [(2V - (VCCO_MAX - VOL_MAX))/R ] * (VCCO_MAX - VOL_MAX) =
L L
[(2V - 1.7V)/50) * 1.7V = 10.2mW Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
15
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
RELIABILITY INFORMATION
TABLE 11A. JAVS. AIR FLOW TABLE
FOR
32 LEAD LQFP
JA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 67.8C/W 47.9C/W
200
55.9C/W 42.1C/W
500
50.1C/W 39.4C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 11B. JAVS. AIR FLOW TABLE
FOR
32 LEAD VFQFN PACKAGE
JA by Velocity (Linear Feet per Minute)
0
Multi-Layer PCB, JEDEC Standard Test Boards 34.8C/W
TRANSISTOR COUNT
The transistor count for ICS8432I-51 is: 3743
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
16
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PACKAGE OUTLINE - Y SUFFIX FOR 32 LEAD LQFP
TABLE 12A. PACKAGE DIMENSIONS
JEDEC VARIATION ALL DIMENSIONS IN MILLIMETERS BBA SYMBOL N A A1 A2 b c D D1 D2 E E1 E2 e L ccc 0.45 0 --0.05 1.35 0.30 0.09 MINIMUM NOMINAL 32 --1.40 0.37 -9.00 BASIC 7.00 BASIC 5.60 Ref. 9.00 BASIC 7.00 BASIC 5.60 Ref. 0.80 BASIC 0.60 --0.75 7 0.10 1.60 0.15 1.45 0.45 0.20 MAXIMUM
Reference Document: JEDEC Publication 95, MS-026
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
17
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PACKAGE OUTLINE - K SUFFIX 32 LEAD VFQFN
S eating Plan e Ind ex Area N Anvil Singula tion A1 A3 L
(Ref.)
(N -1)x e
(R ef.)
N &N Even N 1 2
e (Ty p.) 2 If N & N
are Even (N -1)x e
OR
To p View
E2
E2 2
(Re f.)
b A D Chamfer 4x 0.6 x 0.6 max OPTIONAL 0. 08 C C
this device. The pin count and pinout are shown on the front page. The package dimensions are in Table 12B below.
(Ref.)
e D2 2 D2
N &N Odd
Th er mal Ba se
NOTE: The following package mechanical drawing is a generic drawing that applies to any pin count VFQFN package. This drawing is not intended to convey the actual pin count or pin layout of
TABLE 12B. PACKAGE DIMENSIONS
JEDEC VARIATION ALL DIMENSIONS IN MILLIMETERS SYMBOL N A A1 A3 b e ND NE D D2 E E2 L 1.25 0.30 1.25 5.0 3.25 0.50 0.18 0.50 BASIC 8 8 5.0 3.25 0.80 0 0.25 Reference 0.30 Minimum 32 1. 0 0.05 Maximum
Reference Document: JEDEC Publication 95, MO-220
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
18
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 13. ORDERING INFORMATION
Part/Order Number ICS8432BYI-51 ICS8432BYI-51T ICS8432BYI-51LF ICS8432BYI-51LFT ICS8432BKI-51 ICS8432BKI-51T ICS8432BKI-51LF ICS8432BKI-51LFT Marking ICS8432BYI-51 ICS8432BYI-51 ICS8432BI-51L ICS8432BI-51L ICS8432BI51 ICS8432BI51 ICS432BI51L ICS432BI51L Package 32 Lead LQFP 32 Lead LQFP 32 Lead "Lead-Free" LQFP 32 Lead "Lead-Free" LQFP 32 Lead VFQFN 32 Lead VFQFN 32 Lead "Lead-Free" VFQFN 32 Lead "Lead-Free" VFQFN Shipping Packaging tray 1000 tape & reel tray 1000 tape & reel tray 2500 tape & reel tray 2500 tape & reel Temperature -40C to 85C -40C to 85C -40C to 85C -40C to 85C -40C to 85C -40C to 85C -40C to 85C -40C to 85C
NOTE: Par ts that are ordered with an "LF" suffix to the par t number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology, Incorporated (IDT) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and industrial applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
IDT TM / ICSTM 3.3V LVPECL FREQUENCY SYNTHESIZER
19
ICS8432BYI-51 REV. A SEPTEMBER 24, 2007
ICS8432I-51 700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015 408-284-8200 Fax: 408-284-2775
For Tech Support
netcom@idt.com 480-763-2056
Corporate Headquarters
Integrated Device Technology, Inc. 6024 Silver Creek Valley Road San Jose, CA 95138 United States 800 345 7015 +408 284 8200 (outside U.S.)
Asia Pacific and Japan
Integrated Device Technology Singapore (1997) Pte. Ltd. Reg. No. 199707558G 435 Orchard Road #20-03 Wisma Atria Singapore 238877 +65 6 887 5505
Europe
IDT Europe, Limited 321 Kingston Road Leatherhead, Surrey KT22 7TU England +44 (0) 1372 363 339 Fax: +44 (0) 1372 378851
(c) 2007 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT, the IDT logo, ICS and HiPerClockS are trademarks of Integrated Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks are or may be trademarks or registered trademarks used to identify products or services of their respective owners. Printed in USA


▲Up To Search▲   

 
Price & Availability of ICS8432BI-51L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X