Part Number Hot Search : 
UF1007E EA1791 AEE02F24 170M3762 TPCP8403 203DH3 AEE02F24 3VK7M
Product Description
Full Text Search
 

To Download H-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features

NT
No backlash Compact - requires minimal panel space (22.2 mm diameter requirement) For use with precision potentiometers or other rotating devices, up to 15 turns Designed for metal shaft
S
CO

High Force "Click Brake" Black on polished chrome background RoHS compliant*
*R
oH
M
H-23 Turns-Counting Dial
Mechanical and Physical Characteristics Number of Turns ..................................................................................................................................................................................0 to 15 Dial Divisions .................................................................................................................................................................................50 per turn Readability - Over 10 Turns.....................................................................................................................................................2 parts in 1000 Torque With Brake Engaged ........................................................................................................................6.95 oz-in. (500 g-cm) minimum Markings ...........................................................................................................................................Black on polished chrome background Locking Brake............................................................................................................................................................................................Yes Weight...............................................................................................................................................................................15 grams (0.53 oz.) Set Screw ..............................................................................................................................................................UNC N2-56, one included Set Screw Tightening Torque ...................................................................................................................16.94 N-cm (1.5 lbs.-in.) minimum Hex Key Size ................................................................................................................................................................................0.05 in. hex Shaft and Bushing Requirements Shaft Diameter Requirements ........................................................................................................................................Refer to chart below Shaft Extension Beyond Panel .........................................................................................................................18.1 mm (0.712 in.) minimum 22.2 mm (0.875 in.) maximum Bushing Extension Beyond Panel ...................................................................................................................9.53 mm (0.375 in.) maximum
H-23 MOUNTING INSTRUCTIONS 1. Insert potentiometer in panel. 2. Install anti-rotation device using hardware supplied with potentiometer. 3. Turn potentiometer shaft counterclockwise to minimum resistance or voltage ratio.
4. Set the dial to "0.0" and brake on. 5. Insert the dial on the potentiometer shaft lightly against the panel. 6. Tighten set screw to potentiometer shaft.
POTENTIOMETER
HARDWARE KEY SLOT SUPPLIED WITH (INSIDE) POTENTIOMETER
KEYED TO ANTIROTATION DEVICE
POTENTIOMETER MOUNTING HOLE 9.52 (.374) 10.36 TYP. (.407)
OUTER RING
SET SCREW
DIMENSIONS: MM (IN.)
PANEL ANTIROTATION DEVICE TURNS-COUNTING DIAL
1.98 (.077) PANEL HOLE PATTERN
How To Order
Part Number H-23-6A
16.5 (.649) 22.2 (.874)
Accepts Shaft Diameter 6.35 mm (.250) 6 mm (.236) 3.17 mm (.124)
Finish Polished chrome Polished chrome Polished chrome
H-23-6M H-23-3A
3.30 (.129) 9.53 (.375) 18.1 MIN. (.712) 22.2 MAX. (.874)
REV. 04/07 *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of H-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X