Part Number Hot Search : 
S52XXM S52XXM BA7358 SR330PT MCP6541R MIC39300 UR202 FM4005
Product Description
Full Text Search
 

To Download ER1600CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ER1600CT~ER1606CT
ISOLATION SUPERFAST RECOVERY RECTIFIER
VOLTAGE FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * Super fast recovery times, high voltage. * Epitaxial chip construction. * In compliance with EU RoHS 2002/95/EC directives
.058(1.47) .042(1.07)
50 to 600 Volts
CURRENT
16.0 Amperes
MECHANICALDATA
* Case: TO-220AB Molded plastic * Terminals: Lead solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.0655 ounces, 1.859 grams.
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICSS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a x i m u m A v e r a g e F o r w a r d C u r r e n t a t Tc = 9 0 O C P e a k F o r w a r d S ur g e C ur r e nt , 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 8 A M a xi m um D C R e ve r s e C ur r e nt a t TJ = 2 5 O C R a t e d D C B l o c k i ng Vo l t a g e TJ = 1 0 0 O C M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 2 ) Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 1 ) Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g a n d S t o r a g e Te m p e r a t u r e R a n g e NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Reverse Recovery Test Conditions: I F=.5A, IR=1A, Irr=.25A. 3. Both Bonding and Chip structure are available. S YM B O L VRRM VRMS VD C IF ( A V ) IF S M VF IR 0 .9 5 1 .0 500 35 62
O
E R1 6 0 0 C T E R1 6 0 1 C T E R1 6 0 1 A C T E R1 6 0 2 C T E R1 6 0 3 C T E R1 6 0 4 C T E R1 6 0 6 C T
U N IT S V V V A A
50 35 50
100 70 100
150 105 150
200 140 200 1 6 .0 125
300 210 300
400 280 400
600 420 600
1 .3 0
1.70
V A
trr
CJ RJ C TJ , TS T G
50
ns pF C/ W C
3 .0 -5 0 to +1 5 0
O
STAD-MAR.06.2009
PAGE . 1
ER1600CT~ER1606CT
RATING AND CHARACTERISTIC CURVES
40
200V
AVERAGE FORWARD CURRENT, AMPERES
20 16 12 6
LEADLENGHTS RESISTIVEORINDUCTIVE LOAD
INSTANTANEOUS FORWARD CURRENT AMPERES
10
300-400V
600V
1
4 0 0 20 40 60 80 100 120
O
T J =25 C Pulse Width=300us
.1
O
140
160
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
CASE TEMPERATURE, C Fig.1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
INVSTANTANEOUS REVERSE CURRENT, MICROAMPERES
PEAK FORWARD SURGE CURRENT,
1000
150 125 100 75 50 25 0
8.3ms Single Half Since-Wave JEDEC Method
100
TJ= 125 C
O
TJ= 75 C 10
O
1.0
1
2
5
10
20
50
100
TJ= 25 C
O
NO. OF CYCLE AT 60HZ
Fig.4- MAXIMUM NON - REPETITIVE SURGE CURRENT
0.1 20 40 60 80 100 120
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
80
CAPACITANCE, pF
70
TJ = 25 C
O
FIG.3 TYPICAL REVERSE CHARACTERISTICS
60 50 40 20 10 1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE, VOLTS
Fig.5- TYPICAL JUNCTION CAPACITANCE
STAD-MAR.06.2009
PAGE . 2


▲Up To Search▲   

 
Price & Availability of ER1600CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X