Part Number Hot Search : 
SR3060 AJ32C5 NTE1484 MMSZ22T1 LTC44 PJ1930 6D860 SC550
Product Description
Full Text Search
 

To Download EP6700-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14 Pin Single-in-Line Package Passive Delay Lines
Zo OHMS 10%
DELAY nS 5% or 2 nS 10 20 30 40 50 60 70 80 90 100
TAP DELAYS 5% or 2 nS 1 0.5 2 0.5 3 0.5 4 0.5 5 1.0 6 1.0 7 1.0 8 1.0 9 1.0 10
RISE TIME nS Max. 2 4 6 8 10 12 14 16 18 20
DCR OHMS Max.
PCA PART NUMBER
Zo OHMS 10%
DELAY nS 5% or 2 nS 20 40 60 80 100 120 140 160 180 200
TAP DELAYS 5% or 2 nS 2 0.5 4 0.5 6 1.0 8 1.0 10 12 14 16 18 20
RISE TIME nS Max. 4 8 12 16 20 24 28 32 36 40
DCR OHMS Max.
PCA PART NUMBER
50 50 50 50 50 50 50 50 50 50
1 1 1 1 1 2 2 2 2 2
EP6700-1 EP6700-2 EP6700-3 EP6700-4 EP6700-5 EP6700-6 EP6700-7 EP6700-8 EP6700-9 EP6700-10
100 100 100 100 100 100 100 100 100 100
4 4 4 4 4 6 6 6 6 6
EP6700-11 EP6700-12 EP6700-13 EP6700-14 EP6700-15 EP6700-16 EP6700-17 EP6700-18 EP6700-19 EP6700-20
Whichever is greater. Optional: Output internally terminated, add "T" after PCA P/N; ex. EP6700-IT
DC Electrical Characteristics
Distortion Temperature Coefficient of Delay Insulation Resistance @ 100 Vdc Dielectric Strength
Min
Max
10 100
Unit
% PPM/C Meg Ohms Vdc
Schematic
1K 100
3 IN
4
5
6
7
8
9
10 11 12
13 OUT
1
GROUND
14
Recommended Operating Conditions
PW* D* TA Pulse Width % of Total Delay Duty Cycle Operating Free Air Temperature
Min
200 0
Max
40 70
Unit
% % C
Package Dimensions
*These two values are inter-dependent.
1.465 Max. PCA EP6700-1 Date Code .375 .015 Max. Min. .135 Min.
.215 Max
Input Pulse Test Conditions @ 25C
VIN PW TRI PRR Pulse Input Voltage Pulse Width % of Total Delay Input Rise Time (10 - 90%) Pulse Repetition Rate @ Td 150 nS Pulse Repetition Rate @ Td > 150 nS 3 Volts 300 % 2.0 nS 1.0 MHz 300 KHz
.010 Typ. C L
.022 Typ.
.100 Typ.
DSD6700
Rev. B
2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791


▲Up To Search▲   

 
Price & Availability of EP6700-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X