Part Number Hot Search : 
PI3B3244 AT102 SMBJ200A ELECT CP0508 MC33663 FST8035 PI5C3253
Product Description
Full Text Search
 

To Download DDTC113ZUA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTC (R1R2 SERIES) UA
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary PNP Types Available (DDTA) Built-In Biasing Resistors, R1R2 Lead Free/RoHS Compliant (Note 1) "Green" Device (Note 2 & 3)
A
SOT-323 Dim A
BC
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18
B C D
Mechanical Data
* * * * * * * * * * Case: SOT-323 H Case Material: Molded Plastic, "Green" Molding Compound, Note 3. UL Flammability Classification Rating 94V-0 K Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram J Terminals: Solderable per MIL-STD-202, Method 208 L D E Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking Information: See Page 4 Type Code: See Table Below Ordering Information: See Page 4 OUT Weight: 0.006 grams (approximate) 3 P/N R1 (NOM) R2 (NOM) Type Code C N02 10K DDTC113ZUA 1K R1 N05 B 10K DDTC123YUA 2.2K N06 DDTC123JUA 47K 2.2K R2 N09 DDTC143XUA 10K 4.7K N10 DDTC143FUA 22K 4.7K E N11 DDTC143ZUA 47K 4.7K 1 2 N14 DDTC114YUA 47K 10K GND(0) IN N15 DDTC114WUA 4.7K 10K Schematic and Pin Configuration N18 DDTC124XUA 47K 22K N21 DDTC144VUA 10K 47K N22 DDTC144WUA 22K 47K @TA = 25C unless otherwise specified Symbol VCC DDTC113ZUA DDTC123YUA DDTC123JUA DDTC143XUA DDTC143FUA DDTC143ZUA DDTC114YUA DDTC114WUA DDTC124XUA DDTC144VUA DDTC144WUA DDTC113ZUA DDTC123YUA DDTC123JUA DDTC143XUA DDTC143FUA DDTC143ZUA DDTC114YUA DDTC114WUA DDTC124XUA DDTC144VUA DDTC144WUA All Value 50 -5 to +10 -5 to +12 -5 to +12 -7 to +20 -6 to +30 -5 to +30 -6 to +40 -10 to +30 -10 to +40 -15 to +40 -10 to +40 100 100 100 100 100 100 70 100 50 30 30 100
G
0.65 Nominal
E G
M
H J K L M
0 8 All Dimensions in mm
IN B
1
3
C OUT
GND (0)
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
Characteristic
2
E
Unit V
VIN
V
Equivalent Inverter Circuit
Output Current
IO
mA
Output Current
Notes:
IC (Max)
mA
1. No purposefully added lead. 2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 3. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30322 Rev. 9 - 2
1 of 4 www.diodes.com
DDTC (R1R2 SERIES) UA
(c) Diodes Incorporated
Maximum Ratings (continued)
@TA = 25C unless otherwise specified Symbol All IC (Max) Pd RJA Tj, TSTG Value 100 200 625 -55 to +150 Unit mA mW C/W C
Characteristic Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 4) Operating and Storage Temperature Range
Notes: 4. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
Electrical Characteristics
@TA = 25C unless otherwise specified Symbol Min 0.3 0.3 0.5 0.3 0.3 0.5 0.3 0.8 0.4 1.0 0.8 Typ Max Unit Test Condition
Input Voltage
Input Voltage
Characteristic DDTC113ZUA DDTC123YUA DDTC123JUA DDTC143XUA DDTC143FUA DDTC143ZUA DDTC114YUA DDTC114WUA DDTC124XUA DDTC144VUA DDTC144WUA DDTC113ZUA DDTC123YUA DDTC123JUA DDTC143XUA DDTC143FUA DDTC143ZUA DDTC114YUA DDTC114WUA DDTC124XUA DDTC144VUA DDTC144WUA
Vl(off)
VCC = 5V, IO = 100A
Vl(on)
3.0 3.0 1.1 2.5 1.3 1.3 1.4 3.0 2.5 5.0 4.0 0.3 7.2 3.8 3.6 1.8 1.8 1.8 0.88 0.88 0.36 0.16 0.16 0.5
V
Output Voltage DDTC113ZUA DDTC123YUA DDTC123JUA DDTC143XUA DDTC143FUA DDTC143ZUA DDTC114YUA DDTC114WUA DDTC124XUA DDTC144VUA DDTC144WUA DDTC113ZUA DDTC123YUA DDTC123JUA DDTC143XUA DDTC143FUA DDTC143ZUA DDTC114YUA DDTC114WUA DDTC124XUA DDTC144VUA DDTC144WUA
VO(on)
0.1
V
VO = 0.3V, IO = 20mA VO = 0.3V, IO = 20mA VO = 0.3V, IO = 5mA VO = 0.3V, IO = 20mA VO = 0.3V, IO = 3mA VO = 0.3V, IO = 5mA VO = 0.3V, IO = 1mA VO = 0.3V, IO = 2mA VO = 0.3V, IO = 2mA VO = 0.3V, IO = 2mA VO = 0.3V, IO = 2mA IO/Il = 5mA/0.25mA DDTC123JUA IO/Il = 5mA/0.25mA DDTC143ZUA IO/Il = 5mA/0.25mA DDTC114YUA IO/Il = 10mA/0.5mA All Others
Input Current
Il
mA
VI = 5V
Output Current
IO(off)
DC Current Gain
Gl
33 33 80 30 68 80 68 24 68 33 56 -30 -20
A
VCC = 50V, VI = 0V VO = 5V, IO = 5mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 10mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VO = 5V, IO = 5mA VCE = 10V, IE = 5mA, f = 100MHz
Input Resistor Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
R1 R2/R1 fT
250
+30 +20
% % MHz
DS30322 Rev. 9 - 2
2 of 4 www.diodes.com
DDTC (R1R2 SERIES) UA
(c) Diodes Incorporated
Typical Curves - DDTC123JUA
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50
0.001
0 50 100 150
0
10
20
30
40
50
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
4
f = 1MHz
1,000
hFE, DC CURRENT GAIN
COB, CAPACITANCE (pF)
3
100
2
1
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0 0 5 10 15 20 25 30 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
100
10
IC , COLLECTOR CURRENT (mA)
10
1
Vin, INPUT VOLTAGE (V)
1 6 7 8 9
1
0.1
0.01
0.001 0 2 3 4 5 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30322 Rev. 9 - 2
3 of 4 www.diodes.com
DDTC (R1R2 SERIES) UA
(c) Diodes Incorporated
Ordering Information (Note 3 & 5)
Device DDTC113ZUA-7-F DDTC123YUA-7-F DDTC123JUA-7-F DDTC143XUA-7-F DDTC143FUA-7-F DDTC143ZUA-7-F DDTC114YUA-7-F DDTC114WUA-7-F DDTC124XUA-7-F DDTC144VUA-7-F DDTC144WUA-7-F
Notes:
Packaging SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323 SOT-323
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
NXX = Product Type Marking Code See Page 1 Diagrams YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
NXX
Date Code Key Year Code Month Code
2002 N Jan 1
2003 P Feb 2
2004 R Mar 3
YM
2005 S Apr 4
2006 T May 5 Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30322 Rev. 9 - 2
4 of 4 www.diodes.com
DDTC (R1R2 SERIES) UA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTC113ZUA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X