|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CPT400120-CPT400150 A R G Baseplate A=Common Anode B Q N W Baseplate Common Cathode U C H V E Baseplate D=Doubler Notes: Baseplate: Nickel plated copper Schottky PowerMod Dim. Inches Min. A B C E F G H N Q R U V W Millimeters Min. Max. Notes Max. F U --3.630 0.800 0.700 0.630 --0.130 0.120 0.510 0.490 1.375 BSC --0.010 ----0.290 0.275 3.150 BSC 0.600 --0.312 0.340 0.180 0.195 --92.20 17.78 20.32 --16.00 3.30 3.05 12.45 12.95 34.92 BSC --0.25 ----6.99 7.37 80.01 BSC 15.24 --7.92 8.64 4.57 4.95 1/4-20 Dia. Dia. Microsemi Catalog Number CPT400120* CPT400150* Industry Part Number 409CNQ120 409CNQ150 Repetitive Peak Working Peak Reverse Voltage Reverse Voltage 120V 150V 120V 150V Schottky Barrier Rectifier Guard Ring Protection 400 Amperes/120-150 Volts 175C Junction Temperature Reverse Energy Tested *Add Suffix A for Common Anode, D for Doubler ROHS Compliant Electrical Characteristics I F(AV) 400 Amps Average forward current per pkg I F(AV) 200 Amps Average forward current per leg I FSM 3000 Amps Maximum surge current per leg Maximum repetitive reverse current per leg I R(OV) 2 Amps VFM .89 Volts Max peak forward voltage per leg VFM .69 Volts Max peak forward voltage per leg I RM 50 mA Max peak reverse current per leg I RM 6.0 mA Max peak reverse current per leg CJ 3400 pF Typical junction capacitance per leg T C = 121C, Square wave, R0JC = 0.16C/W T C = 121C, Square wave, R0JC = 0.32C/W 8.3ms, half sine, T = 175C J f = 1 KHZ, 25C, 1sec square wave I FM = 200A: J = 25C* T I FM = 200A: J = 175C* T VRRM, TJ = 125C* VRRM, TJ = 25C VR = 5.0V,T C = 25C *Pulse test: Pulse width 300sec, Duty cycle 2% Thermal and Mechanical Characteristics Storage temp range Operating junction temp range Max thermal resistance per leg Max thermal resistance per pkg Typical thermal resistance (greased) Terminal Torque Mounting Base Torque (outside holes) Mounting Base Torque (center hole) center hole must be torqued first Weight T STG TJ R OJC R OJC R OCS -55C to 175C -55C to 175C 0.32C/W Junction to case 0.16C/W Junction to case 0.08C/W Case to sink 35-50 inch pounds 30-40 inch pounds 8-10 inch pounds 2.8 ounces (77 grams) typical www.microsemi.com January, 2010 - Rev. 1 CPT400120-CPT400150 Figure 1 Typical Forward Characteristics - Per Leg Figure 3 Typical Junction Capacitance - Per Leg 100,000 60,000 40,000 Junction Capacitance - pF 20,000 10,000 6000 4000 2000 1000 0.1 2000 1000 800 600 400 Instantaneous Forward Current - Amperes 0.5 1.0 5.0 10 50 100 Reverse Voltage - Volts Figure 4 200 Maximum Allowable Case Temperature - C 175 C 25 C Forward Current Derating - Per Leg 175 165 155 145 135 125 115 105 90 0 60 120 120 180 180 240 DC 300 100 80 60 40 20 10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Instantaneous Forward Voltage - Volts Average Forward Current - Amperes Figure 2 Typical Reverse Characteristics - Per Leg 1000 Typical Reverse Current - mA 100 175 C 10 1.0 0.1 .01 125 C Maximum Power Dissipation - Watts Figure 5 Maximum Forward Power Dissipation - Per Leg 210 DC 180 150 120 90 60 30 0 0 60 120 180 240 300 Average Forward Current - Amperes 90 120 180 75 C 25 C 0 20 40 60 80 100 Reverse Voltage - Volts www.microsemi.com January, 2010 - Rev. 1 |
Price & Availability of CPT400120 |