Part Number Hot Search : 
C20T10Q UF4003S B14NK60Z UF4003S KE39A SCHIP DFLT17A MIC920
Product Description
Full Text Search
 

To Download CMZ5923B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMZ5913B THRU CMZ5956B SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 5% TOLERANCE
w w w. c e n t r a l s e m i . c o m
SMA CASE FEATURES:
* * * * Super miniature case 200 Watts of TVS power 5% Tolerance Superior lot to lot consistency
DESCRIPTION: The CENTRAL SEMICONDUCTOR 1.5 Watt Surface Mount Silicon Zener Diode is a high quality, well constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment, computer, and automotive applications where small size is required. The SMA case occupies 30% less board space than the SMB case. To order devices on 12mm Tape and Reel (5000/13" Reel), add TR13 suffix to part number. MARKING: SEE MARKING CODE ON ELECTRICAL CHARACTERISTIC TABLE
* Low cost * High reliability * "C" bend construction provides strain relief when mounted on pc board SYMBOL IFSM PD PD PPK PPK TJ, Tstg JL JA UNITS A W W W W C C/W C/W
MAXIMUM RATINGS: (TA=25C unless otherwise noted) Peak Forward Surge Current, tp=8.3ms Power Dissipation (TL=75C) Power Dissipation Peak Power Dissipation, tp=10x1000s (TL<25C) Peak Power Dissipation, tp=8x20s (TL<25C) Operating and Storage Junction Temperature Thermal Resistance Thermal Resistance
20 1.5 0.9 200 1000 -65 to +150 50 139
ELECTRICAL CHARACTERISTICS: (TA=25C), VF=1.5V MAX @ IF=200mA (for all types)
ZENER VOLTAGE TYPE MIN V CMZ5913B CMZ5914B CMZ5915B CMZ5916B CMZ5917B CMZ5918B CMZ5919B CMZ5920B CMZ5921B CMZ5922B CMZ5923B CMZ5924B CMZ5925B CMZ5926B 3.135 3.420 3.705 4.085 4.465 4.845 5.320 5.890 6.460 7.125 7.790 8.645 9.500 10.45 VZ @ IZT NOM V 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 MAX V 3.465 3.780 4.095 4.515 4.935 5.355 5.880 6.510 7.140 7.875 8.610 9.555 10.50 11.55 IZT mA 113.6 104.2 96.1 87.2 79.8 73.5 66.9 60.5 55.1 50.0 45.7 41.2 37.5 34.1 ZZT @ IZT 10 9.0 7.5 6.0 5.0 4.0 2.0 2.0 2.5 3.0 3.5 4.0 4.5 5.5 ZZK @ IZK 500 500 500 500 500 350 250 200 200 400 400 500 500 550 mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 IR @ VR A 100 75 25 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 V 1.0 1.0 1.0 1.0 1.5 2.0 3.0 4.0 5.2 6.0 6.5 7.0 8.0 8.4 TEST CURRENT MAXIMUM ZENER IMPEDANCE MAXIMUM REVERSE CURRENT MAXIMUM DC ZENER CURRENT IZM mA 454 416 384 348 319 294 267 241 221 200 183 165 150 136 C5913B C5914B C5915B C5916B C5917B C5918B C5919B C5920B C5921B C5922B C5923B C5924B C5925B C5926B
MARKING CODE
R7 (12-February 2010)
CMZ5913B THRU CMZ5956B SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 5% TOLERANCE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25C), VF=1.5V MAX @ IF=200mA (for all types)
ZENER VOLTAGE TYPE MIN V CMZ5927B CMZ5928B CMZ5929B CMZ5930B CMZ5931B CMZ5932B CMZ5933B CMZ5934B CMZ5935B CMZ5936B CMZ5937B CMZ5938B CMZ5939B CMZ5940B CMZ5941B CMZ5942B CMZ5943B CMZ5944B CMZ5945B CMZ5946B CMZ5947B CMZ5948B CMZ5949B CMZ5950B CMZ5951B CMZ5952B CMZ5953B CMZ5954B CMZ5955B CMZ5956B 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 58.90 64.60 71.25 77.90 86.45 95.00 104.5 114.0 123.5 142.5 152.0 171.0 190.0 VZ @ IZT NOM V 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 MAX V 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 65.10 71.40 78.75 86.10 95.55 105.0 115.5 126.0 136.5 157.5 168.0 189.0 210.0 IZT mA 31.2 28.8 25.0 23.4 20.8 18.7 17.0 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8.0 7.3 6.7 6.0 5.5 5.0 4.6 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.1 1.9 ZZT @ IZT 6.5 7.0 9.0 10 12 14 17.5 19 23 26 33 38 45 53 67 70 86 100 120 140 160 200 250 300 360 450 600 700 900 1200 ZZK @ IZK 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 8000 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 IR @ VR A 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 V 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0 TEST CURRENT MAXIMUM ZENER IMPEDANCE MAXIMUM REVERSE CURRENT MAXIMUM DC ZENER CURRENT IZM mA 125 115 100 94 83 75 68 63 56 50 45 42 38 35 32 29 27 24 22 20 18 16 15 13 12 11 10 9.0 8.0 7.0 C5927B C5928B C5929B C5930B C5931B C5932B C5933B C5934B C5935B C5936B C5937B C5938B C5939B C5940B C5941B C5942B C5943B C5944B C5945B C5946B C5947B C5948B C5949B C5950B C5951B C5952B C5953B C5954B C5955B C5956B
MARKING CODE
SMA CASE - MECHANICAL OUTLINE
R7 (12-February 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMZ5923B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X