Part Number Hot Search : 
MDR2100 KE220 2SK2078 K1602TEW JP503 PI3C6800 GBPC15 NJM2172
Product Description
Full Text Search
 

To Download CMLT3904E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLT3904E CMLT3904EG* NPN CMLT3906E CMLT3906EG* PNP CMLT3946E CMLT3946EG* NPN/PNP ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: These CENTRAL SEMICONDUCTOR devices are combinations of dual, enhanced specification transistors in a space saving SOT-563 package, designed for small signal general purpose amplifier and switching applications. MARKING CODES: CMLT3904E: CMLT3906E: CMLT3946E: CMLT3904EG*: CMLT3906EG*: CMLT3946EG*: L04 L06 L46 C4G C6G 46G
SOT-563 CASE
* Device is Halogen Free by design
ENHANCED SPECIFICATIONS: BVCBO from 40V MIN to 60V MIN (PNP) BVEBO from 5.0V MIN to 6.0V MIN (PNP) MAXIMUM RATINGS: (TA=25C) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Power Dissipation (Note 1) Power Dissipation (Note 2) Power Dissipation (Note 3) Operating and Storage Junction Temperature Thermal Resistance
hFE from 60 MIN to 70 MIN (NPN/PNP) VCE(SAT) from 0.3V MAX to 0.2V MAX (NPN) from 0.4V MAX to 0.2V MAX (PNP) SYMBOL VCBO VCEO VEBO IC PD PD PD TJ, Tstg JA UNITS V V V mA mW mW mW C C/W
60 40 6.0 200 350 300 150 -65 to +150 357


Enhanced Specification Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2 (2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2 (3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25C unless otherwise noted) NPN PNP SYMBOL TEST CONDITIONS MIN TYP TYP MAX ICEV VCE=30V, VEB=3.0V 50 BVCBO IC=10A 60 115 90 BVCEO IC=1.0mA 40 60 55 BVEBO IE=10A 6.0 7.5 7.9 VCE(SAT) IC=10mA, IB=1.0mA 0.057 0.050 0.100 VCE(SAT) IC=50mA, IB=5.0mA 0.100 0.100 0.200 VBE(SAT) IC=10mA, IB=1.0mA 0.65 0.75 0.75 0.85 VBE(SAT) IC=50mA, IB=5.0mA 0.85 0.85 0.95 hFE VCE=1.0V, IC=0.1mA 90 240 130 hFE VCE=1.0V, IC=1.0mA 100 235 150 hFE VCE=1.0V, IC=10mA 100 215 150 300 hFE VCE=1.0V, IC=50mA 70 110 120 hFE VCE=1.0V, IC=100mA 30 50 55 -
UNITS nA V V V V V V V
R4 (20-January 2010)
CMLT3904E CMLT3904EG* NPN CMLT3906E CMLT3906EG* PNP CMLT3946E CMLT3946EG* NPN/PNP ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued: (TA=25C) SYMBOL TEST CONDITIONS MIN fT VCE=20V, IC=10mA, f=100MHz 300 Cob VCB=5.0V, IE=0, f=1.0MHz Cib VBE=0.5V, IC=0, f=1.0MHz hie VCE=10V, IC=1.0mA, f=1.0kHz 1.0 hre VCE=10V, IC=1.0mA, f=1.0kHz 0.1 hfe VCE=10V, IC=1.0mA, f=1.0kHz 100 hoe VCE=10V, IC=1.0mA, f=1.0kHz 1.0 NF VCE=5.0V, IC=100A, RS =1.0k f=10Hz to 15.7kHz td VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA tr VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA ts VCC=3.0V, IC=10mA, IB1=IB2=1.0mA tf VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
MAX 4.0 8.0 12 10 400 60 4.0 35 35 200 50
UNITS MHz pF pF k x10-4 S dB ns ns ns ns
SOT-563 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) Emitter Q1 2) Base Q1 3) Collector Q2 4) Emitter Q2 5) Base Q2 6) Collector Q1
CMLT3904E CMLT3904EG*
* Device is Halogen Free by design
CMLT3906E CMLT3906EG*
CMLT3946E CMLT3946EG* R4 (20-January 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CMLT3904E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X